Zakładka z wyszukiwarką danych komponentów
Selected language     Polish  ▼
Nazwa części
         Szczegóły


ADXL330 Datasheet(Arkusz danych) 8 Page - Analog Devices

Numer części ADXL330
Szczegółowy opis  Small, Low Power, 3-Axis ±3 g i MEMS® Accelerometer
Pobierz  16 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo 

 8 page
background image
ADXL330
Rev. A | Page 8 of 16
60
0
10
20
30
40
50
0.26
0.34
0.33
0.32
0.31
0.30
0.29
0.28
0.27
SENSITIVITY (V/g)
Figure 17. X-Axis Sensitivity at 25°C, VS = 3 V
70
60
0
10
20
30
40
50
0.26
0.34
0.33
0.32
0.31
0.30
0.29
0.28
0.27
SENSITIVITY (V/g)
Figure 18. Y-Axis Sensitivity at 25°C, VS = 3 V
70
60
0
10
20
30
40
50
0.25
0.33
0.32
0.31
0.30
0.29
0.28
0.27
0.26
SENSITIVITY (V/g)
Figure 19. Z-Axis Sensitivity at 25°C, VS = 3 V
35
30
0
5
10
15
20
25
0.170 0.174 0.178 0.182 0.186 0.190 0.194 0.198 0.202 0.206 0.210
SENSITIVITY (V/g)
Figure 20. X-Axis Sensitivity at 25°C, VS = 2 V
40
35
30
0
5
10
15
20
25
0.170 0.174 0.178 0.182 0.186 0.190 0.194 0.198 0.202 0.206 0.210
SENSITIVITY (V/g)
Figure 21. Y-Axis Sensitivity at 25°C, VS = 2 V
40
35
30
0
5
10
15
20
25
0.172 0.176 0.180 0.184 0.188 0.192 0.196 0.200 0.204 0.208 0.212
SENSITIVITY (V/g)
Figure 22. Z-Axis Sensitivity at 25°C, VS = 2 V




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16 


Datasheet Download



Powiązane numery części

Numer częściSzczegółowy opis komponentówHtml ViewProducent
STEVAL-MKI006V1MEMS 3-axis - ±2g/±8g digital output low power linear accelerometer evaluation board based on LIS302DL 1 2 3 4 STMicroelectronics
SCA3000-D013-AXIS LOW POWER ACCELEROMETER WITH DIGITAL SPI INTERFACE 1 2 3 4 VTI technologies
SCA3000-D023-AXIS LOW POWER ACCELEROMETER WITH DIGITAL I2C INTERFACE 1 2 3 4 VTI technologies
SCA3000-E013-AXIS ULTRA LOW POWER ACCELEROMETER WITH DIGITAL SPI INTERFACE 1 2 3 4 VTI technologies
SCA3000-E023-AXIS ULTRA LOW POWER ACCELEROMETER WITH DIGITAL I2C INTERFACE 1 2 3 4 VTI technologies
SCA3000-E043-AXIS ULTRA LOW POWER ACCELEROMETER WITH DIGITAL SPI INTERFACE 1 2 3 4 VTI technologies
SCA3000-E053-AXIS ULTRA LOW POWER ACCELEROMETER WITH DIGITAL SPI INTERFACE 1 2 3 4 VTI technologies
STEVAL-MKI004V1MEMS 3-axis - ±2g/±6g digital output low voltage linear accelerometer evaluation board based on LIS3LV02DQ 1 2 3 4 STMicroelectronics
LIS3LV02DL_08MEMS inertial sensor 3-axis - ±2g/±6g digital output low voltage linear accelerometer 1 2 3 4 5 MoreSTMicroelectronics
SP6122_04Low Voltage Micro 8 PFET Buck Controller Ideal for 1A to 5A Small Footprint DC-DC Power Converters 1 2 3 4 5 MoreSipex Corporation

Link URL

Czy Alldatasheet okazała się pomocna?  [ DONATE ]  

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Dodaj do ulubionych   |   Linki   |   Lista producentów
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl