Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ADUM5201CRWZ1 Arkusz danych(PDF) 5 Page - Analog Devices

Numer części ADUM5201CRWZ1
Szczegółowy opis  Dual-Channel Isolators with Integrated DC/DC Converter
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

ADUM5201CRWZ1 Arkusz danych(HTML) 5 Page - Analog Devices

  ADUM5201CRWZ1 Datasheet HTML 1Page - Analog Devices ADUM5201CRWZ1 Datasheet HTML 2Page - Analog Devices ADUM5201CRWZ1 Datasheet HTML 3Page - Analog Devices ADUM5201CRWZ1 Datasheet HTML 4Page - Analog Devices ADUM5201CRWZ1 Datasheet HTML 5Page - Analog Devices ADUM5201CRWZ1 Datasheet HTML 6Page - Analog Devices ADUM5201CRWZ1 Datasheet HTML 7Page - Analog Devices ADUM5201CRWZ1 Datasheet HTML 8Page - Analog Devices ADUM5201CRWZ1 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 23 page
background image
Preliminary Technical Data
ADuM5200/5201/5202
Rev. PrA | Page 5 of 23
ELECTRICAL CHARACTERISTICS – 3.3V PRIMARY INPUT SUPPLY / 3.3V SECONDARY ISOLATED SUPPLY1
3.0 V ≤ VDD1 ≤ 3.6 V, VSEL=GNDISO; all voltages are relative to their respective ground. All min/max specifications apply over the entire
recommended operating range, unless otherwise noted. All typical specifications are at TA = 25°C, VDD = 3.3 V, VISO = 3.3 V, VSEL=
GNDISO.
Table 2.
Parameter
Symbol
Min
Typ
Max
Unit
Test Conditions
Setpoint
VISO
3.13
3.3
3.37
V
IISO=0mA
Line Regulation
VISO(LINE)
1
mV/V
IISO=37.5 mA, VDD1=3.0V to 3.6V
Load Regulation
VISO(LOAD)
1
5
%
IISO = 6mA to 54mA
Output Ripple
VISO(RIP)
50
mVP-P
20MHz Bandwidth, CBO=0.1
μF ║ 10μF,
IISO = 90mA
Output Noise
VISO(N)
130
mVP-P
20MHz Bandwidth, CBO=0.1
μF ║ 10μF,
IISO = 90mA
Switching Frequency
fOSC
180
MHz
PWM Frequency
fPWM
625
kHz
DC to 2 Mbps Data Rate2
Maximum Output Supply Current3
IISO(max)
60
mA
f ≤ 1 MHz, VISO=3.15V
Efficiency At Max. Output Supply Current4
36
%
IISO = IISO(2,max), f
≤ 1 MHz
IDD1 Supply Current, No VISO load5
IDD1(Q)
10
20
mA
IISO = 0mA, f
≤ 1 MHz
25 Mbps Data Rate (CRWZ Grade Only)
IDD1 Supply Current, No VISO Load6
ADuM5200
IDD1(D)
23
mA
IISO = 0mA, CL=15pF, f
= 12.5 MHz
ADuM5201
IDD1(D)
25
mA
IISO = 0mA, CL=15pF, f
= 12.5 MHz
ADuM5202
IDD1(D)
28
mA
IISO = 0mA, CL=15pF, f
= 12.5 MHz
Available VISO Supply Current7
ADuM5200
IISO(LOAD)
106
mA
CL=15pF, f
= 12.5 MHz
ADuM5201
IISO(LOAD)
105
mA
CL=15pF, f
= 12.5 MHz
ADuM5202
IISO(LOAD)
103
mA
CL=15pF, f
= 12.5 MHz
IDD1 Supply Current, Full VISO load8
IDD1(Max)
175
mA
CL=0pF, f
= 0 MHz, VDD = 3.3V,
IISO=60mA
Input Currents
IIA, IIB
−10
+0.01
+10
μA
Logic High Input Threshold
VIH
0.7 × VISO,
0.7 × VIDD1
V
Logic Low Input Threshold
VIL
0.3 ×
VISO,
0.3 ×
VIDD1
V
Logic High Output Voltages
VOAH, VOBH
VDD1 − 0.2,
VISO − 0.2
5.0
V
IOx = −20 μA, VIx = VIxH
VOAH, VOBH
VDD1 − 0.5,
V1SO − 0.5
4.8
V
IOx = −4 mA, VIx = VIxH
Logic Low Output Voltages
VOAL, VOBL
0.0
0.1
V
IOx = 20 μA, VIx = VIxL
VOAL, VOBL
0.0
0.4
V
IOx = 4 mA, VIx = VIxL
AC SPECIFICATIONS
ADuM520xARWZ
Minimum Pulse Width9
PW
1000
ns
CL = 15 pF, CMOS signal levels
Maximum Data Rate10
1
Mbps
CL = 15 pF, CMOS signal levels
Propagation Delay11
tPHL, tPLH
60
100
ns
CL = 15 pF, CMOS signal levels
Pulse-Width Distortion, |tPLH − tPHL|11
PWD
40
ns
CL = 15 pF, CMOS signal levels
Propagation Delay Skew12
tPSK
50
ns
CL = 15 pF, CMOS signal levels
Channel-to-Channel Matching13
tPSKCD/OD
50
ns
CL = 15 pF, CMOS signal levels
ADuM520xCRWZ


Podobny numer części - ADUM5201CRWZ1

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
ADUM5201CRWZ AD-ADUM5201CRWZ Datasheet
546Kb / 24P
   Dual Channel Isolators with Integrated DC-to-DC Converter
REV. 0
ADUM5201CRWZ AD-ADUM5201CRWZ Datasheet
486Kb / 28P
   Dual-Channel, 2.5 kV Isolators with Integrated DC-to-DC Converter
REV. B
ADUM5201CRWZ AD-ADUM5201CRWZ Datasheet
486Kb / 28P
   Dual-Channel, 2.5 kV Isolators with Integrated DC-to-DC Converter
Rev. B
More results

Podobny opis - ADUM5201CRWZ1

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
ADUM5200 AD-ADUM5200_08 Datasheet
546Kb / 24P
   Dual Channel Isolators with Integrated DC-to-DC Converter
REV. 0
ADUM5240 AD-ADUM5240 Datasheet
142Kb / 10P
   Dual-Channel Isolators with Integrated DC/DC Converter, 50 mW
Rev PrN November 17, 2006
ADUM5200 AD-ADUM5200_V01 Datasheet
486Kb / 28P
   Dual-Channel, 2.5 kV Isolators with Integrated DC-to-DC Converter
Rev. B
ADUM6200 AD-ADUM6200 Datasheet
569Kb / 28P
   Dual-Channel, 5 kV Isolators with Integrated DC-to-DC Converter
Rev. C
ADUM6201CRWZ AD-ADUM6201CRWZ Datasheet
569Kb / 28P
   Dual-Channel, 5 kV Isolators with Integrated DC-to-DC Converter
REV. C
ADUM5201ARWZ-RL AD-ADUM5201ARWZ-RL Datasheet
486Kb / 28P
   Dual-Channel, 2.5 kV Isolators with Integrated DC-to-DC Converter
REV. B
ADUM6201CRWZ AD-ADUM6201CRWZ Datasheet
569Kb / 28P
   Dual-Channel, 5 kV Isolators with Integrated DC-to-DC Converter
REV. C
ADUM6201CRWZ AD-ADUM6201CRWZ Datasheet
569Kb / 28P
   Dual-Channel, 5 kV Isolators with Integrated DC-to-DC Converter
REV. C
ADUM5200W AD-ADUM5200W Datasheet
515Kb / 28P
   Dual-Channel, 2.5 kV Isolators with Integrated DC-to-DC Converter
Rev. 0
ADUM5401WCRWZ AD-ADUM5401WCRWZ Datasheet
536Kb / 24P
   Quad-Channel Isolators with Integrated DC-to-DC Converter
Rev. D
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com