Zakładka z wyszukiwarką danych komponentów |
|
ADUM5402ARWZ2 Arkusz danych(PDF) 4 Page - Analog Devices |
|
ADUM5402ARWZ2 Arkusz danych(HTML) 4 Page - Analog Devices |
4 / 24 page ADuM5401/ADuM5402/ADuM5403/ADuM5404 Rev. 0 | Page 4 of 24 Parameter Symbol Min Typ Max Unit Test Conditions/Comments ADuM5401CRWZ/ADuM5402CRWZ/ ADuM5403CRWZ/ADuM5404CRWZ Minimum Pulse Width PW 40 ns CL = 15 pF, CMOS signal levels Maximum Data Rate 25 Mbps CL = 15 pF, CMOS signal levels Propagation Delay tPHL, tPLH 45 60 ns CL = 15 pF, CMOS signal levels Pulse Width Distortion, |tPLH − tPHL| PWD 6 ns CL = 15 pF, CMOS signal levels Change vs. Temperature 5 ps/°C CL = 15 pF, CMOS signal levels Propagation Delay Skew tPSK 15 ns CL = 15 pF, CMOS signal levels Channel-to-Channel Matching, Codirectional Channels tPSKCD 6 ns CL = 15 pF, CMOS signal levels Channel-to-Channel Matching, Opposing Directional Channels tPSKOD 15 ns CL = 15 pF, CMOS signal levels Output Rise/Fall Time (10% to 90%) tR/tF 2.5 ns CL = 15 pF, CMOS signal levels Common-Mode Transient Immunity at Logic High Output |CMH| 25 35 kV/μs VIx = VDD or VISO, VCM = 1000 V, transient magnitude = 800 V Common-Mode Transient Immunity at Logic Low Output |CML| 25 35 kV/μs VIx = 0 V, V = 1000 V, transient magnitude = 800 V Refresh Rate fr 1.0 Mbps 1 The contributions of supply current values for all four channels are combined at identical data rates. 2 The VISO supply current is available for external use when all data rates are below 2 Mbps. At data rates above 2 Mbps, the data I/O channels draw additional current proportional to the data rate. Additional supply current associated with an individual channel operating at a given data rate can be calculated as described in the Power Consumption section. The dynamic I/O channel load must be treated as an external load and included in the VISO power budget. 3 The power demands of the quiescent operation of the data channels cannot be separated from the power supply section. Efficiency includes the quiescent power consumed by the I/O channels as part of the internal power consumption. 4 This current is available for driving external loads at the VISO pin. All channels are simultaneously driven at a maximum data rate of 25 Mbps with full capacitive load representing the maximum dynamic load conditions. Refer to the Power Consumption section for calculation of available current at less than the maximum data rate. |
Podobny numer części - ADUM5402ARWZ2 |
|
Podobny opis - ADUM5402ARWZ2 |