Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ADP120-33-EVALZ Arkusz danych(PDF) 9 Page - Analog Devices

Numer części ADP120-33-EVALZ
Szczegółowy opis  100 mA, Low Quiescent Current, CMOS Linear Regulator
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

ADP120-33-EVALZ Arkusz danych(HTML) 9 Page - Analog Devices

Back Button ADP120-33-EVALZ Datasheet HTML 5Page - Analog Devices ADP120-33-EVALZ Datasheet HTML 6Page - Analog Devices ADP120-33-EVALZ Datasheet HTML 7Page - Analog Devices ADP120-33-EVALZ Datasheet HTML 8Page - Analog Devices ADP120-33-EVALZ Datasheet HTML 9Page - Analog Devices ADP120-33-EVALZ Datasheet HTML 10Page - Analog Devices ADP120-33-EVALZ Datasheet HTML 11Page - Analog Devices ADP120-33-EVALZ Datasheet HTML 12Page - Analog Devices ADP120-33-EVALZ Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
ADP120
Rev. A | Page 9 of 20
0
–10
–20
–30
–40
–50
–60
–70
–80
–90
–100
10
100k
10k
1k
100
10M
1M
FREQUENCY (Hz)
100mA
VRIPPLE = 50mV
VIN = 5V
VOUT = 1.2V
COUT = 1µF
10mA
1mA
100µA
NO LOAD
Figure 17. Power Supply Rejection Ratio vs. Frequency
0
–10
–20
–30
–40
–50
–60
–70
–80
–90
–100
10
100k
10k
1k
100
10M
1M
FREQUENCY (Hz)
100mA
VRIPPLE = 50mV
VIN = 5V
VOUT = 1.8V
COUT = 1µF
10mA
1mA
100µA
NO LOAD
Figure 18. Power Supply Rejection Ratio vs. Frequency
0
–10
–20
–30
–40
–50
–60
–70
–80
–90
–100
10
100k
10k
1k
100
10M
1M
FREQUENCY (Hz)
100mA
VRIPPLE = 50mV
VIN = 5V
VOUT = 3.3V
COUT = 1µF
10mA
1mA
100µA
NO LOAD
Figure 19. Power Supply Rejection Ratio vs. Frequency
0
–10
–20
–30
–40
–50
–60
–70
–80
–90
–100
10
100k
10k
1k
100
10M
1M
FREQUENCY (Hz)
3.3V/100mA
3.3V/100µA
1.2V/100mA
1.2V/100µA
1.8V/100mA
1.8V/100µA
Figure 20. Power Supply Rejection Ratio vs. Frequency,
Various Output Voltages and Load Currents
10
0.01
0.1
1
10
10k
1k
100
100k
FREQUENCY (Hz)
1.2V
1.8V
3.3V
Figure 21. Output Noise Spectrum, VIN = 5 V, ILOAD = 10 mA, COUT = 1 μF
70
60
50
40
30
20
10
0
0.001
0.01
0.1
1
10
100
ILOAD (mA)
3.3V
2.5V
1.8V
1.5V
1.2V
Figure 22. Output Noise vs. Load Current and Output Voltage
VIN = 5 V, COUT = 1 μF


Podobny numer części - ADP120-33-EVALZ

ProducentNumer częściArkusz danychSzczegółowy opis
logo
List of Unclassifed Man...
ADP1201 ETC-ADP1201 Datasheet
72Kb / 4P
   PRECISION SEMICONDUCTOR PRESSURE SENSOR
More results

Podobny opis - ADP120-33-EVALZ

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
ADP121-AUJZ12R7 AD-ADP121-AUJZ12R7 Datasheet
667Kb / 20P
   150 mA, Low Quiescent Current, CMOS Linear Regulator
Rev. G
ADP172 AD-ADP172_V01 Datasheet
2Mb / 17P
   300 mA, Low Quiescent Current, CMOS Linear Regulator
Rev. F
ADP121 AD-ADP121 Datasheet
986Kb / 20P
   150 mA, Low Quiescent Current, CMOS Linear Regulator
REV. 0
ADP172 AD-ADP172_10 Datasheet
579Kb / 20P
   300 mA, Low Quiescent Current, CMOS Linear Regulator
REV. 0
ADP172_101 AD-ADP172_101 Datasheet
586Kb / 20P
   300 mA, Low Quiescent Current CMOS Linear Regulator
REV. B
ADP130 AD-ADP130 Datasheet
491Kb / 20P
   350 mA, Low VIN, Low Quiescent Current, CMOS Linear Regulator
REV. 0
ADP160 AD-ADP160 Datasheet
513Kb / 20P
   Ultralow Quiescent Current, 150 mA, CMOS Linear Regulator
REV. 0
logo
Richtek Technology Corp...
RT9169 RICHTEK-RT9169 Datasheet
245Kb / 12P
   100 mA, 4uA QUIESCENT CURRENT CMOS LDO REGULATOR
logo
Analog Devices
ADP122ACPZ-2.6-R7 AD-ADP122ACPZ-2.6-R7 Datasheet
611Kb / 24P
   5.5 V Input, 300 mA, Low Quiescent Current, CMOS Linear Regulator
Rev. E
logo
Fortune Semiconductor C...
FS8844 FORTUNE-FS8844 Datasheet
691Kb / 10P
   250 mA Low Quiescent Current LDO Linear Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com