Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

CAMSC3QBR Arkusz danych(PDF) 3 Page - List of Unclassifed Manufacturers

Numer części CAMSC3QBR
Szczegółowy opis  HCMOS Oscillator Extra Small Packaging Style Ultra Low Jitter
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ETC2 [List of Unclassifed Manufacturers]
Strona internetowa  
Logo ETC2 - List of Unclassifed Manufacturers

CAMSC3QBR Arkusz danych(HTML) 3 Page - List of Unclassifed Manufacturers

  CAMSC3QBR Datasheet HTML 1Page - List of Unclassifed Manufacturers CAMSC3QBR Datasheet HTML 2Page - List of Unclassifed Manufacturers CAMSC3QBR Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
PIN FUNCTION
1 CONTROL
2 GND
3 OUTPUT
4 Vdd
µµ µ
Recommended Solder Pad Layout
Recommended Solder Pad Layout
PIN FUNCTION
1 CONTROL
2 GND
3 OUTPUT
4 Vdd
CARDINAL COMPONENTS
CARDINAL COMPONENTS
CARDINAL COMPONENTS
Platinum Series
Cardinal Components, Inc., 155 Rt. 46 W, Wayne, NJ. 07470 TEL: (973)785-1333 FAX: (973)785-0053
http://www.cardinalxtal.com
Note: Bypass Vdd to GND with a 0.01 F capacitor
E-Mail: sales@cardinalxtal.com
3
Recommended Solder Pad Layout
Style 3 3.2x2.5 Ceramic SMD
Style 7 5x7 Ceramic SMD
Style 5 5x3.2 Ceramic SMD
HCMOS Oscillator
CAMs
050907-REV. 1.1


Podobny numer części - CAMSC3QBR

ProducentNumer częściArkusz danychSzczegółowy opis
logo
FOTEK CONTROLS CO., LTD...
CAM-2MX FOTEK-CAM-2MX Datasheet
903Kb / 4P
   M18 TUBULAR TYPE PHOTO SENSOR
CAM-2MX-V FOTEK-CAM-2MX-V Datasheet
903Kb / 4P
   M18 TUBULAR TYPE PHOTO SENSOR
CAM-2MXB FOTEK-CAM-2MXB Datasheet
903Kb / 4P
   M18 TUBULAR TYPE PHOTO SENSOR
CAM-2MXB-V FOTEK-CAM-2MXB-V Datasheet
903Kb / 4P
   M18 TUBULAR TYPE PHOTO SENSOR
logo
Mitsumi Electronics, Co...
CAM-B49 MITSUMI-CAM-B49 Datasheet
89Kb / 2P
   Power Supply Voltage and Signal
More results

Podobny opis - CAMSC3QBR

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
LMK61E2 TI1-LMK61E2 Datasheet
1Mb / 51P
[Old version datasheet]   Ultra-Low Jitter Programmable Oscillator
logo
Silicon Laboratories
SI535 SILABS-SI535 Datasheet
323Kb / 12P
   ULTRA LOW JITTER CRYSTAL OSCILLATOR
logo
Caliber Electronics Inc...
OAH10 CALIBER-OAH10 Datasheet
105Kb / 1P
   HCMOS/TTL Oscillator / with Jitter Control
logo
List of Unclassifed Man...
OAH10 ETC2-OAH10 Datasheet
100Kb / 1P
   HCMOS/TTL Oscillator / with Jitter Control
logo
Silicon image
SI535 SILICONIMAGE-SI535 Datasheet
276Kb / 12P
   ULTRA LOW JITTER CRYSTAL OSCILLATOR (XO)
logo
MTRONPTI
M9200 MTRONPTI-M9200 Datasheet
179Kb / 4P
   Ultra Low Jitter Quad Frequency Oscillator
logo
Texas Instruments
LMK61PD0A2 TI1-LMK61PD0A2 Datasheet
1Mb / 27P
[Old version datasheet]   Ultra-Low Jitter Pin Selectable Oscillator
logo
Fox Electronics
O5PU FOX-O5PU Datasheet
245Kb / 3P
   Ultra-Low Jitter 5x3.2mm SMD Oscillator
O7PU FOX-O7PU Datasheet
217Kb / 3P
   Ultra-Low Jitter 7x5mm SMD Oscillator
logo
Skyworks Solutions Inc.
SI535 SKYWORKS-SI535 Datasheet
738Kb / 12P
   ULTRA LOW JITTER CRYSTAL OSCILLATOR (XO)
Rev. 1.3
More results


Html Pages

1 2 3


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com