Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

8XC251TP Arkusz danych(PDF) 11 Page - Intel Corporation

Numer części 8XC251TP
Szczegółowy opis  Hardware Description
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  INTEL [Intel Corporation]
Strona internetowa  http://www.intel.com
Logo INTEL - Intel Corporation

8XC251TP Arkusz danych(HTML) 11 Page - Intel Corporation

Back Button 8XC251TP Datasheet HTML 7Page - Intel Corporation 8XC251TP Datasheet HTML 8Page - Intel Corporation 8XC251TP Datasheet HTML 9Page - Intel Corporation 8XC251TP Datasheet HTML 10Page - Intel Corporation 8XC251TP Datasheet HTML 11Page - Intel Corporation 8XC251TP Datasheet HTML 12Page - Intel Corporation 8XC251TP Datasheet HTML 13Page - Intel Corporation 8XC251TP Datasheet HTML 14Page - Intel Corporation 8XC251TP Datasheet HTML 15Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 18 page
background image
7
8xC251Tx Hardware Description
3.0 THE SECOND SERIAL I/O PORT
The second serial I/O port is functionally the same as the standard serial I/O port shared by both the
8xC251Tx and the 8xC251Sx. This section provides information about the new special function registers
(SFRs) associated with the second serial port. Detailed operation and programming of the serial I/O ports can
be obtained from Chapter 10 of the
8xC251SA, 8xC251SB, 8xC251SP, 8xC251SQ Embedded Microcon-
troller User’s Manual (272795). All the SFRs and control bits for the standard serial I/O port in both the
8xC251Sx and 8xC251Tx have an equivalent in the second serial I/O port. This should be kept in mind when
referencing Chapter 10 of the
8xC251SA, 8xC251SB, 8xC251SP, 8xC251SQ Embedded Microcontroller
User’s Manual (272795).
3.1
Overview
The second serial I/O port provides synchronous and asynchronous communications modes. It operates as a
universal asynchronous receiver and transmitter (UART) in three full-duplex modes (modes 1, 2 and 3).
Asynchronous transmission and reception can occur simultaneously and at different baud rates. The second
UART provides framing-bit error detection, multiprocessor communications and automatic address recog-
nition. The second serial port also operates in a single synchronous mode (mode 0).
The synchronous mode (mode 0) operates at a single baud rate. Mode 2 operates at two baud rates. Modes
1 and 3 operate over a wide range of frequencies, which are generated by Timer 1 and Timer 2.
The second serial I/O port signals are defined in Table 4 and the special function registers are described in
Table 5.
For the three asynchronous modes, the second serial I/O port transmits on the TXD1 pin and receives on the
RXD1 pin. For the synchronous mode (mode 0), the second serial I/O port outputs a clock signal on the TXD1
pin and sends and receives messages on the RXD1 pin. The SBUF1 register holds received bytes and bytes
to be transmitted. To send, software writes a byte to SBUF1; to receive, software reads SBUF1. The receive
shift register allows reception of a second byte before the first byte has been read from SBUF1. However, if
software has not read the first byte by the time the second byte is received, the second byte will overwrite the
first. The second serial I/O port sets interrupts bits TI1 and RI1 on transmission and reception, respectively.
These two share a single interrupt request and interrupt vector.
The serial port control 1 (SCON1) and the secondary serial port control (BGCON) registers configures and
controls the second serial I/O port.
Table 4. Second Serial I/O Port Signals
Function
Name
Type
Description
Multiplexed
With
TXD1
O
Transmit Serial Data. TXD1 outputs the shift clock in serial I/O mode
0 and transmits serial data in serial I/O modes 1, 2 and 3 for the sec-
ond serial I/O port
P1.3/CEX0
RXD1
I/O
Receive Serial Data 1. RXD1 send and receives data in serial I/O
mode 0 and receives data in serial I/O modes 1, 2 and 3 for the sec-
ond serial I/O port
P1.2/ECI


Podobny numer części - 8XC251TP

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Intel Corporation
8XC251TP INTEL-8XC251TP Datasheet
238Kb / 34P
   HIGH-PERFORMANCE CHMOS MICROCONTROLLER
More results

Podobny opis - 8XC251TP

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Melexis Microelectronic...
MINIE-MLX MELEXIS-MINIE-MLX Datasheet
805Kb / 15P
   Hardware Description
logo
Semtech Corporation
SX1272MB2DAS SEMTECH-SX1272MB2DAS Datasheet
844Kb / 4P
   Hardware Description
logo
Hitachi Semiconductor
HD6475328CG HITACHI-HD6475328CG Datasheet
1Mb / 459P
   Manual Gives a Hardware Description
logo
EM Microelectronic - MA...
EME66XX EMMICRO-EME66XX Datasheet
136Kb / 24P
   IN-CIRCUIT EMULATOR HARDWARE DESCRIPTION
logo
Hitachi Semiconductor
HD6475328CG HITACHI-HD6475328CG Datasheet
1Mb / 459P
   Manual Gives a Hardware Description
logo
Exar Corporation
XRT86VL34 EXAR-XRT86VL34_1 Datasheet
1Mb / 63P
   QUAD T1/E1/J1 FRAMER/LIU COMBO - HARDWARE DESCRIPTION
XRT86VX38_0906 EXAR-XRT86VX38_0906 Datasheet
551Kb / 53P
   OCTAL T1/E1/J1 FRAMER/LIU COMBO - HARDWARE DESCRIPTION
XRT86VL32_0709 EXAR-XRT86VL32_0709 Datasheet
372Kb / 65P
   DUAL T1/E1/J1 FRAMER/LIU COMBO - HARDWARE DESCRIPTION
XRT86VL32 EXAR-XRT86VL32_1 Datasheet
1Mb / 65P
   DUAL T1/E1/J1 FRAMER/LIU COMBO - HARDWARE DESCRIPTION
XRT86VL38 EXAR-XRT86VL38_1 Datasheet
1Mb / 66P
   OCTAL T1/E1/J1 FRAMER/LIU COMBO - HARDWARE DESCRIPTION
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com