Zakładka z wyszukiwarką danych komponentów |
|
TS87C51RD2-VIM Arkusz danych(PDF) 1 Page - ATMEL Corporation |
|
TS87C51RD2-VIM Arkusz danych(HTML) 1 Page - ATMEL Corporation |
1 / 83 page Rev. 4188A–8051–10/02 1 Features • 80C52 Compatible – 8051 pin and instruction compatible – Four 8-bit I/O ports – Three 16-bit timer/counters – 256 bytes scratchpad RAM • High-Speed Architecture – 40 MHz @ 5V, 30MHz @ 3V – X2 Speed Improvement capability (6 clocks/machine cycle) – 30 MHz @ 5V, 20 MHz @ 3V (Equivalent to –60 MHz @ 5V, 40 MHz @ 3V) • Dual Data Pointer • On-chip ROM/EPROM (16K-bytes, 32K-bytes, 64K-bytes) • On-chip eXpanded RAM (XRAM) (256 or 768 bytes) • Programmable Clock Out and Up/Down Timer/Counter 2 • Programmable Counter Array with – High Speed Output, –Compare / Capture, – Pulse Width Modulator, – Watchdog Timer Capabilities • Hardware Watchdog Timer (One-time enabled with Reset-Out) • 2 extra 8-bit I/O ports available on RD2 with high pin count packages • Asynchronous port reset • Interrupt Structure with – 7 Interrupt sources, – 4 level priority interrupt system • Full duplex Enhanced UART – Framing error detection – Automatic address recognition • Low EMI (inhibit ALE) • Power Control modes – Idle mode – Power-down mode – Power-off Flag • Once mode (On-chip Emulation) • Power supply: 4.5-5V, 2.7-5.5V • Temperature ranges: Commercial (0 to 70oC) and Industrial (-40 to 85oC) • Packages: PDIL40, PLCC44, VQFP44 1.4, PLCC68, VQFP64 1.4 Description Atmel TS8xC51Rx2 is a high performance CMOS ROM, OTP, EPROM and ROMless versions of the 80C51 CMOS single chip 8-bit microcontroller. The TS8xC51Rx2 retains all features of the 80C51 with extended ROM/EPROM capacity (16/32/64 Kbytes), 256 bytes of internal RAM, a 7-source , 4-level interrupt system, an on-chip oscilator and three timer/counters. In addition, the TS80C51Rx2 has a Programmable Counter Array, an XRAM of 256 or 768 bytes, a Hardware Watchdog Timer, a more versatile serial channel that facilitates multiprocessor communication (EUART) and an X2 speed improvement mechanism. The fully static design of the TS80C51Rx2 allows to reduce system power consump- tion by bringing the clock frequency down to any value, even DC, without loss of data. The TS80C51Rx2 has 2 software-selectable modes of reduced activity for further reduction in power consumption. In the idle mode the CPU is frozen while the timers, the serial port and the interrupt system are still operating. In the power-down mode the RAM is saved and all other functions are inoperative. High Performance 8-bit Microcontroller TS80C51RA2 TS80C51RD2 TS83C51RB2 TS83C51RC2 TS83C51RD2 TS87C51RB2 TS87C51RC2 TS87C51RD2 |
Podobny numer części - TS87C51RD2-VIM |
|
Podobny opis - TS87C51RD2-VIM |