Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TSC251G1DXXX-16IB Arkusz danych(PDF) 5 Page - TEMIC Semiconductors

Numer części TSC251G1DXXX-16IB
Szczegółowy opis  Extended 8-bit Microcontroller with Serial Communication
Download  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TEMIC [TEMIC Semiconductors]
Strona internetowa  http://www.temic.de
Logo TEMIC - TEMIC Semiconductors

TSC251G1DXXX-16IB Arkusz danych(HTML) 5 Page - TEMIC Semiconductors

  TSC251G1DXXX-16IB Datasheet HTML 1Page - TEMIC Semiconductors TSC251G1DXXX-16IB Datasheet HTML 2Page - TEMIC Semiconductors TSC251G1DXXX-16IB Datasheet HTML 3Page - TEMIC Semiconductors TSC251G1DXXX-16IB Datasheet HTML 4Page - TEMIC Semiconductors TSC251G1DXXX-16IB Datasheet HTML 5Page - TEMIC Semiconductors TSC251G1DXXX-16IB Datasheet HTML 6Page - TEMIC Semiconductors TSC251G1DXXX-16IB Datasheet HTML 7Page - TEMIC Semiconductors TSC251G1DXXX-16IB Datasheet HTML 8Page - TEMIC Semiconductors TSC251G1DXXX-16IB Datasheet HTML 9Page - TEMIC Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 52 page
background image
TSC87251G1A
5
Rev. A
September 21, 1998
Table 1. TSC87251G1A Pin Assignment
DIP
PLCC
Name
DIP
PLCC
Name
1
VSS1
23
VSS2
1
2
P1.0/T2
21
24
P2.0/A8
2
3
P1.1/T2EX
22
25
P2.1/A9
3
4
P1.2/ECI
23
26
P2.2/A10
4
5
P1.3/CEX0
24
27
P2.3/A11
5
6
P1.4/CEX1
25
28
P2.4/A12
6
7
P1.5/CEX2/MISO
26
29
P2.5/A13
7
8
P1.6/CEX3/SCL/SCK
27
30
P2.6/A14
8
9
P1.7/A17/CEX4/SDA/MOSI
28
31
P2.7/A15
9
10
RST
29
32
PSEN#
10
11
P3.0/RXD
30
33
ALE/PROG#
12
NC
34
NC
11
13
P3.1/TXD
31
35
EA#/VPP
12
14
P3.2/INT0#
32
36
P0.7/AD7
13
15
P3.3/INT1#
33
37
P0.6/AD6
14
16
P3.4/T0
34
38
P0.5/AD5
15
17
P3.5/T1
35
39
P0.4/AD4
16
18
P3.6/WR#
36
40
P0.3/AD3
17
19
P3.7/A16/RD#
37
41
P0.2/AD2
18
20
XTAL2
38
42
P0.1/AD1
19
21
XTAL1
39
43
P0.0/AD0
20
22
VSS
40
44
VDD
5.2. Signals
Table 2. TSC87251G1A Signal Descriptions
Signal
Name
Type
Description
Alternate
Function
A17
O
18th Address Bit
Output to memory as 18th external address bit (A17) in extended bus applications, depending
on the values of bits RD0 and RD1 in UCONFIG0 byte (see Table 13).
P1.7
A16
O
17th Address Bit
Output to memory as 17th external address bit (A16) in extended bus applications, depending
on the values of bits RD0 and RD1 in UCONFIG0 byte (see Table 13).
P3.7
A15:8(1)
O
Address Lines
Upper address lines for the external bus.
P2.7:0
AD7:0(1)
I/O
Address/Data Lines
Multiplexed lower address lines and data for the external memory.
P0.7:0
ALE
O
Address Latch Enable
ALE signals the start of an external bus cycle and indicates that valid address information are
available onlines A16/A17 and A7:0. An external latch can use ALE to demultiplex the address
from address/databus.
CEX4:0
O
PCA Input/Output pins
CEXx are input signals for the PCA capture mode and output signals for the PCA compare and
PWM modes.
P1.7:3
EA#
I
External Access Enable
EA# directs program memory accesses to on–chip or off–chip code memory.
For EA#= 0, all program memory accesses are off-chip.
For EA#= 1, an access is on-chip EPROM/OTPROM if the address is within the range of the on–
chip EPROM/OTPROM; otherwise the access is off-chip. The value of EA# is latched at reset.


Podobny numer części - TSC251G1DXXX-16IB

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ATMEL Corporation
TSC251G2DXXX-16CB ATMEL-TSC251G2DXXX-16CB Datasheet
1Mb / 77P
   8/16-bit Microcontroller with Serial Communication Interfaces
TSC251G2DXXX-24CB ATMEL-TSC251G2DXXX-24CB Datasheet
1Mb / 77P
   8/16-bit Microcontroller with Serial Communication Interfaces
TSC251G2DXXX-24CE ATMEL-TSC251G2DXXX-24CE Datasheet
1Mb / 77P
   8/16-bit Microcontroller with Serial Communication Interfaces
TSC251G2DXXX-24IA ATMEL-TSC251G2DXXX-24IA Datasheet
1Mb / 77P
   8/16-bit Microcontroller with Serial Communication Interfaces
TSC251G2DXXX-24IB ATMEL-TSC251G2DXXX-24IB Datasheet
1Mb / 77P
   8/16-bit Microcontroller with Serial Communication Interfaces
More results

Podobny opis - TSC251G1DXXX-16IB

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ATMEL Corporation
TSC80251G2D ATMEL-TSC80251G2D_06 Datasheet
1Mb / 77P
   8/16-bit Microcontroller with Serial Communication Interfaces
logo
TEMIC Semiconductors
TSC80251G2D TEMIC-TSC80251G2D Datasheet
878Kb / 63P
   8/16-bit Microcontroller with Serial Communication Interfaces
TSC80251A1 TEMIC-TSC80251A1 Datasheet
776Kb / 166P
   Extended 8-bit Microcontroller with Analog Interfaces
logo
Intel Corporation
8044AH INTEL-8044AH Datasheet
1Mb / 26P
   HIGH PERFORMANCE 8 BIT MICROCONTROLLER WITH ON CHIP SERIAL COMMUNICATION CONTROLLER
logo
ATMEL Corporation
TSC80251G2D ATMEL-TSC80251G2D Datasheet
1Mb / 76P
   B/16-BIT MICROCONTROLLER WITH SERIAL COMMUNICATION INTERFACES
logo
NXP Semiconductors
P87C51MB2 PHILIPS-P87C51MB2 Datasheet
394Kb / 34P
   80C51 8-bit microcontroller family with extended memory
2001 Apr 06
logo
Intel Corporation
80C152JA INTEL-80C152JA Datasheet
262Kb / 17P
   UNIVERSAL COMMUNICATION CONTROLLER 8-BIT MICROCONTROLLER
logo
Siemens Semiconductor G...
SAB82525H-V21 SIEMENS-SAB82525H-V21 Datasheet
741Kb / 126P
   High-Level Serial Communication Controller Extended
logo
ATMEL Corporation
ATMEGA128A ATMEL-ATMEGA128A_14 Datasheet
6Mb / 369P
   8-bit Microcontroller with 128Kbytes
logo
NXP Semiconductors
PCF84C85A PHILIPS-PCF84C85A Datasheet
115Kb / 20P
   Microcontroller with extended I/O
1996 Nov 21
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com