Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

74LVXC3245MTR Arkusz danych(PDF) 3 Page - STMicroelectronics

Numer części 74LVXC3245MTR
Szczegółowy opis  OCTAL DUAL SUPPLY BUS TRANSCEIVER
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  STMICROELECTRONICS [STMicroelectronics]
Strona internetowa  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

74LVXC3245MTR Arkusz danych(HTML) 3 Page - STMicroelectronics

  74LVXC3245MTR Datasheet HTML 1Page - STMicroelectronics 74LVXC3245MTR Datasheet HTML 2Page - STMicroelectronics 74LVXC3245MTR Datasheet HTML 3Page - STMicroelectronics 74LVXC3245MTR Datasheet HTML 4Page - STMicroelectronics 74LVXC3245MTR Datasheet HTML 5Page - STMicroelectronics 74LVXC3245MTR Datasheet HTML 6Page - STMicroelectronics 74LVXC3245MTR Datasheet HTML 7Page - STMicroelectronics 74LVXC3245MTR Datasheet HTML 8Page - STMicroelectronics 74LVXC3245MTR Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
74LVXC3245
3/14
Table 5: Recommended Operating Conditions
1) VIN from 30% to 70% of VCC
2) VCCA = 2.7 to 3.6V; VCCB = 2.7 to 5.5V;
Table 6: DC Specifications For VCCA
Symbol
Parameter
Value
Unit
VCCA
Supply Voltage (note 1)
2.7 to 3.6
V
VCCB
Supply Voltage (note 1)
2.7 to 5.5
V
VI
Input Voltage
0 to VCCA
V
VI/OA
I/O Voltage
0 to VCCA
V
VI/OB
I/O Voltage
0 to VCCB
V
Top
Operating Temperature
-55 to 125
°C
dt/dv
Input Rise and Fall Time (note 2)
0 to 10
ns/V
Symbol
Parameter
Test Condition
Value
Unit
VCCA
(V)
VCCB
(V)
TA = 25 °C
-40 to 85 °C -55 to 125°C
Min.
Typ.
Max.
Min.
Max.
Min.
Max.
VIHA
High Level Input
Voltage
2.7
3.0
2.0
2.0
2.0
V
3.0
3.6
2.0
2.0
2.0
3.6
5.5
2.0
2.0
2.0
VILA
Low Level Input
Voltage
2.7
3.0
0.8
0.8
0.8
V
3.0
3.6
0.8
0.8
0.8
3.6
5.5
0.8
0.8
0.8
VOHA
High Level
Output Voltage
3.0
3.0
IO=-100 µA
2.9
2.99
2.9
2.9
V
3.0
3.0
IO=-12 mA
2.56
2.85
2.46
2.46
3.0
3.0
IO=-24 mA
2.35
2.65
2.25
2.25
2.7
3.0
IO=-12 mA
2.3
2.5
2.2
2.2
2.7
4.5
IO=-24 mA
2.1
2.3
2.0
2.0
VOLA
Low Level Output
Voltage
3.0
3.0
IO=100 µA
0.0
0.1
0.1
0.1
V
3.0
3.0
IO=24 mA
0.21
0.36
0.44
0.44
2.7
3.0
IO=12 mA
0.11
0.36
0.44
0.44
2.7
4.5
IO=24 mA
0.22
0.42
0.5
0.5
IIA
Input Leakage
Current
3.6
5.5
VI = VCC or GND
± 0.1
± 1
± 1
µA
IOZA
High Impedance
Output Leakage
Current
3.6
5.5
VIA = VIHA or VILA
VIB = VIHB or VILB
VI/OA = VCCA or
GND
± 0.5
± 5
± 5
µA
ICCtA
Quiescent Supply
Current
3.6
5.5
VIA = VCCA or GND
VIB = VCCB or GND
550
50
µA
ICCtAF Quiescent VCCA
Supply Current
as B Port Floats
3.6
Open VIA = VCCA or GND
G= DIR = VCCA
VIB = Open
550
50
µA
∆I
CCtA
Maximum
Quiescent Supply
Current / Input
(An, DIR, G)
3.6
5.5
VIA = VCCA - 0.6V
VIB = VCCB or GND
0.35
0.5
0.5
mA


Podobny numer części - 74LVXC3245MTR

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Fairchild Semiconductor
74LVXC3245MTC FAIRCHILD-74LVXC3245MTC Datasheet
70Kb / 8P
   8-Bit Dual Supply Configurable Voltage Interface Transceiver with 3-STATE Outputs
74LVXC3245MTC FAIRCHILD-74LVXC3245MTC Datasheet
81Kb / 8P
   8-Bit Dual Supply Configurable Voltage Interface Transceiver with 3-STATE Outputs
74LVXC3245MTC FAIRCHILD-74LVXC3245MTC Datasheet
253Kb / 9P
   74LVXC3245 8-Bit Dual Supply Configurable Voltage Interface Transceiver with 3-STATE Outputs
logo
ON Semiconductor
74LVXC3245MTC ONSEMI-74LVXC3245MTC Datasheet
511Kb / 11P
   8-Bit Dual Supply Configurable Voltage Interface Transceiver
February 2009
logo
Fairchild Semiconductor
74LVXC3245MTC FAIRCHILD-74LVXC3245MTC_09 Datasheet
253Kb / 9P
   8-Bit Dual Supply Configurable Voltage Interface Transceiver with 3-STATE Outputs
More results

Podobny opis - 74LVXC3245MTR

ProducentNumer częściArkusz danychSzczegółowy opis
logo
STMicroelectronics
74LVX3245 STMICROELECTRONICS-74LVX3245 Datasheet
185Kb / 10P
   OCTAL DUAL SUPPLY BUS TRANSCEIVER
July 2001
logo
Toshiba Semiconductor
TC74LVX4245FS TOSHIBA-TC74LVX4245FS Datasheet
286Kb / 9P
   OCTAL DUAL SUPPLY BUS TRANSCEIVER
logo
STMicroelectronics
74LVXC4245 STMICROELECTRONICS-74LVXC4245 Datasheet
178Kb / 11P
   OCTAL DUAL SUPPLY BUS TRANSCEIVER
74LVX4245 STMICROELECTRONICS-74LVX4245 Datasheet
309Kb / 13P
   OCTAL DUAL SUPPLY BUS TRANSCEIVER
74LVX3245 STMICROELECTRONICS-74LVX3245_04 Datasheet
330Kb / 13P
   OCTAL DUAL SUPPLY BUS TRANSCEIVER
74LVXC4245 STMICROELECTRONICS-74LVXC4245_04 Datasheet
344Kb / 14P
   OCTAL DUAL SUPPLY BUS TRANSCEIVER
logo
Toshiba Semiconductor
TC74LVX4245FS TOSHIBA-TC74LVX4245FS_07 Datasheet
192Kb / 9P
   Dual Supply Octal Bus Transceiver
TC74LVXC3245FS TOSHIBA-TC74LVXC3245FS_07 Datasheet
200Kb / 10P
   Dual Supply Octal Configurable Voltage Interface Bus Transceiver
logo
ON Semiconductor
MC74LVXC3245DWRG ONSEMI-MC74LVXC3245DWRG Datasheet
137Kb / 9P
   Configurable Dual Supply Octal Transceiver
May, 2011 ??Rev. 6
MC74LVXC3245DTRG ONSEMI-MC74LVXC3245DTRG Datasheet
137Kb / 9P
   Configurable Dual Supply Octal Transceiver
May, 2011 ??Rev. 6
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com