Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TL064BMDT Arkusz danych(PDF) 6 Page - STMicroelectronics

Numer części TL064BMDT
Szczegółowy opis  Low power JFET quad operational amplifier
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  STMICROELECTRONICS [STMicroelectronics]
Strona internetowa  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TL064BMDT Arkusz danych(HTML) 6 Page - STMicroelectronics

Back Button TL064BMDT Datasheet HTML 2Page - STMicroelectronics TL064BMDT Datasheet HTML 3Page - STMicroelectronics TL064BMDT Datasheet HTML 4Page - STMicroelectronics TL064BMDT Datasheet HTML 5Page - STMicroelectronics TL064BMDT Datasheet HTML 6Page - STMicroelectronics TL064BMDT Datasheet HTML 7Page - STMicroelectronics TL064BMDT Datasheet HTML 8Page - STMicroelectronics TL064BMDT Datasheet HTML 9Page - STMicroelectronics TL064BMDT Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
Electrical characteristics
TL064
6/14
PD
Total power consumption
Tamb = +25°C, no load, no signal
120
120
dB
SR
Slew rate
Vi = 10V, RL = 10kΩ, CL = 100pF, Av = 1
1.5
3.5
1.5
3.5
V/
μs
tr
Rise time
Vi = 20mV, RL = 10kΩ, CL = 100pF, Av = 1
0.2
0.2
μs
Kov
Overshoot factor (see Figure 17)
Vi = 20mV, RL = 10kΩ, CL = 100pF, Av = 1
10
10
%
en
Equivalent input noise voltage
RS = 100Ω, f = 1KHz
42
42
1.
The input bias currents of a FET-input operational amplifier are normal junction reverse currents, which are temperature
sensitive.Pulse techniques must be used that will maintain the junction temperature as close to the ambient temperature as
possible.
Table 4.
VCC = ±15V, Tamb = +25°C (unless otherwise specified) (continued)
Symbol
Parameter
TL064AC, AI, AM
TL064BC, BI, BM
Unit
Min.
Typ.
Max.
Min.
Typ.
Max.
nV
Hz
------------


Podobny numer części - TL064BMDT

ProducentNumer częściArkusz danychSzczegółowy opis
logo
STMicroelectronics
TL064BMD STMICROELECTRONICS-TL064BMD Datasheet
113Kb / 10P
   LOW POWER J-FET QUAD OPERATIONAL AMPLIFIERS
More results

Podobny opis - TL064BMDT

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
LF444-DIE TI1-LF444-DIE Datasheet
99Kb / 5P
[Old version datasheet]   Quad Low Power JFET Input Operational Amplifier
logo
National Semiconductor ...
LF444 NSC-LF444 Datasheet
359Kb / 10P
   Quad Low Power JFET Input Operational Amplifier
logo
STMicroelectronics
TL074 STMICROELECTRONICS-TL074_V01 Datasheet
1Mb / 18P
   Low-noise JFET quad operational amplifier
November 2013
TL074 STMICROELECTRONICS-TL074_08 Datasheet
307Kb / 15P
   Low noise JFET quad operational amplifier
logo
Fairchild Semiconductor
LF347 FAIRCHILD-LF347 Datasheet
42Kb / 6P
   Quad Operational Amplifier (JFET)
logo
Texas Instruments
LF444QML TI1-LF444QML Datasheet
341Kb / 16P
[Old version datasheet]   LF444QML Quad Low Power JFET Input Operational Amplifier
logo
National Semiconductor ...
LF444QML NSC-LF444QML Datasheet
636Kb / 15P
   LF444QML Quad Low Power JFET Input Operational Amplifier
logo
Fairchild Semiconductor
KF347 FAIRCHILD-KF347 Datasheet
36Kb / 6P
   Quad Operational Amplifier (JFET)
logo
Wuxi Youda electronics ...
YD084 YOUDA-YD084 Datasheet
148Kb / 3P
   JFET INPUT QUAD OPERATIONAL AMPLIFIER
logo
STMicroelectronics
TL084 STMICROELECTRONICS-TL084_07 Datasheet
313Kb / 16P
   General purpose JFET quad operational amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com