Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

M74HC4040RM13TR Arkusz danych(PDF) 9 Page - STMicroelectronics

Numer części M74HC4040RM13TR
Szczegółowy opis  12 STAGE BINARY COUNTER
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  STMICROELECTRONICS [STMicroelectronics]
Strona internetowa  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M74HC4040RM13TR Arkusz danych(HTML) 9 Page - STMicroelectronics

Back Button M74HC4040RM13TR Datasheet HTML 3Page - STMicroelectronics M74HC4040RM13TR Datasheet HTML 4Page - STMicroelectronics M74HC4040RM13TR Datasheet HTML 5Page - STMicroelectronics M74HC4040RM13TR Datasheet HTML 6Page - STMicroelectronics M74HC4040RM13TR Datasheet HTML 7Page - STMicroelectronics M74HC4040RM13TR Datasheet HTML 8Page - STMicroelectronics M74HC4040RM13TR Datasheet HTML 9Page - STMicroelectronics M74HC4040RM13TR Datasheet HTML 10Page - STMicroelectronics M74HC4040RM13TR Datasheet HTML 11Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
M74HC4040
9/11
DIM.
mm.
inch
MIN.
TYP
MAX.
MIN.
TYP.
MAX.
A
1.75
0.068
a1
0.1
0.2
0.003
0.007
a2
1.65
0.064
b
0.35
0.46
0.013
0.018
b1
0.19
0.25
0.007
0.010
C
0.5
0.019
c1
45° (typ.)
D
9.8
10
0.385
0.393
E
5.8
6.2
0.228
0.244
e
1.27
0.050
e3
8.89
0.350
F
3.8
4.0
0.149
0.157
G
4.6
5.3
0.181
0.208
L
0.5
1.27
0.019
0.050
M
0.62
0.024
S8° (max.)
SO-16 MECHANICAL DATA
PO13H


Podobny numer części - M74HC4040RM13TR

ProducentNumer częściArkusz danychSzczegółowy opis
logo
STMicroelectronics
M74HC4040 STMICROELECTRONICS-M74HC4040 Datasheet
265Kb / 13P
   HC4020 14 STAGE BINARY COUNTER HC4040 12 STAGE BINARY COUNTER
M74HC4040B1R STMICROELECTRONICS-M74HC4040B1R Datasheet
265Kb / 13P
   HC4020 14 STAGE BINARY COUNTER HC4040 12 STAGE BINARY COUNTER
M74HC4040C1R STMICROELECTRONICS-M74HC4040C1R Datasheet
265Kb / 13P
   HC4020 14 STAGE BINARY COUNTER HC4040 12 STAGE BINARY COUNTER
M74HC4040F1R STMICROELECTRONICS-M74HC4040F1R Datasheet
265Kb / 13P
   HC4020 14 STAGE BINARY COUNTER HC4040 12 STAGE BINARY COUNTER
M74HC4040M1R STMICROELECTRONICS-M74HC4040M1R Datasheet
265Kb / 13P
   HC4020 14 STAGE BINARY COUNTER HC4040 12 STAGE BINARY COUNTER
More results

Podobny opis - M74HC4040RM13TR

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Fairchild Semiconductor
MM74HC4020 FAIRCHILD-MM74HC4020 Datasheet
98Kb / 9P
   14-Stage Binary Counter 12-Stage Binary Counter
logo
Renesas Technology Corp
HD74HC4040 RENESAS-HD74HC4040 Datasheet
93Kb / 7P
   12-stage Binary Counter
logo
Fairchild Semiconductor
74VHC4040 FAIRCHILD-74VHC4040_07 Datasheet
333Kb / 9P
   12-Stage Binary Counter
logo
Hitachi Semiconductor
HD74HC4040 HITACHI-HD74HC4040 Datasheet
54Kb / 9P
   12-stage Binary Counter
logo
Renesas Technology Corp
HD74LV4040A RENESAS-HD74LV4040A Datasheet
185Kb / 11P
   12-stage Binary Counter
HD74HC4040 RENESAS-HD74HC4040_15 Datasheet
113Kb / 9P
   12-stage Binary Counter
HD74LV4040A RENESAS-HD74LV4040A_15 Datasheet
205Kb / 13P
   12-stage Binary Counter
logo
NXP Semiconductors
HEF4040B PHILIPS-HEF4040B Datasheet
42Kb / 5P
   12-stage binary counter
January 1995
logo
Fairchild Semiconductor
74VHC4040 FAIRCHILD-74VHC4040 Datasheet
67Kb / 7P
   12-Stage Binary Counter
logo
Hitachi Semiconductor
HD74LV4040A HITACHI-HD74LV4040A Datasheet
95Kb / 17P
   12-stage Binary Counter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com