Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

M74HC4538RM13TR Arkusz danych(PDF) 9 Page - STMicroelectronics

Numer części M74HC4538RM13TR
Szczegółowy opis  Dual retriggerable monostable multivibrator
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  STMICROELECTRONICS [STMicroelectronics]
Strona internetowa  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M74HC4538RM13TR Arkusz danych(HTML) 9 Page - STMicroelectronics

Back Button M74HC4538RM13TR Datasheet HTML 5Page - STMicroelectronics M74HC4538RM13TR Datasheet HTML 6Page - STMicroelectronics M74HC4538RM13TR Datasheet HTML 7Page - STMicroelectronics M74HC4538RM13TR Datasheet HTML 8Page - STMicroelectronics M74HC4538RM13TR Datasheet HTML 9Page - STMicroelectronics M74HC4538RM13TR Datasheet HTML 10Page - STMicroelectronics M74HC4538RM13TR Datasheet HTML 11Page - STMicroelectronics M74HC4538RM13TR Datasheet HTML 12Page - STMicroelectronics M74HC4538RM13TR Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 18 page
background image
M74HC4538
Electrical characteristics
9/18
trr
Minimum
retrigger time
2.0
Cx = 0.1
μF
Rx = 1K
Ω
380
ns
4.5
92
6.0
72
2.0
Cx = 0.01
μF
Rx = 1K
Ω
6
μs
4.5
1.4
6.0
1.2
Table 7.
AC electrical characteristics
(CL = 50 pF, Input tr = tf = 6 ns) (continued)
Symbol
Parameter
Test condition
Value
Unit
VCC
(V)
TA = 25°C
-40 to 85°C
-55 to
125°C
Min
Typ
Max
Min
Max
Min
Max
Table 8.
Capacitive characteristics
Symbol
Parameter
Test condition
Value
Unit
VCC
(V)
TA = 25°C
-40 to 85°C
-55 to 125°C
Min
Typ
Max
Min
Max
Min
Max
CIN
Input capacitance
5.0
5
10
10
10
pF
CPD
Power dissipation
capacitance (1)
5.0
70
pF
1.
CPD is defined as the value of the IC’s internal equivalent capacitance which is calculated from the operating current
consumption without load. (Refer to Test Circuit). Average operating current can be obtained by the following equation.
ICC(opr) = CPD x VCC x fIN + ICC’ Duty/100 + Ic/2(per monostable) (Icc’ : Active Supply current) (Duty : %)


Podobny numer części - M74HC4538RM13TR

ProducentNumer częściArkusz danychSzczegółowy opis
logo
STMicroelectronics
M74HC4538 STMICROELECTRONICS-M74HC4538 Datasheet
288Kb / 14P
   DUAL RETRIGGERABLE MONOSTABLE MULTIVIBRATOR
M74HC4538B1R STMICROELECTRONICS-M74HC4538B1R Datasheet
288Kb / 14P
   DUAL RETRIGGERABLE MONOSTABLE MULTIVIBRATOR
M74HC4538C1R STMICROELECTRONICS-M74HC4538C1R Datasheet
288Kb / 14P
   DUAL RETRIGGERABLE MONOSTABLE MULTIVIBRATOR
M74HC4538M1R STMICROELECTRONICS-M74HC4538M1R Datasheet
288Kb / 14P
   DUAL RETRIGGERABLE MONOSTABLE MULTIVIBRATOR
More results

Podobny opis - M74HC4538RM13TR

ProducentNumer częściArkusz danychSzczegółowy opis
logo
STMicroelectronics
M74HC123 STMICROELECTRONICS-M74HC123 Datasheet
503Kb / 12P
   DUAL RETRIGGERABLE MONOSTABLE MULTIVIBRATOR
logo
Toshiba Semiconductor
TC74HC423AP TOSHIBA-TC74HC423AP Datasheet
435Kb / 9P
   DUAL RETRIGGERABLE MONOSTABLE MULTIVIBRATOR
logo
Fairchild Semiconductor
MM74HC423A FAIRCHILD-MM74HC423A Datasheet
108Kb / 10P
   Dual Retriggerable Monostable Multivibrator
logo
Toshiba Semiconductor
TC74HC4538AP TOSHIBA-TC74HC4538AP Datasheet
477Kb / 10P
   DUAL RETRIGGERABLE MONOSTABLE MULTIVIBRATOR
logo
Fairchild Semiconductor
MM74HC123A FAIRCHILD-MM74HC123A_01 Datasheet
133Kb / 10P
   Dual Retriggerable Monostable Multivibrator
74VHC123A FAIRCHILD-74VHC123A_07 Datasheet
468Kb / 14P
   Dual Retriggerable Monostable Multivibrator
logo
Toshiba Semiconductor
TC74HC123AP TOSHIBA-TC74HC123AP_07 Datasheet
505Kb / 14P
   Dual Retriggerable Monostable Multivibrator
logo
National Semiconductor ...
MM54HC123A NSC-MM54HC123A Datasheet
198Kb / 6P
   Dual Retriggerable Monostable Multivibrator
logo
Microsemi Corporation
TSC347 MICROSEMI-TSC347 Datasheet
600Kb / 4P
   Dual Retriggerable Monostable Multivibrator
logo
ON Semiconductor
74VHC123A ONSEMI-74VHC123A Datasheet
467Kb / 16P
   Dual Retriggerable Monostable Multivibrator
May 2007 Rev. 1.2
logo
Fairchild Semiconductor
74VHC123ASJX FAIRCHILD-74VHC123ASJX Datasheet
469Kb / 14P
   Dual Retriggerable Monostable Multivibrator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com