Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ST2349AQTR Arkusz danych(PDF) 6 Page - STMicroelectronics

Numer części ST2349AQTR
Szczegółowy opis  4-bit dual supply level translator without direction control pin
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  STMICROELECTRONICS [STMicroelectronics]
Strona internetowa  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST2349AQTR Arkusz danych(HTML) 6 Page - STMicroelectronics

Back Button ST2349AQTR Datasheet HTML 2Page - STMicroelectronics ST2349AQTR Datasheet HTML 3Page - STMicroelectronics ST2349AQTR Datasheet HTML 4Page - STMicroelectronics ST2349AQTR Datasheet HTML 5Page - STMicroelectronics ST2349AQTR Datasheet HTML 6Page - STMicroelectronics ST2349AQTR Datasheet HTML 7Page - STMicroelectronics ST2349AQTR Datasheet HTML 8Page - STMicroelectronics ST2349AQTR Datasheet HTML 9Page - STMicroelectronics ST2349AQTR Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 23 page
background image
Device block diagrams
ST2349A
6/23
2
Device block diagrams
Figure 2.
ST2349A block diagram
Figure 3.
Application block diagram
= one-shot circuit
EN
I/O VL
I/O VCC
ST2349A
VL
VCC
GND
GND
OE
VL
* ST2349A has 4 channels. For simplicity, the above diagram shows only 1 channel.
* When OE is low, all I/Os are in high-impedance mode.
AM00709V1
VL
VCC
OE
I/OVL1
I/OVCC4
VL
system
controller
VCC
system
controller
VL
VL
VCC
0.1
μF
0.1 μF 1μF
I/OVL2
I/OVL3
I/OVL4
V L VL VL
I/OVCC1
I/OVCC2
I/OVCC3
VCC VCCVCC VCC
CD00023


Podobny numer części - ST2349AQTR

ProducentNumer częściArkusz danychSzczegółowy opis
logo
STMicroelectronics
ST2349 STMICROELECTRONICS-ST2349 Datasheet
416Kb / 23P
   4-bit dual supply level translator without direction control pin
ST2349QTR STMICROELECTRONICS-ST2349QTR Datasheet
416Kb / 23P
   4-bit dual supply level translator without direction control pin
More results

Podobny opis - ST2349AQTR

ProducentNumer częściArkusz danychSzczegółowy opis
logo
STMicroelectronics
ST2149B STMICROELECTRONICS-ST2149B Datasheet
274Kb / 23P
   4-bit dual supply level translator without direction control pin
ST2349 STMICROELECTRONICS-ST2349 Datasheet
416Kb / 23P
   4-bit dual supply level translator without direction control pin
ST2149 STMICROELECTRONICS-ST2149 Datasheet
436Kb / 23P
   4-bit dual supply level translator without direction control pin
ST2329 STMICROELECTRONICS-ST2329_08 Datasheet
435Kb / 21P
   2-bit dual supply level translator without direction control pin
ST2329A STMICROELECTRONICS-ST2329A Datasheet
450Kb / 23P
   2-bit dual supply level translator without direction control pin
ST2129QTR STMICROELECTRONICS-ST2129QTR Datasheet
505Kb / 20P
   2-bit dual supply level translator without direction control pin
ST2129 STMICROELECTRONICS-ST2129 Datasheet
505Kb / 20P
   2-bit dual supply level translator without direction control pin
September 2009 Rev 1
ST2189 STMICROELECTRONICS-ST2189 Datasheet
461Kb / 21P
   8-bit dual supply level translator without direction control pin
August 2009 Rev 1
ST2129B STMICROELECTRONICS-ST2129B Datasheet
1Mb / 21P
   2-bit dual supply level translator without direction control pin, push-pull output
February 2013 Rev 2
ST2329B STMICROELECTRONICS-ST2329B Datasheet
702Kb / 23P
   2-bit dual supply level translator without direction control pin, open drain output
February 2013 Rev 3
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com