Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

STDVE103A Arkusz danych(PDF) 1 Page - STMicroelectronics

Numer części STDVE103A
Szczegółowy opis  Adaptive 3.4 Gbps 3:1 TMDS/HDMI signal equalizer
Download  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  STMICROELECTRONICS [STMicroelectronics]
Strona internetowa  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STDVE103A Arkusz danych(HTML) 1 Page - STMicroelectronics

  STDVE103A Datasheet HTML 1Page - STMicroelectronics STDVE103A Datasheet HTML 2Page - STMicroelectronics STDVE103A Datasheet HTML 3Page - STMicroelectronics STDVE103A Datasheet HTML 4Page - STMicroelectronics STDVE103A Datasheet HTML 5Page - STMicroelectronics STDVE103A Datasheet HTML 6Page - STMicroelectronics STDVE103A Datasheet HTML 7Page - STMicroelectronics STDVE103A Datasheet HTML 8Page - STMicroelectronics STDVE103A Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 43 page
background image
Preliminary Data
This is preliminary information on a new product now in development or undergoing evaluation. Details are subject to
change without notice.
July 2008
Rev 1
1/43
43
STDVE103A
Adaptive 3.4 Gbps 3:1 TMDS/HDMI signal equalizer
Features
Digital video signal equalizer with 3:1 HDMI
switch
Compatible with the high-definition multimedia
interface (HDMI) v1.3 digital interface
340 MHz maximum clock speed operation
supports all video formats with deep color at
maximum refresh rates
3.4 Gbps data rate per channel
Fully automatic adaptive equalizer for cable
lengths up to 25 m
Selectable 50
Ω input termination to VCC:
3.135 to 3.465 V
Low speed control lines supply to VDD :
5 V (typ)
ESD HBM model : > ±5 KV for all I/Os
Integrated open-drain I2C buffer for display
data channel (DDC)
5.3 V tolerant DDC and HPD I/Os
Lock-up free operation of I2C bus
0 to 400 kHz clock frequency for I2C bus
Low capacitance TMDS channels
Equalizer for signal regeneration
Low output skew and jitter
Applications
Advanced TVs supporting the HDMI/DVI
standard
Front projectors, LCD TVs and PDPs
Monitors and notebooks
Set-top box and DVD players
Description
The STDVE103A integrates a 4-channel 3.4 Gbps
TMDS equalizer and a 3:1 switch to select one of
the three HDMI ports. The high-speed data paths
and flow-through pinout minimize the internal
device jitter and simplify the board layout. The
equalizer overcomes the jitter effects from lossy
cables. The buffer/driver on the output can drive
the TMDS output signals over long distances.
Also, STDVE103A integrates the 50 W
termination resistor on all the input channels to
improve performance and reduce board space.
The device can be placed in a low-power mode by
disabling the output current drivers.
The differential signal from the HDMI/DVI ports
can be routed through the STDVE103A to
guarantee good signal quality at the HDMI
receiver.
Designed for very low skew, jitter and low I/O
capacitance, the switch preserves the signal
integrity to pass the stringent HDMI compliance
requirements.
TQFP64
Table 1.
Device summary
Order code
Operating temperature
Package
Packaging
STDVE103A
-40°C to 85°C
TQFP64
Tape and reel
www.st.com


Podobny numer części - STDVE103A

ProducentNumer częściArkusz danychSzczegółowy opis
logo
STMicroelectronics
STDVE001A STMICROELECTRONICS-STDVE001A Datasheet
789Kb / 49P
   Adaptive single 3.4 Gbps TMDS/HDMI signal equalizer
STDVE001ABTR STMICROELECTRONICS-STDVE001ABTR Datasheet
789Kb / 49P
   Adaptive single 3.4 Gbps TMDS/HDMI signal equalizer
STDVE001AQTR STMICROELECTRONICS-STDVE001AQTR Datasheet
789Kb / 49P
   Adaptive single 3.4 Gbps TMDS/HDMI signal equalizer
STDVE003A STMICROELECTRONICS-STDVE003A Datasheet
91Kb / 3P
   3:1 TMDS / HDMI signal equalizer
STDVE003A STMICROELECTRONICS-STDVE003A Datasheet
702Kb / 41P
   Adaptive 3.4 Gbps 3:1 TMDS/HDMI signal equalizer
More results

Podobny opis - STDVE103A

ProducentNumer częściArkusz danychSzczegółowy opis
logo
STMicroelectronics
STDVE003A STMICROELECTRONICS-STDVE003A_08 Datasheet
702Kb / 41P
   Adaptive 3.4 Gbps 3:1 TMDS/HDMI signal equalizer
STDVE001A STMICROELECTRONICS-STDVE001A Datasheet
789Kb / 49P
   Adaptive single 3.4 Gbps TMDS/HDMI signal equalizer
STDVE003A STMICROELECTRONICS-STDVE003A Datasheet
91Kb / 3P
   3:1 TMDS / HDMI signal equalizer
logo
Texas Instruments
TMDS171 TI1-TMDS171 Datasheet
2Mb / 62P
[Old version datasheet]   3.4 Gbps TMDS RETIMER
logo
Analog Devices
ADV3003 AD-ADV3003 Datasheet
771Kb / 16P
   HDMI/DVI TMDS Equalizer
REV. 0
ADV3003 AD-ADV3003_17 Datasheet
766Kb / 16P
   HDMI/DVI TMDS Equalizer
logo
Texas Instruments
LMH0344 TI1-LMH0344_17 Datasheet
1Mb / 23P
[Old version datasheet]   3-Gbps HD - SD SDI Adaptive Cable Equalizer
logo
National Semiconductor ...
LMH0344_0808 NSC-LMH0344_0808 Datasheet
387Kb / 8P
   3 Gbps HD/SD SDI Adaptive Cable Equalizer
LMH0344 NSC-LMH0344_08 Datasheet
384Kb / 8P
   3 Gbps HD/SD SDI Adaptive Cable Equalizer
logo
Texas Instruments
LMH0314 TI1-LMH0314 Datasheet
141Kb / 5P
[Old version datasheet]   3 Gbps HD/SD SDI Adaptive Cable Equalizer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com