Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

74LVQ273 Arkusz danych(PDF) 4 Page - STMicroelectronics

Numer części 74LVQ273
Szczegółowy opis  OCTAL D-TYPE FLIP FLOP WITH CLEAR
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  STMICROELECTRONICS [STMicroelectronics]
Strona internetowa  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

74LVQ273 Arkusz danych(HTML) 4 Page - STMicroelectronics

  74LVQ273 Datasheet HTML 1Page - STMicroelectronics 74LVQ273 Datasheet HTML 2Page - STMicroelectronics 74LVQ273 Datasheet HTML 3Page - STMicroelectronics 74LVQ273 Datasheet HTML 4Page - STMicroelectronics 74LVQ273 Datasheet HTML 5Page - STMicroelectronics 74LVQ273 Datasheet HTML 6Page - STMicroelectronics 74LVQ273 Datasheet HTML 7Page - STMicroelectronics 74LVQ273 Datasheet HTML 8Page - STMicroelectronics 74LVQ273 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
74LVQ273
4/13
Table 7: Dynamic Switching Characteristics
1) Worst case package.
2) Max number of outputs defined as (n). Data inputs are driven 0V to 3.3V, (n-1) outputs switching and one output at GND.
3) Max number of data inputs (n) switching. (n-1) switching 0V to 3.3V. Inputs under test switching: 3.3V to threshold (VILD), 0V to threshold
(VIHD), f=1MHz.
Table 8: AC Electrical Characteristics (CL = 50 pF, RL = 500 Ω, Input tr = tf = 3ns)
1) Skew is defined as the absolute value of the difference between the actual propagation delay for any two outputs of the same device switch-
ing in the same direction, either HIGH or LOW (tOSLH = |tPLHm - tPLHn|, tOSHL = |tPHLm - tPHLn|)
2) Parameter guaranteed by design
(*) Voltage range is 3.3V
± 0.3V
Symbol
Parameter
Test Condition
Value
Unit
VCC
(V)
TA = 25°C
-40 to 85°C
-55 to 125°C
Min.
Typ.
Max.
Min.
Max.
Min.
Max.
VOLP
Dynamic Low
Voltage Quiet
Output (note 1, 2)
3.3
CL = 50 pF
0.4
0.8
V
VOLV
-0.8
-0.5
VIHD
Dynamic High
Voltage Input
(note 1, 3)
3.3
2
V
VILD
Dynamic Low
Voltage Input
(note 1, 3)
3.3
0.8
V
Symbol
Parameter
Test Condition
Value
Unit
VCC
(V)
TA = 25°C
-40 to 85°C
-55 to 125°C
Min.
Typ.
Max.
Min.
Max.
Min.
Max.
tPLH tPHL Propagation Delay
Time CK to Q
2.7
7.3
12.0
14.0
16.0
ns
3.3(*)
6.0
9.0
10.5
12.0
tPHL
Propagation Delay
Time CLR to Q
2.7
9.8
15.5
18.0
21.0
ns
3.3(*)
8.6
12.5
14.5
16.5
tW
CLEAR Pulse
Width
2.7
5.0
2.5
5.0
5.0
ns
3.3(*)
4.0
2.2
4.0
4.0
tW
CLOCK Pulse
Width
2.7
5.0
2.0
5.0
5.0
ns
3.3(*)
4.0
1.6
4.0
4.0
ts
Setup Time D to
CK, HIGH or LOW
2.7
4.0
-0.4
4.0
5.0
ns
3.3(*)
3.0
-0.3
3.0
4.0
th
Hold Time D to CK,
HIGH or LOW
2.7
3.0
0.4
3.0
3.5
ns
3.3(*)
2.0
0.3
2.0
2.5
tREM
Recovery Time
CLEAR to CLOCK
2.7
4.0
-0.1
4.0
4.5
ns
3.3(*)
3.0
0.0
3.0
3.5
fMAX
Maximum Clock
Frequency
2.7
60
150
50
50
MHz
3.3(*)
90
190
70
70
tOSLH
tOSHL
Output To Output
Skew Time
(note1, 2)
2.7
0.5
1.0
1.0
1.0
ns
3.3(*)
0.5
1.0
1.0
1.0


Podobny numer części - 74LVQ273

ProducentNumer częściArkusz danychSzczegółowy opis
logo
STMicroelectronics
74LVQ273 STMICROELECTRONICS-74LVQ273 Datasheet
72Kb / 10P
   OCTAL D-TYPE FLIP FLOP WITH CLEAR
February 1999
logo
Fairchild Semiconductor
74LVQ273 FAIRCHILD-74LVQ273 Datasheet
89Kb / 6P
   Low Voltage Octal D-Type Flip-Flop
74LVQ273 FAIRCHILD-74LVQ273 Datasheet
66Kb / 6P
   Low Voltage Octal D-Type Flip-Flop
logo
STMicroelectronics
74LVQ273M STMICROELECTRONICS-74LVQ273M Datasheet
72Kb / 10P
   OCTAL D-TYPE FLIP FLOP WITH CLEAR
February 1999
logo
Fairchild Semiconductor
74LVQ273QSC FAIRCHILD-74LVQ273QSC Datasheet
89Kb / 6P
   Low Voltage Octal D-Type Flip-Flop
More results

Podobny opis - 74LVQ273

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Toshiba Semiconductor
TC74LVX273F TOSHIBA-TC74LVX273F Datasheet
279Kb / 8P
   OCTAL D-TYPE FLIP FLOP WITH CLEAR
logo
STMicroelectronics
74VHC273 STMICROELECTRONICS-74VHC273_04 Datasheet
329Kb / 14P
   OCTAL D-TYPE FLIP FLOP WITH CLEAR
M54HC273 STMICROELECTRONICS-M54HC273 Datasheet
250Kb / 11P
   OCTAL D TYPE FLIP FLOP WITH CLEAR
logo
Texas Instruments
74AC11273 TI1-74AC11273 Datasheet
103Kb / 7P
[Old version datasheet]   OCTAL D-TYPE FLIP-FLOP WITH CLEAR
SN74HC273-Q1 TI1-SN74HC273-Q1 Datasheet
282Kb / 12P
[Old version datasheet]   OCTAL D-TYPE FLIP-FLOP WITH CLEAR
logo
Toshiba Semiconductor
TC74VHC273F TOSHIBA-TC74VHC273F_V02 Datasheet
274Kb / 9P
   Octal D-Type Flip-Flop with Clear
2019-01-31
logo
Texas Instruments
SN54273 TI-SN54273 Datasheet
95Kb / 6P
[Old version datasheet]   OCTAL D-TYPE FLIP-FLOP WITH CLEAR
logo
STMicroelectronics
74ACT273 STMICROELECTRONICS-74ACT273 Datasheet
77Kb / 11P
   OCTAL D-TYPE FLIP FLOP WITH CLEAR
logo
Fairchild Semiconductor
MM74HCT273 FAIRCHILD-MM74HCT273 Datasheet
106Kb / 8P
   Octal D-Type Flip-Flop with Clear
logo
Toshiba Semiconductor
TC74VHC273F TOSHIBA-TC74VHC273F_12 Datasheet
212Kb / 10P
   Octal D-Type Flip-Flop with Clear
logo
STMicroelectronics
M74HC273 STMICROELECTRONICS-M74HC273 Datasheet
261Kb / 11P
   OCTAL D TYPE FLIP FLOP WITH CLEAR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com