Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

74LVX86 Arkusz danych(PDF) 3 Page - STMicroelectronics

Numer części 74LVX86
Szczegółowy opis  LOW VOLTAGE CMOS QUAD EXCLUSIVE OR GATE WITH 5V TOLERANT INPUTS
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  STMICROELECTRONICS [STMicroelectronics]
Strona internetowa  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

74LVX86 Arkusz danych(HTML) 3 Page - STMicroelectronics

  74LVX86 Datasheet HTML 1Page - STMicroelectronics 74LVX86 Datasheet HTML 2Page - STMicroelectronics 74LVX86 Datasheet HTML 3Page - STMicroelectronics 74LVX86 Datasheet HTML 4Page - STMicroelectronics 74LVX86 Datasheet HTML 5Page - STMicroelectronics 74LVX86 Datasheet HTML 6Page - STMicroelectronics 74LVX86 Datasheet HTML 7Page - STMicroelectronics 74LVX86 Datasheet HTML 8Page - STMicroelectronics 74LVX86 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
74LVX86
3/11
Table 6: DC Specifications
Table 7: Dynamic Switching Characteristics
1) Worst case package.
2) Max number of outputs defined as (n). Data inputs are driven 0V to 3.3V, (n-1) outputs switching and one output at GND.
3) Max number of data inputs (n) switching. (n-1) switching 0V to 3.3V. Inputs under test switching: 3.3V to threshold (VILD), 0V to threshold
(VIHD), f=1MHz.
Symbol
Parameter
Test Condition
Value
Unit
VCC
(V)
TA = 25°C
-40 to 85°C
-55 to 125°C
Min.
Typ.
Max.
Min.
Max.
Min.
Max.
VIH
High Level Input
Voltage
2.0
1.5
1.5
1.5
V
3.0
2.0
2.0
2.0
3.6
2.4
2.4
2.4
VIL
Low Level Input
Voltage
2.0
0.5
0.5
0.5
V
3.0
0.8
0.8
0.8
3.6
0.8
0.8
0.8
VOH
High Level Output
Voltage
2.0
IO=-50 µA
1.9
2.0
1.9
1.9
V
3.0
IO=-50 µA
2.9
3.0
2.9
2.9
3.0
IO=-4 mA
2.58
2.48
2.4
VOL
Low Level Output
Voltage
2.0
IO=50 µA
0.0
0.1
0.1
0.1
V
3.0
IO=50 µA
0.0
0.1
0.1
0.1
3.0
IO=4 mA
0.36
0.44
0.55
II
Input Leakage
Current
3.6
VI = 5V or GND
± 0.1
± 1
± 1
µA
ICC
Quiescent Supply
Current
3.6
VI = VCC or GND
220
20
µA
Symbol
Parameter
Test Condition
Value
Unit
VCC
(V)
TA = 25°C
-40 to 85°C
-55 to 125°C
Min.
Typ.
Max.
Min.
Max.
Min.
Max.
VOLP
Dynamic Low
Voltage Quiet
Output (note 1, 2)
3.3
CL = 50 pF
0.3
0.5
V
VOLV
-0.5
-0.3
VIHD
Dynamic High
Voltage Input (note
1, 3)
3.3
2
VILD
Dynamic Low
Voltage Input (note
1, 3)
3.3
0.8


Podobny numer części - 74LVX86

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Fairchild Semiconductor
74LVX86 FAIRCHILD-74LVX86 Datasheet
62Kb / 5P
   Low Voltage Quad 2-Input Exclusive-OR Gate
logo
ON Semiconductor
74LVX86 ONSEMI-74LVX86 Datasheet
222Kb / 8P
   Low Voltage Quad 2-Input Exclusive-OR Gate
February 2008 Rev. 1.4.0
logo
Fairchild Semiconductor
74LVX86M FAIRCHILD-74LVX86M Datasheet
62Kb / 5P
   Low Voltage Quad 2-Input Exclusive-OR Gate
74LVX86M FAIRCHILD-74LVX86M Datasheet
85Kb / 6P
   Low Voltage Quad 2-Input Exclusive-OR Gate
logo
ON Semiconductor
74LVX86M ONSEMI-74LVX86M Datasheet
222Kb / 8P
   Low Voltage Quad 2-Input Exclusive-OR Gate
February 2008 Rev. 1.4.0
More results

Podobny opis - 74LVX86

ProducentNumer częściArkusz danychSzczegółowy opis
logo
STMicroelectronics
74LCX86 STMICROELECTRONICS-74LCX86 Datasheet
243Kb / 15P
   Low voltage CMOS quad Exclusive OR gate with 5V tolerant inputs
logo
Fairchild Semiconductor
74LCX86 FAIRCHILD-74LCX86 Datasheet
118Kb / 8P
   Low Voltage Quad 2-Input Exclusive-OR Gate with 5V Tolerant Inputs
74LCX86 FAIRCHILD-74LCX86_08 Datasheet
407Kb / 11P
   Low Voltage Quad 2-Input Exclusive-OR Gate with 5V Tolerant Inputs
logo
Toshiba Semiconductor
TC74LCX86F TOSHIBA-TC74LCX86F Datasheet
254Kb / 8P
   LOW VOLTAGE QUAD EXCLUSIVE OR GATE WITH 5V TOLERANT INPUTS AND OUTPUTS
logo
STMicroelectronics
74LVX32 STMICROELECTRONICS-74LVX32 Datasheet
155Kb / 8P
   LOW VOLTAGE CMOS QUAD 2-INPUT OR GATE WITH 5V TOLERANT INPUTS
74LCX32 STMICROELECTRONICS-74LCX32 Datasheet
211Kb / 11P
   LOW VOLTAGE CMOS QUAD 2-INPUT OR GATE WITH 5V TOLERANT INPUTS
74LVX32 STMICROELECTRONICS-74LVX32_04 Datasheet
229Kb / 11P
   LOW VOLTAGE CMOS QUAD 2-INPUT OR GATE WITH 5V TOLERANT INPUTS
logo
ON Semiconductor
74LCX32 ONSEMI-74LCX32 Datasheet
755Kb / 14P
   Low Voltage Quad 2-Input OR Gate with 5V Tolerant Inputs
December 2013 Rev. 1.6.1
logo
Fairchild Semiconductor
74LCX32 FAIRCHILD-74LCX32 Datasheet
82Kb / 11P
   Low Voltage Quad 2-Input OR Gate with 5V Tolerant Inputs
74LCX32 FAIRCHILD-74LCX32_08 Datasheet
791Kb / 13P
   Low Voltage Quad 2-Input OR Gate with 5V Tolerant Inputs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com