Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

74LVX574MTR Arkusz danych(PDF) 9 Page - STMicroelectronics

Numer części 74LVX574MTR
Szczegółowy opis  LOW VOLTAGE CMOS OCTAL D-TYPE FLIP-FLOP (3-STATE NON INV.) WITH 5V TOLERANT INPUTS
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  STMICROELECTRONICS [STMicroelectronics]
Strona internetowa  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

74LVX574MTR Arkusz danych(HTML) 9 Page - STMicroelectronics

Back Button 74LVX574MTR Datasheet HTML 5Page - STMicroelectronics 74LVX574MTR Datasheet HTML 6Page - STMicroelectronics 74LVX574MTR Datasheet HTML 7Page - STMicroelectronics 74LVX574MTR Datasheet HTML 8Page - STMicroelectronics 74LVX574MTR Datasheet HTML 9Page - STMicroelectronics 74LVX574MTR Datasheet HTML 10Page - STMicroelectronics 74LVX574MTR Datasheet HTML 11Page - STMicroelectronics 74LVX574MTR Datasheet HTML 12Page - STMicroelectronics 74LVX574MTR Datasheet HTML 13Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
74LVX574
9/13
DIM.
mm.
inch
MIN.
TYP
MAX.
MIN.
TYP.
MAX.
A
1.2
0.047
A1
0.05
0.15
0.002
0.004
0.006
A2
0.8
1
1.05
0.031
0.039
0.041
b
0.19
0.30
0.007
0.012
c
0.09
0.20
0.004
0.0079
D
6.4
6.5
6.6
0.252
0.256
0.260
E
6.2
6.4
6.6
0.244
0.252
0.260
E1
4.3
4.4
4.48
0.169
0.173
0.176
e
0.65 BSC
0.0256 BSC
K0˚
L
0.45
0.60
0.75
0.018
0.024
0.030
TSSOP20 MECHANICAL DATA
c
E
b
A2
A
E1
D
1
PIN 1 IDENTIFICATION
A1
L
K
e
0087225C


Podobny numer części - 74LVX574MTR

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Fairchild Semiconductor
74LVX574MTC FAIRCHILD-74LVX574MTC Datasheet
80Kb / 6P
   Low Voltage Octal D-Type Flip-Flop with 3-STATE Outputs
74LVX574MTC FAIRCHILD-74LVX574MTC Datasheet
94Kb / 7P
   Low Voltage Octal D-Type Flip-Flop with 3-STATE Outputs
More results

Podobny opis - 74LVX574MTR

ProducentNumer częściArkusz danychSzczegółowy opis
logo
STMicroelectronics
74LVX374 STMICROELECTRONICS-74LVX374 Datasheet
301Kb / 13P
   LOW VOLTAGE CMOS OCTAL D-TYPE FLIP-FLOP (3-STATE NON INV.) WITH 5V TOLERANT INPUTS
74LVX373 STMICROELECTRONICS-74LVX373_04 Datasheet
300Kb / 13P
   LOW VOLTAGE CMOS OCTAL D-TYPE LATCH (3-STATE NON INV.) WITH 5V TOLERANT INPUTS
74LVX373 STMICROELECTRONICS-74LVX373 Datasheet
77Kb / 10P
   LOW VOLTAGE CMOS OCTAL D-TYPE LATCH (3-STATE NON INV.) WITH 5V TOLERANT INPUTS
74LVX573 STMICROELECTRONICS-74LVX573 Datasheet
210Kb / 10P
   LOW VOLTAGE CMOS OCTAL D-TYPE LATCH (3-STATE NON INV.) WITH 5V TOLERANT INPUTS
74LVX573 STMICROELECTRONICS-74LVX573_04 Datasheet
299Kb / 13P
   LOW VOLTAGE CMOS OCTAL D-TYPE LATCH (3-STATE NON INV.) WITH 5V TOLERANT INPUTS
74LVX541 STMICROELECTRONICS-74LVX541 Datasheet
291Kb / 12P
   LOW VOLTAGE CMOS OCTAL BUS BUFFER (3-STATE NON INV.) WITH 5V TOLERANT INPUTS
74LVX273 STMICROELECTRONICS-74LVX273 Datasheet
307Kb / 12P
   LOW VOLTAGE CMOS OCTAL D-TYPE FLIP-FLOP WITH CLEAR (5V TOLERANT INPUTS)
74LVX240 STMICROELECTRONICS-74LVX240 Datasheet
258Kb / 12P
   LOW VOLTAGE CMOS OCTAL BUS BUFFER (3-STATE INV.) WITH 5V TOLERANT INPUTS
74LCX574 STMICROELECTRONICS-74LCX574 Datasheet
264Kb / 13P
   OCTAL D-TYPE FLIP FLOP NON-INVERTING (3-STATE) WITH 5V TOLERANT INPUTS AND OUTPUTS
74LCX374 STMICROELECTRONICS-74LCX374_04 Datasheet
277Kb / 13P
   OCTAL D-TYPE FLIP FLOP NON-INVERTING (3-STATE) WITH 5V TOLERANT INPUTS AND OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com