Zakładka z wyszukiwarką danych komponentów |
|
BTB12600CRG Arkusz danych(PDF) 6 Page - STMicroelectronics |
|
BTB12600CRG Arkusz danych(HTML) 6 Page - STMicroelectronics |
6 / 12 page Ordering information scheme BTA12, BTB12, T12xx 6/12 2 Ordering information scheme Figure 13. BTA12 and BTB12 series Figure 14. T12xx series BT A 12 - 600 BW RG Triac series Insulation Current Voltage Sensitivity and type Packing mode A = insulated B = non insulated 12 = 12A 600 = 600V 800 = 800V B = 50mA Standard BW = 50mA Snubberless C = 25mA Standard CW = 35mA RG = Tube Snubberless SW = 10mA Logic Level TW = 5mA Logic Level T 12 35 - 600 G (-TR) Triac series Sensitivity Voltage Package Packing mode Current 12 = 12 A 50 = 50 mA 35 = 35 mA 10 = 10 mA 600 = 600 V 800 = 800 V G = D PAK R = I PAK Blank = Tube -TR = Tape & Reel 2 2 |
Podobny numer części - BTB12600CRG |
|
Podobny opis - BTB12600CRG |