Zakładka z wyszukiwarką danych komponentów |
|
BTB25-800CWRG Arkusz danych(PDF) 3 Page - STMicroelectronics |
|
BTB25-800CWRG Arkusz danych(HTML) 3 Page - STMicroelectronics |
3 / 12 page BTA24, BTB24, BTA25, BTA26, BTB26, T25 Characteristics 3/12 Table 4. Electrical characteristics (Tj = 25° C, unless otherwise specified), standard (4 quadrants), BTB24...B, BTA25...B, BTA26...B, BTB26...B Symbol Test Conditions Quadrant Value Unit IGT (1) VD = 12 V RL = 33 Ω I - II - III MAX. 50 mA IV 100 VGT ALL MAX. 1.3 V VGD VD = VDRM RL = 3.3 kΩ Tj = 125° C ALL MIN. 0.2 V IH (2))I T = 500 mA MAX. 80 mA IL IG = 1.2 IGT I - III - IV MAX. 70 mA II 160 dV/dt(2) VD = 67 %VDRM gate open Tj = 125° C MIN. 500 V/µs (dV/dt)c (2) (dI/dt)c = 13.3 A/ms Tj = 125° C MIN. 10 V/µs 1. minimum IGT is guaranted at 5% of IGT max. 2. for both polarities of A2 referenced to A1. Table 5. Static characteristics Symbol Test Conditions Value Unit VTM (1) ITM = 35 A tp = 380 µs Tj = 25° C MAX. 1.55 V Vt0 (1) Threshold voltage Tj = 125° C MAX. 0.85 V Rd (1) Dynamic resistance Tj = 125° C MAX. 16 m Ω IDRM IRRM VDRM = VRRM Tj = 25° C MAX. 5µA Tj = 125° C 3 mA 1. for both polarities of A2 referenced to A1. Table 6. Thermal resistance Symbol Parameter Value Unit Rth(j-c) Junction to case (AC) TOP 3 0.6 ° C/W D2PAK / TO-220AB 0.8 RD91 Insulated / TOP3 Insulated 0.9 TO-220AB Insulated 1.7 Rth(j-a) Junction to ambient (1)S = 1 cm² D2PAK 45 ° C/W TOP3 / TOP3 Insulated 50 TO-220AB / TO-220AB Insulated 60 1. S = Copper surface under tab. |
Podobny numer części - BTB25-800CWRG |
|
Podobny opis - BTB25-800CWRG |