Zakładka z wyszukiwarką danych komponentów |
|
HCF4016M013TR Arkusz danych(PDF) 2 Page - STMicroelectronics |
|
HCF4016M013TR Arkusz danych(HTML) 2 Page - STMicroelectronics |
2 / 9 page HCF4016B 2/9 INPUT EQUIVALENT CIRCUIT PIN DESCRIPTION TRUTH TABLE FUNCTIONAL DIAGRAM ABSOLUTE MAXIMUM RATINGS Absolute Maximum Ratings are those values beyond which damage to the device may occur. Functional operation under these conditions is not implied. All voltage values are referred to VSS pin voltage. PIN No SYMBOL NAME AND FUNCTION 1, 4, 8, 11 A to D I/O Independent Inputs/Out- puts 2, 3, 9, 10 A to D O/I Independent Outputs/ Inputs 13, 5, 6, 12 CONTROL A to D Enable Inputs 7 VSS Negative Supply Voltage 14 VDD Positive Supply Voltage CONTROL SWITCH FUNCTION HON L OFF Symbol Parameter Value Unit VDD Supply Voltage -0.5 to +22 V VI DC Input Voltage -0.5 to VDD + 0.5 V II DC Input Current ± 10 mA PD Power Dissipation per Package 200 mW Power Dissipation per Output Transistor 100 mW Top Operating Temperature -55 to +125 °C Tstg Storage Temperature -65 to +150 °C |
Podobny numer części - HCF4016M013TR |
|
Podobny opis - HCF4016M013TR |