Zakładka z wyszukiwarką danych komponentów |
|
L6925D013TR Arkusz danych(PDF) 1 Page - STMicroelectronics |
|
L6925D013TR Arkusz danych(HTML) 1 Page - STMicroelectronics |
1 / 6 page 1/6 L6925D September 2004 1FEATURES ■ 2.7V TO 5.5V BATTERY INPUT RANGE ■ HIGH EFFICIENCY: UP TO 95% ■ INTERNAL SYNCHRONOUS SWITCH ■ NO EXTERNAL SCHOTTKY REQUIRED ■ EXTREMELY LOW QUIESCENT CURRENT ■ 800mA MAX OUTPUT CURRENT ■ ADJUSTABLE OUTPUT VOLTAGE FROM 0.6V ■ LOW DROP-OUT OPERATION: UP TO100% DUTY CYCLE ■ SELECTABLE LOW NOISE/LOW CONSUMPTION MODE AT LIGHT LOAD ■ LOW BATTERY INPUT ■ LOW BATTERY OUTPUT ■ ±1% OUTPUT VOLTAGE ACCURACY ■ CURRENT-MODE CONTROL ■ 600kHz SWITCHING FREQUENCY ■ EXTERNALLY SYNCHRONIZABLE FROM 500kHz TO 1.4MHz ■ OVP ■ SHORT CIRCUIT PROTECTION 1.1 APPLICATIONS ■ BATTERY-POWERED EQUIPMENTS ■ PORTABLE INSTRUMENTS ■ CELLULAR PHONES ■ PDAs AND HAND HELD TERMINALS ■ DSC ■ GPS 2DESCRIPTION The device is dc-dc monolithic regulator specifically designed to provide extremely high efficiency. The device has on UVLO set at 2.7V cause it is part- icurarly thought for single Li-ion cell applications. Output voltage can be selected by an external divider down to 0.6V. Duty Cycle can saturate to 100% al- lowing low drop-out operation. The device is based on a 600kHz fixed-frequency, current mode-architecture. Low Consumption Mode operation can be selected at light load conditions, al- lowing switching losses to be reduced. L6925D is ex- ternally synchronizable with a clock which makes it useful in noise-sensitive applications. LBI pin can be used to have a LBO signal when the Battery voltage is lower than a preset value. Other features like, Overvoltage protection, Shortcircuit protection and Thermal Shutdown (150°C) are also present. HIGH EFFICIENCY MONOLITHIC SYNCHRONOUS STEP DOWN REGULATOR Figure 2. Application Test Circuit L 6.8 µH SYNC LX VFB C1 10 µF 6.3V C2 220pF C4 10 µF 6.3V R4 200K R2 600K R1 100K R3 100K VIN=2.7V to 5.5V VOUT=1.8V VCC LBI COMP GND LBO D01IN1238B 7 6 1 8 3 5 24 Rev. 3 Figure 1. Package Table 1. Order Codes Part Number Package L6925D MSOP8 (Tube) L6925D013TR Tape & Reel MSOP8 |
Podobny numer części - L6925D013TR |
|
Podobny opis - L6925D013TR |
|
|
Link URL |
Polityka prywatności |
ALLDATASHEET.PL |
Czy Alldatasheet okazała się pomocna? [ DONATE ] |
O Alldatasheet | Reklama | Kontakt | Polityka prywatności | Linki | Lista producentów All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |