Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

M27C160-50K6 Arkusz danych(PDF) 10 Page - STMicroelectronics

Numer części M27C160-50K6
Szczegółowy opis  16 Mbit (2 Mb x 8 or 1 Mb x 16) UV EPROM and OTP EPROM
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  STMICROELECTRONICS [STMicroelectronics]
Strona internetowa  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M27C160-50K6 Arkusz danych(HTML) 10 Page - STMicroelectronics

Back Button M27C160-50K6 Datasheet HTML 6Page - STMicroelectronics M27C160-50K6 Datasheet HTML 7Page - STMicroelectronics M27C160-50K6 Datasheet HTML 8Page - STMicroelectronics M27C160-50K6 Datasheet HTML 9Page - STMicroelectronics M27C160-50K6 Datasheet HTML 10Page - STMicroelectronics M27C160-50K6 Datasheet HTML 11Page - STMicroelectronics M27C160-50K6 Datasheet HTML 12Page - STMicroelectronics M27C160-50K6 Datasheet HTML 13Page - STMicroelectronics M27C160-50K6 Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 26 page
background image
Device description
M27C160
10/26
applying a sequence of 50µs program pulses to each word until a correct verify occurs (see
Figure 5). During programing and verify operation a Margin mode circuit is automatically
activated to guarantee that each cell is programed with enough margin. No overprogram
pulse is applied since the verify in Margin mode provides the necessary margin to each
programmed cell.
Figure 5.
Programming Flowchart
2.7
Program Inhibit
Programming of multiple M27C160s in parallel with different data is also easily
accomplished. Except for E, all like inputs including G of the parallel M27C160 may be
common. A TTL low level pulse applied to a M27C160's E input and VPP at 12.5V, will
program that M27C160. A high level E input inhibits the other M27C160s from being
programmed.
2.8
Program Verify
A verify (read) should be performed on the programmed bits to determine that they were
correctly programmed. The verify is accomplished with E at VIH and G at VIL, VPP at 12.5V
and VCC at 6.25V.
2.9
Electronic Signature
The Electronic Signature (ES) mode allows the reading out of a binary code from an
EPROM that will identify its manufacturer and type. This mode is intended for use by
programming equipment to automatically match the device to be programmed with its
corresponding programming algorithm. The ES mode is functional in the 25°C ± 5°C
AI01044B
n = 0
Last
Addr
VERIFY
E = 50
µs Pulse
++n
= 25
++ Addr
VCC = 6.25V, VPP = 12.5V
FAIL
CHECK ALL WORDS
BYTEVPP =VIH
1st: VCC = 6V
2nd: VCC = 4.2V
YES
NO
YES
NO
YES
NO


Podobny numer części - M27C160-50K6

ProducentNumer częściArkusz danychSzczegółowy opis
logo
STMicroelectronics
M27C160-50K6 STMICROELECTRONICS-M27C160-50K6 Datasheet
187Kb / 19P
   16 Mbit 2Mb x8 or 1Mb x16 UV EPROM and OTP EPROM
M27C160-50K6TR STMICROELECTRONICS-M27C160-50K6TR Datasheet
187Kb / 19P
   16 Mbit 2Mb x8 or 1Mb x16 UV EPROM and OTP EPROM
More results

Podobny opis - M27C160-50K6

ProducentNumer częściArkusz danychSzczegółowy opis
logo
STMicroelectronics
M27W800 STMICROELECTRONICS-M27W800 Datasheet
140Kb / 15P
   8 Mbit 1Mb x 8 or 512Kb x 16 Low Voltage UV EPROM and OTP EPROM
M27C2001-12C1 STMICROELECTRONICS-M27C2001-12C1 Datasheet
261Kb / 25P
   2 Mbit (256Kb x 8) UV EPROM and OTP EPROM
M27C2001 STMICROELECTRONICS-M27C2001_06 Datasheet
227Kb / 25P
   2 Mbit (256Kb x 8) UV EPROM and OTP EPROM
M27C2001 STMICROELECTRONICS-M27C2001_99 Datasheet
115Kb / 16P
   2 Mbit (256Kb x 8) UV EPROM and OTP EPROM
M27V102 STMICROELECTRONICS-M27V102 Datasheet
116Kb / 15P
   1 Mbit (64Kb x 16) Low Voltage UV EPROM and OTP EPROM
May 1998
M27C1001-10F1 STMICROELECTRONICS-M27C1001-10F1 Datasheet
250Kb / 24P
   1 Mbit (128 Kbit x 8) UV EPROM and OTP EPROM
M27C801 STMICROELECTRONICS-M27C801_07 Datasheet
207Kb / 24P
   8 Mbit (1Mb x 8) UV EPROM and OTP EPROM
M27C801-100N1 STMICROELECTRONICS-M27C801-100N1 Datasheet
212Kb / 24P
   8 Mbit (1Mb x 8) UV EPROM and OTP EPROM
September 2007 Rev 6
M27C801 STMICROELECTRONICS-M27C801 Datasheet
153Kb / 16P
   8 Mbit 1Mb x 8 UV EPROM and OTP EPROM
M27C1001-70F1 STMICROELECTRONICS-M27C1001-70F1 Datasheet
250Kb / 24P
   1 Mbit (128 Kbit x 8) UV EPROM and OTP EPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com