Zakładka z wyszukiwarką danych komponentów |
|
TS4601BEIJT Arkusz danych(PDF) 7 Page - STMicroelectronics |
|
TS4601BEIJT Arkusz danych(HTML) 7 Page - STMicroelectronics |
7 / 28 page TS4601B Electrical characteristics 7/28 PSRR Power supply rejection ratio(2) F = 217Hz, RL = 16Ω, G = 0dB Vripple = 200mVpp, grounded inputs F = 10kHz, RL = 16Ω, G = 0dB Vripple = 200 mVpp, grounded inputs 100 107 70 dB CMRR Common mode rejection ratio RL = 16Ω, F = 20Hz to 20 kHz, G = 0dB, Vic = 200 mVpp 65 dB Crosstalk Channel separation RL = 16Ω, G = 0dB, F = 1kHz, Po = 40mW RL = 10kΩ, G = 0dB, F = 1kHz, Vout = 1.6Vrms 60 80 82 84 dB SNR Signal to noise ratio, A-weighted, RL=16 Ω, Vout = 0.9Vrms THD+N < 1%, F = 1kHz, G=+4 dB(3) 101 dB ONoise Output noise voltage, A-weighted(3) G= +4dB G=-19.5dB -103 -100 dBV G Gain range with Gain(dB) = 20xlog[(VoutL/R)/(InL/R+ - InL/R-)] -60 +4 dB Mute InL/R+ - InL/R- = 1Vrms -80 dB - Gain step size from -60dB to -36dB from -36dB to -16.5dB from -16.5dB to +4dB 3 1.5 0.5 dB - Step size error -1 +1 stepsize Gain error (G = +4dB) -0.45 +0.42 dB Zin Left and right channel input impedance all gains setting Single-ended inputs referenced to GND Differential inputs 10 20 12 24 14.5 29 k Ω Zout Output impedance in Mode 5 (negative supply is ON and amplifier output stages are OFF)(3) F < 40kHz F = 6MHz F = 36MHz 10 500 75 k Ω Ω Ω twu Wake-up time 12 22 ms tSTBY Standby time 10 µs 1. Guaranteed by design and parameter correlation. 2. Dynamic measurements - 20*log(rms(Vout)/rms(Vripple)). Vripple is an added sinus signal to VCC @ F = 217 Hz. 3. Guaranteed by design and parameter correlation. Table 6. Electrical characteristics of the amplifier from VCC=+2.9 V to VCC=+5.5 V, GND = 0 V, Tamb = 25° C (unless otherwise specified) Symbol Parameter Min. Typ. Max. Unit |
Podobny numer części - TS4601BEIJT |
|
Podobny opis - TS4601BEIJT |