Zakładka z wyszukiwarką danych komponentów |
|
TS4972 Arkusz danych(PDF) 4 Page - STMicroelectronics |
|
TS4972 Arkusz danych(HTML) 4 Page - STMicroelectronics |
4 / 30 page TS4972 Electrical Characteristics 4/30 Table 4: VCC = +3.3V, GND = 0V, Tamb = 25°C (unless otherwise specified) 3) Symbol Parameter Min. Typ. Max. Unit ICC Supply Current No input signal, no load 5.5 8 mA ISTANDBY Standby Current 1 No input signal, Vstdby = Vcc, RL = 8 Ω 10 1000 nA Voo Output Offset Voltage No input signal, RL = 8 Ω 520 mV Po Output Power THD = 1% Max, f = 1kHz, RL = 8 Ω 500 mW THD + N Total Harmonic Distortion + Noise Po = 250mW rms, Gv = 2, 20Hz < f < 20kHz, RL = 8 Ω 0.1 % PSRR Power Supply Rejection Ratio2 f = 217Hz, RL = 8 Ω, RFeed = 22KΩ, Vripple = 200mV rms 75 dB Φ M Phase Margin at Unity Gain RL = 8Ω, CL = 500pF 70 Degrees GM Gain Margin RL = 8Ω, CL = 500pF 20 dB GBP Gain Bandwidth Product RL = 8Ω 2MHz 1) Standby mode is actived when Vstdby is tied to Vcc 2) Dynamic measurements - 20*log(rms(Vout)/rms(Vripple)). Vripple is an added sinus signal to Vcc @ f = 217Hz 3. All electrical values are made by correlation between 2.6V and 5V measurements |
Podobny numer części - TS4972_04 |
|
Podobny opis - TS4972_04 |