Zakładka z wyszukiwarką danych komponentów |
|
MC1403 Arkusz danych(PDF) 2 Page - STMicroelectronics |
|
MC1403 Arkusz danych(HTML) 2 Page - STMicroelectronics |
2 / 3 page MC1403 2/3 ABSOLUTE MAXIMUM RATINGS OPERATING CONDITIONS ELECTRICAL CHARACTERISTICS Tamb = 25°C, VIN =15V (unless otherwise specified) Symbol Parameter Value Unit VIN Input Voltage 40 V Tstg Storage Temperature Range -65 to +150 °C Symbol Parameter Value Unit VIN Input Voltage (IOUT =0mA) 4.5 to 40 V Toper Operating Free Air Temperature Range 0 to +70 °C Symbol Parameter Min. Typ. Max. Unit VOUT Output Voltage IOUT = 0mA 2.475 2.5 2.525 V Temperature Coefficient of Output Voltage IOUT = 0mA 10 40 ppm/°C ∆V OUT Output Voltage change Over the Full Temperature Range IOUT = 0mA 27 mV Reg line Line regulation IOUT = 0mA, 4.5V ≤Vi ≤15V IOUT = 0mA, 15V ≤Vi ≤40V 3 4.5 mV Reg load Load Regulation 0 ≤ I OUT ≤ 10mA 10 mV IQ Quiescent Current IOUT = 0mA 1.2 1.5 mA ∆Vout ∆T ------------------ |
Podobny numer części - MC1403_02 |
|
Podobny opis - MC1403_02 |