Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

MC1403 Arkusz danych(PDF) 1 Page - STMicroelectronics

Numer części MC1403
Szczegółowy opis  2.5V PRECISION SERIAL VOLTAGE REFERENCE
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  STMICROELECTRONICS [STMicroelectronics]
Strona internetowa  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

MC1403 Arkusz danych(HTML) 1 Page - STMicroelectronics

  MC1403 Datasheet HTML 1Page - STMicroelectronics MC1403 Datasheet HTML 2Page - STMicroelectronics MC1403 Datasheet HTML 3Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1/3
s OUTPUT VOLTAGE : 2.5V
±1%
s INPUT VOLTAGE RANGE : 4.5V to 40V
s QUIESCENT CURRENT : 1.2mA typ.
s OUTPUT CURRENT : 10mA
DESCRIPTION
The MC1403 is a serial 2.5V bandgap voltage ref-
erence. The major advantages are the 1% preci-
sion, the wide input voltage range (4.5V to 40V)
and the low quiescent current (1.5mA max.)
ORDER CODE
D = Small Outline Package (SO) - also available in Tape & Reel (DT)
PIN CONNECTIONS (top view)
Part
Number
Temperature
Range
Package
D
MC1403
0°C, +70°C
D
SO8
(Plastic Micropackage)
8765
1234
1 - Vin
2 - Vout
3 - GND
4 - N.C.
5 - N.C.
6 - N.C.
7 - N.C.
8 - N.C.
MC1403
2.5V PRECISION SERIAL VOLTAGE REFERENCE
February 2002


Podobny numer części - MC1403

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Motorola, Inc
MC1403 MOTOROLA-MC1403 Datasheet
127Kb / 8P
   Low Voltage Reference
logo
ON Semiconductor
MC1403 ONSEMI-MC1403 Datasheet
125Kb / 8P
   PRECISION LOW VOLTAGE REFERENCE
REV 1
logo
STMicroelectronics
MC1403 STMICROELECTRONICS-MC1403 Datasheet
37Kb / 4P
   2.5V PRECISION SERIAL VOLTAGE REFERENCE
October 1997
logo
Motorola, Inc
MC1403 MOTOROLA-MC1403 Datasheet
450Kb / 12P
   CMOS LSI (LOW-POWER COMPLEMENTARY MOS) 3 1/2 DIGIT A/D CONVERTER
logo
ON Semiconductor
MC1403 ONSEMI-MC1403 Datasheet
91Kb / 8P
   Low Voltage Reference
March, 2005 ??Rev. 4
More results

Podobny opis - MC1403

ProducentNumer częściArkusz danychSzczegółowy opis
logo
STMicroelectronics
MC1403 STMICROELECTRONICS-MC1403 Datasheet
37Kb / 4P
   2.5V PRECISION SERIAL VOLTAGE REFERENCE
October 1997
logo
Zarlink Semiconductor I...
SR25D ZARLINK-SR25D Datasheet
336Kb / 5P
   2.5V PRECISION VOLTAGE REFERENCE
logo
Analog Devices
REF-03 AD-REF-03 Datasheet
282Kb / 8P
   2.5V Precision Voltage Reference
REV. C
logo
Intersil Corporation
X60008B-25 INTERSIL-X60008B-25 Datasheet
303Kb / 10P
   Precision 2.5V FGA Voltage Reference
X60008B-25 INTERSIL-X60008B-25_06 Datasheet
298Kb / 10P
   Precision 2.5V FGA??Voltage Reference
logo
Analog Devices
REF-43 AD-REF-43 Datasheet
498Kb / 12P
   2.5V Low Power Precision Voltage Reference
REV. C
logo
Anaren Microwave
MSK109RH ANAREN-MSK109RH Datasheet
412Kb / 7P
   2.5V RAD HARD PRECISION VOLTAGE REFERENCE
logo
Sipex Corporation
SPX4040 SIPEX-SPX4040 Datasheet
154Kb / 8P
   Precision Micropower 2.5V Shunt Voltage Reference
logo
Analog Devices
LT6654BX AD-LT6654BX Datasheet
1Mb / 14P
   Wide Supply 2.5V Precision Voltage Reference
logo
Renesas Technology Corp
ISL71010B25 RENESAS-ISL71010B25 Datasheet
1Mb / 22P
   Ultra Low Noise, 2.5V Precision Voltage Reference
Apr 12, 2018
More results


Html Pages

1 2 3


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com