Zakładka z wyszukiwarką danych komponentów |
|
LC4256B-75F256AC1 Arkusz danych(PDF) 7 Page - Lattice Semiconductor |
|
LC4256B-75F256AC1 Arkusz danych(HTML) 7 Page - Lattice Semiconductor |
7 / 99 page Lattice Semiconductor ispMACH 4000V/B/C/Z Family Data Sheet 7 Table 5. Product Term Expansion Capability Every time the super cluster allocator is used, there is an incremental delay of tEXP. When the super cluster alloca- tor is used, all destinations other than the one being steered to, are given the value of ground (i.e., if the super clus- ter is steered to M (n+4), then M (n) is ground). Macrocell The 16 macrocells in the GLB are driven by the 16 outputs from the logic allocator. Each macrocell contains a pro- grammable XOR gate, a programmable register/latch, along with routing for the logic and control functions. Figure 5 shows a graphical representation of the macrocell. The macrocells feed the ORP and GRP. A direct input from the I/O cell allows designers to use the macrocell to construct high-speed input registers. A programmable delay in this path allows designers to choose between the fastest possible set-up time and zero hold time. Figure 5. Macrocell Enhanced Clock Multiplexer The clock input to the flip-flop can select any of the four block clocks along with the shared PT clock, and true and complement forms of the optional individual term clock. An 8:1 multiplexer structure is used to select the clock. The eight sources for the clock multiplexer are as follows: • Block CLK0 • Block CLK1 Expansion Chains Macrocells Associated with Expansion Chain (with Wrap Around) Max PT/ Macrocell Chain-0 M0 → M4 → M8 → M12 → M0 75 Chain-1 M1 → M5 → M9 → M13 → M1 80 Chain-2 M2 → M6 → M10 → M14 → M2 75 Chain-3 M3 → M7 → M11 → M15 → M3 70 Single PT Block CLK0 Block CLK1 Block CLK2 Block CLK3 PT Clock (optional) Shared PT Clock CE D/T/L Q RP Shared PT Initialization PT Initialization/CE (optional) PT Initialization (optional) From Logic Allocator Power-up Initialization To ORP To GRP From I/O Cell Delay |
Podobny numer części - LC4256B-75F256AC1 |
|
Podobny opis - LC4256B-75F256AC1 |
|
|
Link URL |
Polityka prywatności |
ALLDATASHEET.PL |
Czy Alldatasheet okazała się pomocna? [ DONATE ] |
O Alldatasheet | Reklama | Kontakt | Polityka prywatności | Linki | Lista producentów All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |