Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

LC4064ZE7TN64C Arkusz danych(PDF) 11 Page - Lattice Semiconductor

Numer części LC4064ZE7TN64C
Szczegółowy opis  1.8V In-System Programmable Ultra Low Power PLDs
Download  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  LATTICE [Lattice Semiconductor]
Strona internetowa  http://www.latticesemi.com
Logo LATTICE - Lattice Semiconductor

LC4064ZE7TN64C Arkusz danych(HTML) 11 Page - Lattice Semiconductor

Back Button LC4064ZE7TN64C Datasheet HTML 7Page - Lattice Semiconductor LC4064ZE7TN64C Datasheet HTML 8Page - Lattice Semiconductor LC4064ZE7TN64C Datasheet HTML 9Page - Lattice Semiconductor LC4064ZE7TN64C Datasheet HTML 10Page - Lattice Semiconductor LC4064ZE7TN64C Datasheet HTML 11Page - Lattice Semiconductor LC4064ZE7TN64C Datasheet HTML 12Page - Lattice Semiconductor LC4064ZE7TN64C Datasheet HTML 13Page - Lattice Semiconductor LC4064ZE7TN64C Datasheet HTML 14Page - Lattice Semiconductor LC4064ZE7TN64C Datasheet HTML 15Page - Lattice Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 54 page
background image
Lattice Semiconductor
ispMACH 4000ZE Family Data Sheet
11
Figure 9. Power Guard
All the I/O pins in a block share a common Power Guard Enable signal. For a block of I/Os, this signal is called a
Block Input Enable (BIE) signal. BIE can be internally generated using MC logic, or could come from external
sources using one of the user I/O or input pins.
Any I/O pin in the block can be programmed to ignore the BIE signal. Thus, the feature can be enabled or disabled
on a pin-by-pin basis.
Figure 10 shows Power Guard and BIE across multiple I/Os in a block that has eight I/Os.
Figure 10. Power Guard and BIE in a Block with 8 I/Os
0
1
E
Q
D
Power Guard
Power Guard
To Macrocell
I/O 0
I/O 1
I/O 7
To GRP
0
1
To Macrocell
To GRP
To Macrocell
To GRP
Block Input Enable (BIE)
From Block PT. The Block PT
is part of the block AND Array,
and can be driven by signals
from the GRP.
Power Guard
Power Guard
0
1
0
1


Podobny numer części - LC4064ZE7TN64C

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Lattice Semiconductor
LC4064ZC-37M132C LATTICE-LC4064ZC-37M132C Datasheet
451Kb / 99P
   3.3V/2.5V/1.8V In-System Programmable SuperFAST High Density PLDs
LC4064ZC-37M132C1 LATTICE-LC4064ZC-37M132C1 Datasheet
851Kb / 91P
   3.3V/2.5V/1.8V In-System Programmable SuperFAST High density PDLs
LC4064ZC-37M56C LATTICE-LC4064ZC-37M56C Datasheet
851Kb / 91P
   3.3V/2.5V/1.8V In-System Programmable SuperFAST High density PDLs
LC4064ZC-37M56C LATTICE-LC4064ZC-37M56C Datasheet
451Kb / 99P
   3.3V/2.5V/1.8V In-System Programmable SuperFAST High Density PLDs
LC4064ZC-37MN132C LATTICE-LC4064ZC-37MN132C Datasheet
451Kb / 99P
   3.3V/2.5V/1.8V In-System Programmable SuperFAST High Density PLDs
More results

Podobny opis - LC4064ZE7TN64C

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Lattice Semiconductor
LA-ISPMACH4000V LATTICE-LA-ISPMACH4000V Datasheet
240Kb / 42P
   3.3V/1.8V In-System Programmable SuperFAST High Density PLDs
ISPMACH4000V LATTICE-ISPMACH4000V Datasheet
451Kb / 99P
   3.3V/2.5V/1.8V In-System Programmable SuperFAST High Density PLDs
LC4032C LATTICE-LC4032C Datasheet
483Kb / 74P
   3.3V/2.5V/1.8V In-System Programmable SuperFAST High Density PLDs
LC4512Z LATTICE-LC4512Z Datasheet
851Kb / 91P
   3.3V/2.5V/1.8V In-System Programmable SuperFAST High density PDLs
ISPXPLD5000MX LATTICE-ISPXPLD5000MX Datasheet
616Kb / 92P
   3.3V, 2.5V and 1.8V In-System Programmable eXpanded Programmable Logic Device XPLD??Family
LC5256MC LATTICE-LC5256MC Datasheet
427Kb / 92P
   3.3V, 2.5V and 1.8V In-System Programmable eXpanded Programmable Logic Device XPLD??Family
logo
Monolithic Power System...
MP8102 MPS-MP8102 Datasheet
636Kb / 9P
   Ultra Low Power 1.8V, 600kHz Op Amp
logo
Xilinx, Inc
DS066 XILINX-DS066 Datasheet
130Kb / 10P
   5V in-system programmable
logo
Monolithic Power System...
MP8101 MPS-MP8101 Datasheet
643Kb / 10P
   Ultra Low Power 1.8V, 400KHz Op Amp
MP8103 MPS-MP8103 Datasheet
635Kb / 9P
   Dual Ultra Low Power 1.8V, 600kHz Op Amp
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com