Zakładka z wyszukiwarką danych komponentów |
|
LFXP3E-5TN100C Arkusz danych(PDF) 9 Page - Lattice Semiconductor |
|
LFXP3E-5TN100C Arkusz danych(HTML) 9 Page - Lattice Semiconductor |
9 / 130 page 2-6 Architecture Lattice Semiconductor LatticeXP Family Data Sheet Table 2-4. PFU Modes of Operation Routing There are many resources provided in the LatticeXP devices to route signals individually or as buses with related control signals. The routing resources consist of switching circuitry, buffers and metal interconnect (routing) seg- ments. The inter-PFU connections are made with x1 (spans two PFU), x2 (spans three PFU) and x6 (spans seven PFU). The x1 and x2 connections provide fast and efficient connections in horizontal, vertical and diagonal directions. The x2 and x6 resources are buffered allowing both short and long connections routing between PFUs. The ispLEVER design tool takes the output of the synthesis tool and places and routes the design. Generally, the place and route tool is completely automatic, although an interactive routing editor is available to optimize the design. Clock Distribution Network The clock inputs are selected from external I/O, the sysCLOCK™ PLLs or routing. These clock inputs are fed through the chip via a clock distribution system. Primary Clock Sources LatticeXP devices derive clocks from three primary sources: PLL outputs, dedicated clock inputs and routing. Lat- ticeXP devices have two to four sysCLOCK PLLs, located on the left and right sides of the device. There are four dedicated clock inputs, one on each side of the device. Figure 2-5 shows the 20 primary clock sources. Logic Ripple RAM 1 ROM LUT 4x8 or MUX 2x1 x 8 2-bit Add x 4 SPR16x2 x 4 DPR16x2 x 2 ROM16x1 x 8 LUT 5x4 or MUX 4x1 x 4 2-bit Sub x 4 SPR16x4 x 2 DPR16x4 x 1 ROM16x2 x 4 LUT 6x 2 or MUX 8x1 x 2 2-bit Counter x 4 SPR16x8 x 1 ROM16x4 x 2 LUT 7x1 or MUX 16x1 x 1 2-bit Comp x 4 ROM16x8 x 1 1. These modes are not available in PFF blocks |
Podobny numer części - LFXP3E-5TN100C |
|
Podobny opis - LFXP3E-5TN100C |