Zakładka z wyszukiwarką danych komponentów |
|
LC4384V-35F256C1 Arkusz danych(PDF) 1 Page - Lattice Semiconductor |
|
LC4384V-35F256C1 Arkusz danych(HTML) 1 Page - Lattice Semiconductor |
1 / 99 page www.latticesemi.com 1 DS1020_23.0 ispMACH 4000V/B/C/Z Family 3.3V/2.5V/1.8V In-System Programmable SuperFAST High Density PLDs November 2007 Data Sheet DS1020 ® TM © 2007 Lattice Semiconductor Corp. All Lattice trademarks, registered trademarks, patents, and disclaimers are as listed at www.latticesemi.com/legal. All other brand or product names are trademarks or registered trademarks of their respective holders. The specifications and information herein are subject to change without notice. Coolest Power C TM Features ■ High Performance •fMAX = 400MHz maximum operating frequency •tPD = 2.5ns propagation delay • Up to four global clock pins with programmable clock polarity control • Up to 80 PTs per output ■ Ease of Design • Enhanced macrocells with individual clock, reset, preset and clock enable controls • Up to four global OE controls • Individual local OE control per I/O pin • Excellent First-Time-Fit TM and refit • Fast path, SpeedLocking TM Path, and wide-PT path • Wide input gating (36 input logic blocks) for fast counters, state machines and address decoders ■ Zero Power (ispMACH 4000Z) and Low Power (ispMACH 4000V/B/C) • Typical static current 10µA (4032Z) • Typical static current 1.3mA (4000C) • 1.8V core low dynamic power • ispMACH 4000Z operational down to 1.6V VCC ■ Broad Device Offering • Multiple temperature range support – Commercial: 0 to 90°C junction (Tj) – Industrial: -40 to 105°C junction (Tj) – Extended: -40 to 130°C junction (Tj) • For AEC-Q100 compliant devices, refer to LA-ispMACH 4000V/Z Automotive Data Sheet ■ Easy System Integration • Superior solution for power sensitive consumer applications • Operation with 3.3V, 2.5V or 1.8V LVCMOS I/O • Operation with 3.3V (4000V), 2.5V (4000B) or 1.8V (4000C/Z) supplies • 5V tolerant I/O for LVCMOS 3.3, LVTTL, and PCI interfaces • Hot-socketing • Open-drain capability • Input pull-up, pull-down or bus-keeper • Programmable output slew rate • 3.3V PCI compatible • IEEE 1149.1 boundary scan testable • 3.3V/2.5V/1.8V In-System Programmable (ISP™) using IEEE 1532 compliant interface • I/O pins with fast setup path • Lead-free package options Table 1. ispMACH 4000V/B/C Family Selection Guide ispMACH 4032V/B/C ispMACH 4064V/B/C ispMACH 4128V/B/C ispMACH 4256V/B/C ispMACH 4384V/B/C ispMACH 4512V/B/C Macrocells 32 64 128 256 384 512 I/O + Dedicated Inputs 30+2/32+4 30+2/32+4/ 64+10 64+10/92+4/ 96+4 64+10/96+14/ 128+4/160+4 128+4/192+4 128+4/208+4 tPD (ns) 2.5 2.5 2.7 3.0 3.5 3.5 tS (ns) 1.8 1.8 1.8 2.0 2.0 2.0 tCO (ns) 2.2 2.2 2.7 2.7 2.7 2.7 fMAX (MHz) 400 400 333 322 322 322 Supply Voltages (V) 3.3/2.5/1.8V 3.3/2.5/1.8V 3.3/2.5/1.8V 3.3/2.5/1.8V 3.3/2.5/1.8V 3.3/2.5/1.8V Pins/Package 44 TQFP 48 TQFP 44 TQFP 48 TQFP 100 TQFP 100 TQFP 128 TQFP 144 TQFP 1 100 TQFP 144 TQFP 1 176 TQFP 256 ftBGA 2/ fpBGA 2, 3 176 TQFP 256 ftBGA/ fpBGA 3 176 TQFP 256 ftBGA/ fpBGA 3 1. 3.3V (4000V) only. 2. 128-I/O and 160-I/O configurations. 3. Use 256 ftBGA package for all new designs. Refer to PCN#14A-07 for 256 fpBGA package discontinuance. |
Podobny numer części - LC4384V-35F256C1 |
|
Podobny opis - LC4384V-35F256C1 |