Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

LC5256MV-4FN672I Arkusz danych(PDF) 5 Page - Lattice Semiconductor

Numer części LC5256MV-4FN672I
Szczegółowy opis  3.3V, 2.5V and 1.8V In-System Programmable eXpanded Programmable Logic Device XPLD??Family
Download  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  LATTICE [Lattice Semiconductor]
Strona internetowa  http://www.latticesemi.com
Logo LATTICE - Lattice Semiconductor

LC5256MV-4FN672I Arkusz danych(HTML) 5 Page - Lattice Semiconductor

  LC5256MV-4FN672I Datasheet HTML 1Page - Lattice Semiconductor LC5256MV-4FN672I Datasheet HTML 2Page - Lattice Semiconductor LC5256MV-4FN672I Datasheet HTML 3Page - Lattice Semiconductor LC5256MV-4FN672I Datasheet HTML 4Page - Lattice Semiconductor LC5256MV-4FN672I Datasheet HTML 5Page - Lattice Semiconductor LC5256MV-4FN672I Datasheet HTML 6Page - Lattice Semiconductor LC5256MV-4FN672I Datasheet HTML 7Page - Lattice Semiconductor LC5256MV-4FN672I Datasheet HTML 8Page - Lattice Semiconductor LC5256MV-4FN672I Datasheet HTML 9Page - Lattice Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 92 page
background image
Lattice Semiconductor
ispXPLD 5000MX Family Data Sheet
5
Figure 3. MFB in SuperWIDE Logic Mode†
Figure 4. Macrocell Slice in Logic Mode AND-Array
To Routing
PTOE
Sharing
Carry Out
68 Inputs
from
Routing
68 Inputs
from
Adjacent
MFB
Shared PT Reset
Shared PT Clk
Shared PT Clk En
From
GRP
68
PTSA
From
n-7
Carry-in
To
n+7
PTSA Bypass
PT OE to
I/O Block
From
I/O Cell
PT Clock
PT Preset
PT Reset
Shared PT Reset
Shared
PT CE
CLK0
Shared PTCLK
CLK1
CLK2
CLK3
Global Reset
Clk En
Clk
R/L
D
PR
Q
AND Array
Dual-OR Array
Macrocell
Output
to I/O Block or
Internal Control
(See Pin Table
for Assignments)
GRP
Carry-out


Podobny numer części - LC5256MV-4FN672I

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Lattice Semiconductor
LC5256MC LATTICE-LC5256MC Datasheet
427Kb / 92P
   3.3V, 2.5V and 1.8V In-System Programmable eXpanded Programmable Logic Device XPLD??Family
LC5256MC-4F256C LATTICE-LC5256MC-4F256C Datasheet
427Kb / 92P
   3.3V, 2.5V and 1.8V In-System Programmable eXpanded Programmable Logic Device XPLD??Family
LC5256MC-5F256C LATTICE-LC5256MC-5F256C Datasheet
427Kb / 92P
   3.3V, 2.5V and 1.8V In-System Programmable eXpanded Programmable Logic Device XPLD??Family
LC5256MC-75F256C LATTICE-LC5256MC-75F256C Datasheet
427Kb / 92P
   3.3V, 2.5V and 1.8V In-System Programmable eXpanded Programmable Logic Device XPLD??Family
More results

Podobny opis - LC5256MV-4FN672I

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Lattice Semiconductor
LC5256MC LATTICE-LC5256MC Datasheet
427Kb / 92P
   3.3V, 2.5V and 1.8V In-System Programmable eXpanded Programmable Logic Device XPLD??Family
LC4512Z LATTICE-LC4512Z Datasheet
851Kb / 91P
   3.3V/2.5V/1.8V In-System Programmable SuperFAST High density PDLs
LC4032C LATTICE-LC4032C Datasheet
483Kb / 74P
   3.3V/2.5V/1.8V In-System Programmable SuperFAST High Density PLDs
ISPMACH4000V LATTICE-ISPMACH4000V Datasheet
451Kb / 99P
   3.3V/2.5V/1.8V In-System Programmable SuperFAST High Density PLDs
logo
Altera Corporation
EPM7064LI44-15 ALTERA-EPM7064LI44-15 Datasheet
1Mb / 66P
   Programmable Logic Device Family
EPM3512AQC208-10N ALTERA-EPM3512AQC208-10N Datasheet
715Kb / 46P
   Programmable Logic Device Family
EPM7064STI44-7N ALTERA-EPM7064STI44-7N Datasheet
1Mb / 66P
   Programmable Logic Device Family
EPF8452AQC160-3 ALTERA-EPF8452AQC160-3 Datasheet
957Kb / 62P
   Programmable Logic Device Family
EPM7064STI44-7 ALTERA-EPM7064STI44-7 Datasheet
1Mb / 66P
   Programmable Logic Device Family
EPM7032LC44-15 ALTERA-EPM7032LC44-15 Datasheet
1Mb / 66P
   Programmable Logic Device Family
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com