Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

LFECP10E-3TN144I Arkusz danych(PDF) 2 Page - Lattice Semiconductor

Numer części LFECP10E-3TN144I
Szczegółowy opis  LatticeECP/EC Family Data Sheet
Download  163 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  LATTICE [Lattice Semiconductor]
Strona internetowa  http://www.latticesemi.com
Logo LATTICE - Lattice Semiconductor

LFECP10E-3TN144I Arkusz danych(HTML) 2 Page - Lattice Semiconductor

  LFECP10E-3TN144I Datasheet HTML 1Page - Lattice Semiconductor LFECP10E-3TN144I Datasheet HTML 2Page - Lattice Semiconductor LFECP10E-3TN144I Datasheet HTML 3Page - Lattice Semiconductor LFECP10E-3TN144I Datasheet HTML 4Page - Lattice Semiconductor LFECP10E-3TN144I Datasheet HTML 5Page - Lattice Semiconductor LFECP10E-3TN144I Datasheet HTML 6Page - Lattice Semiconductor LFECP10E-3TN144I Datasheet HTML 7Page - Lattice Semiconductor LFECP10E-3TN144I Datasheet HTML 8Page - Lattice Semiconductor LFECP10E-3TN144I Datasheet HTML 9Page - Lattice Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 163 page
background image
www.latticesemi.com
1-1
Introduction_01.3
May 2005
Data Sheet
© 2005 Lattice Semiconductor Corp. All Lattice trademarks, registered trademarks, patents, and disclaimers are as listed at www.latticesemi.com/legal. All other brand
or product names are trademarks or registered trademarks of their respective holders. The specifications and information herein are subject to change without notice.
Features
■ Extensive Density and Package Options
• 1.5K to 32.8K LUT4s
• 65 to 496 I/Os
• Density migration supported
■ sysDSP™ Block (LatticeECP™ Versions)
• High performance multiply and accumulate
• 4 to 8 blocks
− 4 to 8 36x36 multipliers or
– 16 to 32 18x18 multipliers or
− 32 to 64 9x9 multipliers
■ Embedded and Distributed Memory
• 18 Kbits to 498 Kbits sysMEM™ Embedded
Block RAM (EBR)
• Up to 131 Kbits distributed RAM
• Flexible memory resources:
− Distributed and block memory
■ Flexible I/O Buffer
• Programmable sysI/O™ buffer supports wide
range of interfaces:
− LVCMOS 3.3/2.5/1.8/1.5/1.2
− LVTTL
− SSTL 3/2 Class I, II, SSTL18 Class I
− HSTL 18 Class I, II, III, HSTL15 Class I, III
− PCI
− LVDS, Bus-LVDS, LVPECL, RSDS
■ Dedicated DDR Memory Support
• Implements interface up to DDR400 (200MHz)
■ sysCLOCK™ PLLs
• Up to four analog PLLs per device
• Clock multiply, divide and phase shifting
■ System Level Support
• IEEE Standard 1149.1 Boundary Scan, plus
ispTRACY™ internal logic analyzer capability
• SPI boot flash interface
• 1.2V power supply
■ Low Cost FPGA
• Features optimized for mainstream applications
• Low cost TQFP and PQFP packaging
Table 1-1. LatticeECP/EC Family Selection Guide
Device
LFEC1
LFEC3
LFEC6/
LFECP6
LFEC10/
LFECP10
LFEC15/
LFECP15
LFEC20/
LFECP20
LFEC33/
LFECP33
PFU/PFF Rows
12
16
24
32
40
44
64
PFU/PFF Columns
16
24
32
40
48
56
64
PFUs/PFFs
192
384
768
1280
1920
2464
4096
LUTs (K)
1.5
3.1
6.1
10.2
15.4
19.7
32.8
Distributed RAM (Kbits)
6
12
25
41
61
79
131
EBR SRAM (Kbits)
18
55
92
276
350
424
498
EBR SRAM Blocks
2
6
10
30
38
46
54
sysDSP Blocks
1
45678
18x18 Multipliers
1
16
20
24
28
32
VCC Voltage (V)
1.2
1.2
1.2
1.2
1.2
1.2
1.2
Number of PLLs
2224444
Packages and I/O Combinations:
100-pin TQFP (14 x 14 mm)
67
67
144-pin TQFP (20 x 20 mm)
97
97
97
208-pin PQFP (28 x 28 mm)
112
145
147
147
256-ball fpBGA (17 x 17 mm)
160
195
195
195
484-ball fpBGA (23 x 23 mm)
224
288
352
360
360
672-ball fpBGA (27 x 27 mm)
400
496
1. LatticeECP devices only.
LatticeECP/EC Family Data Sheet
Introduction


Podobny numer części - LFECP10E-3TN144I

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Lattice Semiconductor
LFECP10E-3T100C LATTICE-LFECP10E-3T100C Datasheet
557Kb / 117P
   LatticeECP/EC Family Data Sheet
LFECP10E-3T100I LATTICE-LFECP10E-3T100I Datasheet
557Kb / 117P
   LatticeECP/EC Family Data Sheet
LFECP10E-3T144C LATTICE-LFECP10E-3T144C Datasheet
557Kb / 117P
   LatticeECP/EC Family Data Sheet
LFECP10E-3T144I LATTICE-LFECP10E-3T144I Datasheet
557Kb / 117P
   LatticeECP/EC Family Data Sheet
More results

Podobny opis - LFECP10E-3TN144I

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Lattice Semiconductor
LFEC LATTICE-LFEC Datasheet
557Kb / 117P
   LatticeECP/EC Family Data Sheet
logo
List of Unclassifed Man...
812012 ETC-812012 Datasheet
46Kb / 3P
   EC Safety Data Sheet
D6X39B182 ETC2-D6X39B182 Datasheet
920Kb / 6P
   SAFETY DATA SHEET ACCORDING TO (EC)
logo
Lattice Semiconductor
MACHXO LATTICE-MACHXO Datasheet
942Kb / 95P
   MachXO Family Data Sheet
logo
Microchip Technology
PIC24FJ192GA110-I MICROCHIP-PIC24FJ192GA110-I Datasheet
2Mb / 330P
   PIC24FJ256GA110 Family Data Sheet
08/04/10
logo
Lattice Semiconductor
LCMXO2-7000HC-6TG144C LATTICE-LCMXO2-7000HC-6TG144C Datasheet
5Mb / 122P
   MachXO2 Family Data Sheet
2010-2022
DS1035 LATTICE-DS1035 Datasheet
7Mb / 106P
   MachXO2??Family Data Sheet
logo
Freescale Semiconductor...
MC68711E20CFNE2 FREESCALE-MC68711E20CFNE2 Datasheet
1Mb / 242P
   M68HC11E Family Data Sheet
logo
Lattice Semiconductor
XP2 LATTICE-XP2 Datasheet
1Mb / 92P
   LatticeXP2 Family Data Sheet
logo
Cree, Inc
XLAMPMCE CREE-XLAMPMCE Datasheet
1Mb / 14P
   Product family data sheet
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com