Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TC3943 Arkusz danych(PDF) 1 Page - Transcom, Inc.

Numer części TC3943
Szczegółowy opis  0.5W Single-Bias and Prematched GaAs Power PHEMTs using SMT package
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TRANSCOM [Transcom, Inc.]
Strona internetowa  http://www.transcominc.com.tw
Logo TRANSCOM - Transcom, Inc.

TC3943 Arkusz danych(HTML) 1 Page - Transcom, Inc.

  TC3943 Datasheet HTML 1Page - Transcom, Inc. TC3943 Datasheet HTML 2Page - Transcom, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
TC3943
REV2_20070503
TRANSCOM, INC., 90 Dasoong 7
th Road, Tainan Science-Based Industrial Park, Hsin-She Shiang, Tainan County Taiwan, R.O.C.
Web-Site: www.transcominc.com.tw
Phone: 886-6-5050086
Fax: 886-6-5051602
P 1 / 2
0.5W Single-Bias and Prematched GaAs Power PHEMTs using SMT package
FEATURES
PHOTO ENLARGEMENT
• Prematched for 5~10 GHz
• 0.5W Typical Output Power at 5~10GHz
• 7dB Typical Linear Power Gain at 10GHz
• High Linearity: IP3 = 37 dBm Typical at 5~10GHz
• High Power Added Efficiency: Nominal PAE of 30% at 5~10GHz
• Breakdown Voltage: BV
DGO
≥ 15V
• Wg = 1.2 mm
• 100 % DC Tested
• Suitable for High Reliability Application
• Lost Cost SMT Ceramic Package
DESCRIPTION
The TC3943 is a Single-bias and prematched GaAs PHEMT. It is designed for use in low cost, high volume,
and 5~10 GHz 0.5W amplifiers. It provides a typical gain of 7dB and P1dB of 27dBm at 10GHz. The single
positive drain bias is 8V and the typical drain-source current is 150mA. The device is packaged in copper
based ceramic 10 pins SMT packages. The copper based carrier of the package allows direct soldering of
the device to the PCB.
ELECTRICAL SPECIFICATIONS (TA=25℃
℃)
Symbol
CONDITIONS
MIN
TYP
MAX
UNIT
P1dB
Output Power at 1dB Gain Compression Point, f = 10GHz VDS = 8V
26
27
dBm
GL
Linear Power Gain, f = 10GHz VDS = 8V
6
7
dB
IP3
Intercept Point of the 3
rd-order Intermodulation, f = 10GHz V
DS = 8V, *PSCL = 14 dBm
37
dBm
PAE
Power Added Efficiency at 1dB Compression Power, f = 10GHz
30
%
IDS
Drain-Source Current at VDS = 8V
150
mA
BVDGO
Drain-Gate Breakdown Voltage at IDGO = 0.6mA
15
18
Volts
Note: *PSCL: Output Power of Single Carrier Level.


Podobny numer części - TC3943

ProducentNumer częściArkusz danychSzczegółowy opis
logo
List of Unclassifed Man...
TC394 ETC1-TC394 Datasheet
421Kb / 3P
   DUAL INTERFACE BUFFERS / DUAL 2-INPUT NAND/AND/OR/NOR / DUAL 4-INPUT AND/NAND WITH EXPANDER
logo
Transcom, Inc.
TC3947 TRANSCOM-TC3947 Datasheet
194Kb / 3P
   0.5W Packaged Single-Bias PHEMT GaAs Power FETs
logo
List of Unclassifed Man...
TC394AL ETC1-TC394AL Datasheet
421Kb / 3P
   DUAL INTERFACE BUFFERS / DUAL 2-INPUT NAND/AND/OR/NOR / DUAL 4-INPUT AND/NAND WITH EXPANDER
TC394CL ETC1-TC394CL Datasheet
421Kb / 3P
   DUAL INTERFACE BUFFERS / DUAL 2-INPUT NAND/AND/OR/NOR / DUAL 4-INPUT AND/NAND WITH EXPANDER
More results

Podobny opis - TC3943

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Transcom, Inc.
TC3953A TRANSCOM-TC3953A Datasheet
91Kb / 2P
   1W Single-Bias and Prematched GaAs Power PHEMTs using SMT package
TC3953 TRANSCOM-TC3953 Datasheet
83Kb / 2P
   1 W Single-Bias GaAs Power PHEMTs prematched for 5~8 GHz
TC3947 TRANSCOM-TC3947 Datasheet
194Kb / 3P
   0.5W Packaged Single-Bias PHEMT GaAs Power FETs
logo
Broadcom Corporation.
AMMP-6430 BOARDCOM-AMMP-6430 Datasheet
271Kb / 9P
   27-34 GHz, 0.5W Power Amplifier in SMT Package
logo
AVAGO TECHNOLOGIES LIMI...
AMMP-6430 AVAGO-AMMP-6430_13 Datasheet
271Kb / 9P
   27-34 GHz, 0.5W Power Amplifier in SMT Package
AMMP-6430 AVAGO-AMMP-6430 Datasheet
895Kb / 11P
   27-32 GHz 0.5W Power Amplifier in SMT Package
logo
Transcom, Inc.
TC1404N TRANSCOM-TC1404N Datasheet
73Kb / 3P
   0.5W High Linearity and High Efficiency GaAs Power FETs
logo
Hittite Microwave Corpo...
HMC277MS8 HITTITE-HMC277MS8_06 Datasheet
253Kb / 6P
   GaAs MMIC SMT SINGLE GaAs MMIC SMT SINGLE
logo
Transcom, Inc.
TC3938 TRANSCOM-TC3938 Datasheet
192Kb / 3P
   Packaged Single-Bias Medium Power PHEMT GaAs FETs
TC3957 TRANSCOM-TC3957 Datasheet
193Kb / 3P
   1W Packaged Single-Bias PHEMT GaAs Power FETs
More results


Html Pages

1 2


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com