Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TC3967 Arkusz danych(PDF) 1 Page - Transcom, Inc.

Numer części TC3967
Szczegółowy opis  2 W Packaged Single-Bias PHEMT GaAs Power FETs
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TRANSCOM [Transcom, Inc.]
Strona internetowa  http://www.transcominc.com.tw
Logo TRANSCOM - Transcom, Inc.

TC3967 Arkusz danych(HTML) 1 Page - Transcom, Inc.

  TC3967 Datasheet HTML 1Page - Transcom, Inc. TC3967 Datasheet HTML 2Page - Transcom, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
TC3967
REV2_20080516
TRANSCOM, INC., 90 Dasoong 7
th Road, Tainan Science-Based Industrial Park, Hsin-She Shiang, Tainan County Taiwan, R.O.C.
Web-Site: www.transcominc.com.tw
Phone: 886-6-5050086
Fax: 886-6-5051602
P 1 / 2
2 W Packaged Single-Bias PHEMT GaAs Power FETs
FEATURES
2W Typical Output Power
13dB Typical Linear Power Gain at 2.45GHz
High Linearity: IP3 = 43 dBm Typical
High Power Added Efficiency: Nominal PAE of 35%
Breakdown Voltage: BVDGO
≥ 15V
Wg = 5 mm
100 % DC Tested
Suitable for High Reliability Application
Lost Cost Ceramic Package
DESCRIPTION
The TC3967 is a self-bias Cu-based ceramic packaged device with TC1601N PHEMT GaAs FETs, which is
designed to provide the single power supply. The Cu-based ceramic package provides excellent thermal
conductivity for the GaAs FET. The device is suitable for oscillator and power amplifiers in a wide range of
commercial application. All devices are 100% DC tested to assure consistent quality.
ELECTRICAL SPECIFICATIONS (@ 2.45 GHz)
Symbol
CONDITIONS
MIN
TYP
MAX
UNIT
P1dB
Output Power at 1dB Gain Compression Point VDS = 8 V
32
33
dBm
GL
Linear Power Gain VDS = 8 V
13
dB
IP3
Intercept Point of the 3
rd-order Intermodulation V
DS = 8 V, *PSCL = 20 dBm
43
dBm
PAE
Power Added Efficiency at 1dB Compression Power
35
%
IDS
Drain-Source Current at VDS = 8 V
600
mA
BVDGO
Drain-Gate Breakdown Voltage at IDGO = 1.2mA
15
18
Volts
Rth
Thermal Resistance
8
°C/W
Note: *PSCL: Output Power of Single Carrier Level.
PHOTO ENLARGEMENT


Podobny numer części - TC3967

ProducentNumer częściArkusz danychSzczegółowy opis
logo
List of Unclassifed Man...
TC3967 ETC1-TC3967 Datasheet
25Kb / 1P
   2W Packaged Self-Bias PHEMT GaAs Power FETs
More results

Podobny opis - TC3967

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Transcom, Inc.
TC3977 TRANSCOM-TC3977 Datasheet
28Kb / 1P
   3 W Packaged Single-Bias PHEMT GaAs Power FETs
TC3879 TRANSCOM-TC3879 Datasheet
58Kb / 2P
   7 W Packaged Single-Bias PHEMT GaAs Power FETs
TC3957 TRANSCOM-TC3957 Datasheet
193Kb / 3P
   1W Packaged Single-Bias PHEMT GaAs Power FETs
TC3938 TRANSCOM-TC3938 Datasheet
192Kb / 3P
   Packaged Single-Bias Medium Power PHEMT GaAs FETs
TC3947 TRANSCOM-TC3947 Datasheet
194Kb / 3P
   0.5W Packaged Single-Bias PHEMT GaAs Power FETs
TC3928 TRANSCOM-TC3928 Datasheet
155Kb / 2P
   Packaged Single-Bias Low Noise PHEMT GaAs FETs
TC3918 TRANSCOM-TC3918 Datasheet
229Kb / 3P
   Packaged Single-Bias Low Noise PHEMT GaAs FETs
TC2696 TRANSCOM-TC2696 Datasheet
54Kb / 2P
   2 W Flange Ceramic Packaged PHEMT GaAs Power FETs
TC2676 TRANSCOM-TC2676 Datasheet
186Kb / 3P
   2 W Low-Cost Packaged PHEMT GaAs Power FETs
logo
List of Unclassifed Man...
TC2696 ETC-TC2696 Datasheet
39Kb / 2P
   2 W Flange Ceramic Packaged PHEMT GaAs Power FETs
More results


Html Pages

1 2


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com