Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

LC51024MC-75FN256C Arkusz danych(PDF) 1 Page - Lattice Semiconductor

Numer części LC51024MC-75FN256C
Szczegółowy opis  3.3V, 2.5V and 1.8V In-System Programmable eXpanded Programmable Logic Device XPLD??Family
Download  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  LATTICE [Lattice Semiconductor]
Strona internetowa  http://www.latticesemi.com
Logo LATTICE - Lattice Semiconductor

LC51024MC-75FN256C Arkusz danych(HTML) 1 Page - Lattice Semiconductor

  LC51024MC-75FN256C Datasheet HTML 1Page - Lattice Semiconductor LC51024MC-75FN256C Datasheet HTML 2Page - Lattice Semiconductor LC51024MC-75FN256C Datasheet HTML 3Page - Lattice Semiconductor LC51024MC-75FN256C Datasheet HTML 4Page - Lattice Semiconductor LC51024MC-75FN256C Datasheet HTML 5Page - Lattice Semiconductor LC51024MC-75FN256C Datasheet HTML 6Page - Lattice Semiconductor LC51024MC-75FN256C Datasheet HTML 7Page - Lattice Semiconductor LC51024MC-75FN256C Datasheet HTML 8Page - Lattice Semiconductor LC51024MC-75FN256C Datasheet HTML 9Page - Lattice Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 92 page
background image
www.latticesemi.com
1
5kmx_12.2
ispXPLD 5000MX Family
3.3V, 2.5V and 1.8V In-System Programmable
eXpanded Programmable Logic Device XPLD™ Family
March 2006
Data Sheet
TM
© 2006 Lattice Semiconductor Corp. All Lattice trademarks, registered trademarks, patents, and disclaimers are as listed at www.latticesemi.com/legal. All other brand
or product names are trademarks or registered trademarks of their respective holders. The specifications and information herein are subject to change without notice.
Features
■ Flexible Multi-Function Block (MFB)
Architecture
• SuperWIDE™ logic (up to 136 inputs)
• Arithmetic capability
• Single- or Dual-port SRAM
• FIFO
• Ternary CAM
■ sysCLOCK™ PLL Timing Control
• Multiply and divide between 1 and 32
• Clock shifting capability
• External feedback capability
■ sysIO™ Interfaces
• LVCMOS 1.8, 2.5, 3.3V
– Programmable impedance
– Hot-socketing
– Flexible bus-maintenance (Pull-up, pull-
down, bus-keeper, or none)
– Open drain operation
• SSTL 2, 3 (I & II)
• HSTL (I, III, IV)
• PCI 3.3
• GTL+
• LVDS
• LVPECL
• LVTTL
■ Expanded In-System Programmability (ispXP™)
• Instant-on capability
• Single chip convenience
• In-System Programmable via IEEE 1532
Interface
• Infinitely reconfigurable via IEEE 1532 or
sysCONFIG™ microprocessor interface
• Design security
■ High Speed Operation
• 4.0ns pin-to-pin delays, 300MHz fMAX
• Deterministic timing
■ Low Power Consumption
• Typical static power: 20 to 50mA (1.8V),
30 to 60mA (2.5/3.3V)
• 1.8V core for low dynamic power
■ Easy System Integration
• 3.3V (5000MV), 2.5V (5000MB) and 1.8V
(5000MC) power supply operation
• 5V tolerant I/O for LVCMOS 3.3 and LVTTL
interfaces
• IEEE 1149.1 interface for boundary scan testing
• sysIO quick configuration
• Density migration
• Multiple density and package options
• PQFP and fine pitch BGA packaging
• Lead-free package options
Table 1. ispXPLD 5000MX Family Selection Guide
ispXPLD 5256MX
ispXPLD 5512MX
ispXPLD 5768MX ispXPLD 51024MX
Macrocells
256
512
768
1,024
Multi-Function Blocks
8
16
24
32
Maximum RAM Bits
128K
256K
384K
512K
Maximum CAM Bits
48K
96K
144K
192K
sysCLOCK PLLs
2222
tPD (Propagation Delay)
4.0ns
4.5ns
5.0ns
5.2ns
tS (Register Set-up Time)
2.2ns
2.8ns
2.8ns
3.0ns
tCO (Register Clock to Out Time)
2.8ns
3.0ns
3.2ns
3.7ns
fMAX (Maximum Operating Frequency)
300MHz
275MHz
250MHz
250MHz
System Gates
75K
150K
225K
300K
I/Os
141
149/193/253
193/317
317/381
Packages
256 fpBGA
208 PQFP
256 fpBGA
484 fpBGA
256 fpBGA
484 fpBGA
484 fpBGA
672 fpBGA


Podobny numer części - LC51024MC-75FN256C

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Microsemi Corporation
LC51 MICROSEMI-LC51 Datasheet
79Kb / 2P
   TRANSIENT ABSORPTION ZENER
LC51 MICROSEMI-LC51 Datasheet
586Kb / 4P
   1500 WATT LOW CAPACITANCE TRANSIENT VOLTAGE SUPPRESSOR
LC51 MICROSEMI-LC51 Datasheet
196Kb / 4P
   1500 WATT LOW CAPACITANCE TRANSIENT VOLTAGE SUPPRESSOR
logo
New Jersey Semi-Conduct...
LC51 NJSEMI-LC51 Datasheet
175Kb / 3P
   1500 WATT LOW CAPACITANCE TRANSIENT VOLTAGE SUPPRESSOR
logo
Seoul Semiconductor
LC511 SEOUL-LC511 Datasheet
392Kb / 14P
   BLUE OVAL LAMP LED
More results

Podobny opis - LC51024MC-75FN256C

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Lattice Semiconductor
LC5256MC LATTICE-LC5256MC Datasheet
427Kb / 92P
   3.3V, 2.5V and 1.8V In-System Programmable eXpanded Programmable Logic Device XPLD??Family
LC4512Z LATTICE-LC4512Z Datasheet
851Kb / 91P
   3.3V/2.5V/1.8V In-System Programmable SuperFAST High density PDLs
LC4032C LATTICE-LC4032C Datasheet
483Kb / 74P
   3.3V/2.5V/1.8V In-System Programmable SuperFAST High Density PLDs
ISPMACH4000V LATTICE-ISPMACH4000V Datasheet
451Kb / 99P
   3.3V/2.5V/1.8V In-System Programmable SuperFAST High Density PLDs
logo
Altera Corporation
EPM7064LI44-15 ALTERA-EPM7064LI44-15 Datasheet
1Mb / 66P
   Programmable Logic Device Family
EPM3512AQC208-10N ALTERA-EPM3512AQC208-10N Datasheet
715Kb / 46P
   Programmable Logic Device Family
EPM7064STI44-7N ALTERA-EPM7064STI44-7N Datasheet
1Mb / 66P
   Programmable Logic Device Family
EPF8452AQC160-3 ALTERA-EPF8452AQC160-3 Datasheet
957Kb / 62P
   Programmable Logic Device Family
EPM7064STI44-7 ALTERA-EPM7064STI44-7 Datasheet
1Mb / 66P
   Programmable Logic Device Family
EPM7032LC44-15 ALTERA-EPM7032LC44-15 Datasheet
1Mb / 66P
   Programmable Logic Device Family
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com