Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

FAN3100TMPX Arkusz danych(PDF) 2 Page - Fairchild Semiconductor

Numer części FAN3100TMPX
Szczegółowy opis  Single 2A High-Speed, Low-Side Gate Driver
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  FAIRCHILD [Fairchild Semiconductor]
Strona internetowa  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FAN3100TMPX Arkusz danych(HTML) 2 Page - Fairchild Semiconductor

  FAN3100TMPX Datasheet HTML 1Page - Fairchild Semiconductor FAN3100TMPX Datasheet HTML 2Page - Fairchild Semiconductor FAN3100TMPX Datasheet HTML 3Page - Fairchild Semiconductor FAN3100TMPX Datasheet HTML 4Page - Fairchild Semiconductor FAN3100TMPX Datasheet HTML 5Page - Fairchild Semiconductor FAN3100TMPX Datasheet HTML 6Page - Fairchild Semiconductor FAN3100TMPX Datasheet HTML 7Page - Fairchild Semiconductor FAN3100TMPX Datasheet HTML 8Page - Fairchild Semiconductor FAN3100TMPX Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 21 page
background image
© 2007 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FAN3100 • Rev. 1.0.1
2
Ordering Information
Part Number
Input Threshold
Package
Packing Method
Quantity / Reel
FAN3100CMPX
CMOS
6-Lead 2x2mm MLP
Tape & Reel
3000
FAN3100CSX
CMOS
5-Pin SOT23
Tape & Reel
3000
FAN3100TMPX
TTL
6-Lead 2x2mm MLP
Tape & Reel
3000
FAN3100TSX
TTL
5-Pin SOT23
Tape & Reel
3000
All packages are lead free per JEDEC: J-STD-020B standard.
Package Outlines
1
6
5
2
4
3
IN+
AGND
VDD
IN
PGND
OUT
Figure 3. 2x2mm 6-Lead MLP (Top View)
Figure 4. SOT23-5 (Top View)
Thermal Characteristics
(1)
Package
ΘJL
(2)
ΘJT
(3)
ΘJA
(4)
ΨJB
(5)
ΨJT
(6)
Units
6-Lead 2x2mm Molded Leadless Package (MLP)
2.7
133
58
2.8
42
°C/W
SOT23-5
56
99
157
51
5
°C/W
Notes:
1.
Estimates derived from thermal simulation; actual values depend on the application.
2.
Theta_JL (
ΘJL): Thermal resistance between the semiconductor junction and the bottom surface of all the leads (including any
thermal pad) that are typically soldered to a PCB.
3.
Theta_JT (
ΘJT): Thermal resistance between the semiconductor junction and the top surface of the package, assuming it is
held at a uniform temperature by a top-side heatsink.
4.
Theta_JA (ΘJA): Thermal resistance between junction and ambient, dependent on the PCB design, heat sinking, and airflow.
The value given is for natural convection with no heatsink, as specified in JEDEC standards JESD51-2, JESD51-5, and
JESD51-7, as appropriate.
5.
Psi_JB (
ΨJB): Thermal characterization parameter providing correlation between semiconductor junction temperature and an
application circuit board reference point for the thermal environment defined in Note 4. For the MLP-6 package, the board
reference is defined as the PCB copper connected to the thermal pad and protruding from either end of the package. For the
SOT23-5 package, the board reference is defined as the PCB copper adjacent to pin 2.
6.
Psi_JT (
ΨJT): Thermal characterization parameter providing correlation between the semiconductor junction temperature and
the center of the top of the package for the thermal environment defined in Note 4.


Podobny numer części - FAN3100TMPX

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Fairchild Semiconductor
FAN3100TMPX FAIRCHILD-FAN3100TMPX Datasheet
886Kb / 19P
   Single 2A High-Speed, Low-Side Gate Driver
FAN3100TMPX FAIRCHILD-FAN3100TMPX Datasheet
1Mb / 21P
   Single 2A High-Speed, Low-Side Gate Driver
FAN3100TMPX FAIRCHILD-FAN3100TMPX Datasheet
1Mb / 22P
   Single 2A High-Speed, Low-Side Gate Driver
logo
ON Semiconductor
FAN3100TMPX ONSEMI-FAN3100TMPX Datasheet
1Mb / 21P
   Single 2 A High-Speed, Low-Side Gate Driver
December-2017, Rev . 2
More results

Podobny opis - FAN3100TMPX

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Fairchild Semiconductor
FAN3100 FAIRCHILD-FAN3100 Datasheet
886Kb / 19P
   Single 2A High-Speed, Low-Side Gate Driver
FAN3100 FAIRCHILD-FAN3100_09 Datasheet
1Mb / 21P
   Single 2A High-Speed, Low-Side Gate Driver
FAN3100 FAIRCHILD-FAN3100_11 Datasheet
1Mb / 22P
   Single 2A High-Speed, Low-Side Gate Driver
logo
ON Semiconductor
FAN3181 ONSEMI-FAN3181 Datasheet
984Kb / 21P
   Single 2A High-Speed, Low-Side IGBT Driver
December 2016- Rev. 1.0
logo
Fairchild Semiconductor
FAN3111 FAIRCHILD-FAN3111_11 Datasheet
1Mb / 18P
   Single 1A High-Speed, Low-Side Gate Driver
logo
Texas Instruments
UCC27517A-Q1 TI1-UCC27517A-Q1_15 Datasheet
1Mb / 31P
[Old version datasheet]   Single-Channel High-Speed Low-Side Gate Driver
UCC27511_1209 TI1-UCC27511_1209 Datasheet
1Mb / 32P
[Old version datasheet]   Single Channel High-Speed, Low-Side Gate Driver
logo
Fairchild Semiconductor
FAN3121 FAIRCHILD-FAN3121_12 Datasheet
1Mb / 20P
   Single 9A High-Speed, Low-Side Gate Driver
FAN3121 FAIRCHILD-FAN3121 Datasheet
1Mb / 21P
   Single 9A High-Speed, Low-Side Gate Driver
logo
ON Semiconductor
FAN3111 ONSEMI-FAN3111 Datasheet
919Kb / 19P
   Single 1A High-Speed, Low-Side Gate Driver
January 2015 Rev. 1.6
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com