Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

FAN5361UC10X Arkusz danych(PDF) 6 Page - Fairchild Semiconductor

Numer części FAN5361UC10X
Szczegółowy opis  6MHz, 600mA TinyBuck??Synchronous Buck Regulator
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  FAIRCHILD [Fairchild Semiconductor]
Strona internetowa  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FAN5361UC10X Arkusz danych(HTML) 6 Page - Fairchild Semiconductor

Back Button FAN5361UC10X Datasheet HTML 2Page - Fairchild Semiconductor FAN5361UC10X Datasheet HTML 3Page - Fairchild Semiconductor FAN5361UC10X Datasheet HTML 4Page - Fairchild Semiconductor FAN5361UC10X Datasheet HTML 5Page - Fairchild Semiconductor FAN5361UC10X Datasheet HTML 6Page - Fairchild Semiconductor FAN5361UC10X Datasheet HTML 7Page - Fairchild Semiconductor FAN5361UC10X Datasheet HTML 8Page - Fairchild Semiconductor FAN5361UC10X Datasheet HTML 9Page - Fairchild Semiconductor FAN5361UC10X Datasheet HTML 10Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 17 page
background image
© 2008 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FAN5361 • Rev. 1.0.0
6
Typical Performance Characteristics (Continued)
Unless otherwise noted, VIN = VEN = 3.6V, VMODE = 0V, VOUT = 1.82V, TA = 25°C.
5
10
15
20
25
30
35
40
45
50
0
0.1
0.2
0.3
0.4
0.5
0.6
VIN=2.5V
VIN=3.6V
VIN=5.5V
ILOAD Output Current (A)
COUT=4.7μF nom.
0
5
10
15
20
25
30
35
40
45
0
0.1
0.2
0.3
0.4
0.5
0.6
ILOAD Output Current (A)
2.5VIN
3.6VIN
5.5VIN
VOUT=1.2V
COUT=4.7µF nom.
Figure 11. Peak-to-Peak Output Voltage Ripple
Figure 12. 1.2VOUT Peak-to-Peak Output Voltage Ripple
0
1
2
3
4
5
6
7
0
0.1
0.20.3
0.40.5
0.6
Load Current (A)
VIN>2.4V
VIN=2.3V
VOUT=1.2V
Figure 13. Effect of tOFF(MIN) on Switching Frequency
Figure 14. 1.2VOUT Effect of tOFF(MIN) on
Switching Frequency
0
50
100
150
200
250
300
350
2.53.0
3.54.0
4.55.0
5.5
Input Voltage (V)
PFM Border
PWM Borde
The switching mode changes
at these borders
Always PFM
Always PWM
0
50
100
150
200
250
300
350
2.5
3.0
3.5
4.0
4.5
5.0
5.5
Input Voltage (V)
PFM border
PWM border
The switching mode changes
at these borders
Always PWM
Always PFM
Figure 15. PFM / PWM Boundaries
Figure 16. 1.2VOUT PFM / PWM Boundaries


Podobny numer części - FAN5361UC10X

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ON Semiconductor
FAN5361UC123X ONSEMI-FAN5361UC123X Datasheet
1Mb / 18P
   6 MHz, 600 mA / 750 mA Synchronous Buck Regulator
October-2017, Rev. 2
FAN5361UC182X ONSEMI-FAN5361UC182X Datasheet
1Mb / 18P
   6 MHz, 600 mA / 750 mA Synchronous Buck Regulator
October-2017, Rev. 2
FAN5361UC19X ONSEMI-FAN5361UC19X Datasheet
1Mb / 18P
   6 MHz, 600 mA / 750 mA Synchronous Buck Regulator
October-2017, Rev. 2
More results

Podobny opis - FAN5361UC10X

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Fairchild Semiconductor
FAN5361 FAIRCHILD-FAN5361_10 Datasheet
1Mb / 18P
   6MHz, 600mA / 750mA Synchronous Buck Regulator
logo
Sipex Corporation
SP6659 SIPEX-SP6659 Datasheet
201Kb / 10P
   1.5MHz, 600mA Synchronous Buck Regulator
SP6659 SIPEX-SP6659_06 Datasheet
340Kb / 11P
   1.5MHz, 600mA Synchronous Buck Regulator
logo
Anpec Electronics Corop...
APW7101 ANPEC-APW7101 Datasheet
341Kb / 16P
   1.5MHz, 600mA, Synchronous Buck Regulator
logo
ON Semiconductor
FAN53541 ONSEMI-FAN53541 Datasheet
1Mb / 17P
   2.4 MHz, 5 A TinyBuck Synchronous Buck Regulator
Rev. 1.1
logo
Fairchild Semiconductor
FAN2315MPX FAIRCHILD-FAN2315MPX Datasheet
1Mb / 19P
   FAN2315 TinyBuck 15 A Integrated Synchronous Buck Regulator
FAN2106 FAIRCHILD-FAN2106 Datasheet
437Kb / 14P
   TinyBuck 6A, 24V Input Integrated Synchronous Buck Regulator
FAN2106 FAIRCHILD-FAN2106_08 Datasheet
770Kb / 14P
   TinyBuck?? 6A, 24V Input, Integrated Synchronous Buck Regulator
FAN2103 FAIRCHILD-FAN2103_08 Datasheet
964Kb / 14P
   TinyBuck??3A, 24V Input, Integrated Synchronous Buck Regulator
FAN53541 FAIRCHILD-FAN53541 Datasheet
1Mb / 15P
   2.4 MHz, 5 A TinyBuck Synchronous Buck Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com