Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

FAN5355UC03X Arkusz danych(PDF) 5 Page - Fairchild Semiconductor

Numer części FAN5355UC03X
Szczegółowy opis  1A / 0.8A, 3MHz Digitally Programmable TinyBuckTM Regulator
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  FAIRCHILD [Fairchild Semiconductor]
Strona internetowa  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FAN5355UC03X Arkusz danych(HTML) 5 Page - Fairchild Semiconductor

  FAN5355UC03X Datasheet HTML 1Page - Fairchild Semiconductor FAN5355UC03X Datasheet HTML 2Page - Fairchild Semiconductor FAN5355UC03X Datasheet HTML 3Page - Fairchild Semiconductor FAN5355UC03X Datasheet HTML 4Page - Fairchild Semiconductor FAN5355UC03X Datasheet HTML 5Page - Fairchild Semiconductor FAN5355UC03X Datasheet HTML 6Page - Fairchild Semiconductor FAN5355UC03X Datasheet HTML 7Page - Fairchild Semiconductor FAN5355UC03X Datasheet HTML 8Page - Fairchild Semiconductor FAN5355UC03X Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 27 page
background image
© 2008 Fairchild Semiconductor Corporation
5
www.fairchildsemi.com
FAN5355 • Rev. 1.0.4
Electrical Specifications
VIN = 3.6V, EN = VIN, VSEL = VIN, SYNC = GND, VSEL0(6) bit = 1, CONTROL2[4:3] = 00. TA = -40°C to +85°C, unless otherwise
noted. Typical values are at TA = 25°C. Circuit and components according to Figure 1.
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Units
Power Supplies
VIN
Input Voltage Range
2.7
5.5
V
IO = 0mA, EPFM Mode, FPFM = 25kHz
110
150
μA
IO = 0mA, NPFM Mode
37
50
μA
IQ
Quiescent Current
IO = 0mA, 3MHz PWM Mode
4.8
mA
EN = GND
0.1
2.0
I SD
Shutdown Supply Current
EN = VIN, EN_DCDC bit = 0,
SDA = SCL = VIN
0.1
2.0
μA
VIN Rising
2.40
2.60
V
VUVLO
Under-Voltage Lockout Threshold
VIN Falling
2.00
2.15
2.30
V
VUVHYST
Under-Voltage Lockout Hysteresis
200
250
300
mV
ENABLE, VSEL, SDA, SCL, SYNC
VIH
HIGH-Level Input Voltage
1.2
V
VIL
LOW-Level Input Voltage
0.4
V
IIN
Input Bias Current
Input tied to GND or VIN
0.01
1.00
μA
Power Switch and Protection
VIN = 3.6V, CSP Package
145
VIN = 3.6V, MLP Package
165
RDS(ON)P
P-channel MOSFET On Resistance
VIN = 2.7V, MLP Package
200
mΩ
ILKGP
P-channel Leakage Current
VDS = 6V
1
μA
VIN = 3.6V, CSP Package
75
VIN = 3.6V, MLP Package
95
RDS(ON)N
N-channel MOSFET On Resistance
VIN = 2.7V, MLP Package
101
mΩ
ILKGN
N-channel Leakage Current
VDS = 6V
1
μA
RDIS
Discharge Resistor for Power-down
Sequence
Options 03, 06, 07
15
50
2.7V ≤ VIN ≤ 4.2V, All Options Except 06
and 07
1150
1350
1600
2.7V ≤ VIN ≤ 5.5V, All Options Except 06
and 07
1050
1350
1600
ILIMPK
P-MOS Current Limit
2.7V ≤ VIN ≤ 4.2V, 06 and 07 Option
1300
1550
1800
mA
TLIMIT
Thermal Shutdown
150
°C
THYST
Thermal Shutdown Hysteresis
20
°C
Frequency Control
fSW
Oscillator Frequency
2.65
3.00
3.35
MHz
fSYNC
Synchronization Range
2.7
3.0
3.3
MHz
DSYNC
Synchronization Duty Cycle
20
80
%
fSYNCVAL
SYNC Frequency Rejection
1.6
4.3
MHz
fPFM(MIN)
Minimum PFM Frequency
EPFM Mode, ILOAD = 0
25
kHz
Continued on the following page…


Podobny numer części - FAN5355UC03X

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Fairchild Semiconductor
FAN5355UC03X FAIRCHILD-FAN5355UC03X Datasheet
2Mb / 26P
   1A / 0.8A, 3MHz Digitally Programmable Regulator
logo
ON Semiconductor
FAN5355UC03X ONSEMI-FAN5355UC03X Datasheet
1Mb / 27P
   1.1 A / 1 A / 0.8 A, 3 MHz Digitally Programmable Regulator
Rev. 1.1.7
More results

Podobny opis - FAN5355UC03X

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Fairchild Semiconductor
FAN5355 FAIRCHILD-FAN5355_10 Datasheet
2Mb / 26P
   1A / 0.8A, 3MHz Digitally Programmable Regulator
FAN5365 FAIRCHILD-FAN5365 Datasheet
1,020Kb / 24P
   1A / 0.8A, 6MHz Digitally Programmable Regulator
logo
ON Semiconductor
FAN53200 ONSEMI-FAN53200 Datasheet
785Kb / 16P
   Digitally Programmable TinyBuck Regulator
January, 2018 ??Rev. 2
FAN53526 ONSEMI-FAN53526 Datasheet
1Mb / 25P
   Digitally Programmable TinyBuck Regulator
July 2017 Rev. 3.1
FAN53525 ONSEMI-FAN53525 Datasheet
509Kb / 6P
   3.0A, 2.4MHz, Digitally Programmable TinyBuck Regulator
Rev. 1.0.1
logo
Fairchild Semiconductor
FAN53525 FAIRCHILD-FAN53525 Datasheet
390Kb / 4P
   3.0A, 2.4MHz, Digitally Programmable TinyBuck Regulator
logo
Richtek Technology Corp...
RT8048 RICHTEK-RT8048 Datasheet
162Kb / 11P
   3MHz 1A Step-Down Converter
DS8048-01 RICHTEK-DS8048-01 Datasheet
168Kb / 11P
   3MHz 1A Step-Down Converter
logo
ON Semiconductor
FAN53202 ONSEMI-FAN53202 Datasheet
1Mb / 21P
   5 A, 2.4 MHz, Digitally Programmable TinyBuck Regulator
Rev. 1.0
FAN53555 ONSEMI-FAN53555 Datasheet
1Mb / 32P
   5 A, 2.4 MHz, Digitally Programmable TinyBuck Regulator
March, 2018 ??Rev. 3
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com