Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

FAN3225CMPX Arkusz danych(PDF) 2 Page - Fairchild Semiconductor

Numer części FAN3225CMPX
Szczegółowy opis  Dual 4A High-Speed, Low-Side Gate Drivers
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  FAIRCHILD [Fairchild Semiconductor]
Strona internetowa  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FAN3225CMPX Arkusz danych(HTML) 2 Page - Fairchild Semiconductor

  FAN3225CMPX Datasheet HTML 1Page - Fairchild Semiconductor FAN3225CMPX Datasheet HTML 2Page - Fairchild Semiconductor FAN3225CMPX Datasheet HTML 3Page - Fairchild Semiconductor FAN3225CMPX Datasheet HTML 4Page - Fairchild Semiconductor FAN3225CMPX Datasheet HTML 5Page - Fairchild Semiconductor FAN3225CMPX Datasheet HTML 6Page - Fairchild Semiconductor FAN3225CMPX Datasheet HTML 7Page - Fairchild Semiconductor FAN3225CMPX Datasheet HTML 8Page - Fairchild Semiconductor FAN3225CMPX Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 24 page
background image
© 2007 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FAN3223 / FAN3224 / FAN3225 • Rev. 1.0.5
2
Ordering Information
Part Number
Logic
Input
Threshold
Package
Packing
Method
Quantity
per Reel
FAN3223CMPX
3x3mm MLP-8
Tape & Reel
3,000
FAN3223CMX
CMOS
SOIC-8
Tape & Reel
2,500
FAN3223TMPX
3x3mm MLP-8
Tape & Reel
3,000
FAN3223TMX
Dual Inverting Channels + Dual Enable
TTL
SOIC-8
Tape & Reel
2,500
FAN3224CMPX
3x3mm MLP-8
Tape & Reel
3,000
FAN3224CMX
CMOS
SOIC-8
Tape & Reel
2,500
FAN3224TMPX
3x3mm MLP-8
Tape & Reel
3,000
FAN3224TMX
Dual Non-Inverting Channels + Dual
Enable
TTL
SOIC-8
Tape & Reel
2,500
FAN3225CMPX
3x3mm MLP-8
Tape & Reel
3,000
FAN3225CMX
CMOS
SOIC-8
Tape & Reel
2,500
FAN3225TMPX
3x3mm MLP-8
Tape & Reel
3,000
FAN3225TMX
Dual Channels of Two-Input / One-
Output Drivers
TTL
SOIC-8
Tape & Reel
2,500
All standard Fairchild Semiconductor products are RoHS compliant and many are also “GREEN” or going green. For Fairchild’s
definition of “green” please visit: http://www.fairchildsemi.com/company/green/rohs_green.html.
Package Outlines
Figure 2. 3x3mm MLP-8 (Top View)
Figure 3. SOIC-8 (Top View)
Thermal Characteristics
(1)
Package
ΘJL
(2)
ΘJT
(3)
ΘJA
(4)
ΨJB
(5)
ΨJT
(6)
Units
8-Lead 3x3mm Molded Leadless Package (MLP)
1.2
64
42
2.8
0.7
°C/W
8-Pin Small Outline Integrated Circuit (SOIC)
38
29
87
41
2.3
°C/W
Notes:
1.
Estimates derived from thermal simulation; actual values depend on the application.
2.
Theta_JL (
ΘJL): Thermal resistance between the semiconductor junction and the bottom surface of all the leads (including any
thermal pad) that are typically soldered to a PCB.
3.
Theta_JT (
ΘJT): Thermal resistance between the semiconductor junction and the top surface of the package, assuming it is
held at a uniform temperature by a top-side heatsink.
4.
Theta_JA (ΘJA): Thermal resistance between junction and ambient, dependent on the PCB design, heat sinking, and airflow.
The value given is for natural convection with no heatsink, as specified in JEDEC standards JESD51-2, JESD51-5, and
JESD51-7, as appropriate.
5.
Psi_JB (
ΨJB): Thermal characterization parameter providing correlation between semiconductor junction temperature and an
application circuit board reference point for the thermal environment defined in Note 4. For the MLP-8 package, the board
reference is defined as the PCB copper connected to the thermal pad and protruding from either end of the package. For the
SOIC-8 package, the board reference is defined as the PCB copper adjacent to pin 6.
6.
Psi_JT (
ΨJT): Thermal characterization parameter providing correlation between the semiconductor junction temperature and
the center of the top of the package for the thermal environment defined in Note 4.


Podobny numer części - FAN3225CMPX

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Fairchild Semiconductor
FAN3225CMPX FAIRCHILD-FAN3225CMPX Datasheet
1Mb / 25P
   Dual 4A High-Speed, Low-Side Gate Drivers
FAN3225CMPX FAIRCHILD-FAN3225CMPX Datasheet
1Mb / 25P
   Dual 4A High-Speed, Low-Side Gate Drivers
logo
ON Semiconductor
FAN3225CMPX ONSEMI-FAN3225CMPX Datasheet
1Mb / 29P
   Dual 4-A High-Speed, Low-Side Gate Drivers
December-2017, Rev. 2
More results

Podobny opis - FAN3225CMPX

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Fairchild Semiconductor
FAN3223 FAIRCHILD-FAN3223_10 Datasheet
1Mb / 25P
   Dual 4A High-Speed, Low-Side Gate Drivers
FAN3213 FAIRCHILD-FAN3213 Datasheet
1Mb / 18P
   Dual-4A, High-Speed, Low-Side Gate Drivers
FAN3223 FAIRCHILD-FAN3223_11 Datasheet
1Mb / 25P
   Dual 4A High-Speed, Low-Side Gate Drivers
FAN3223 FAIRCHILD-FAN3223_12 Datasheet
1Mb / 24P
   Dual 4A High-Speed, Low-Side Gate Drivers
FAN3226 FAIRCHILD-FAN3226_11 Datasheet
1Mb / 25P
   Dual 2A High-Speed, Low-Side Gate Drivers
FAN3226 FAIRCHILD-FAN3226 Datasheet
1Mb / 24P
   Dual 2A High-Speed, Low-Side Gate Drivers
FAN3227 FAIRCHILD-FAN3227_10 Datasheet
1Mb / 25P
   Dual 2A High-Speed, Low-Side Gate Drivers
FAN3228 FAIRCHILD-FAN3228_10 Datasheet
1Mb / 25P
   Dual 2A High-Speed, Low-Side Gate Drivers
FAN3226 FAIRCHILD-FAN3226_12 Datasheet
1Mb / 24P
   Dual 2A High-Speed, Low-Side Gate Drivers
FAN3216 FAIRCHILD-FAN3216_12 Datasheet
1Mb / 18P
   Dual-2A, High-Speed, Low-Side Gate Drivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com