Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

FAN5632 Arkusz danych(PDF) 3 Page - Fairchild Semiconductor

Numer części FAN5632
Szczegółowy opis  Regulated Step-Down Charge Pump DC/DC Converter
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  FAIRCHILD [Fairchild Semiconductor]
Strona internetowa  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FAN5632 Arkusz danych(HTML) 3 Page - Fairchild Semiconductor

  FAN5632 Datasheet HTML 1Page - Fairchild Semiconductor FAN5632 Datasheet HTML 2Page - Fairchild Semiconductor FAN5632 Datasheet HTML 3Page - Fairchild Semiconductor FAN5632 Datasheet HTML 4Page - Fairchild Semiconductor FAN5632 Datasheet HTML 5Page - Fairchild Semiconductor FAN5632 Datasheet HTML 6Page - Fairchild Semiconductor FAN5632 Datasheet HTML 7Page - Fairchild Semiconductor FAN5632 Datasheet HTML 8Page - Fairchild Semiconductor FAN5632 Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
© 2006 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FAN5631/FAN5632 Rev. 1.0.2
3
Pin Configuration
VIN
VOUT
NC
NC
NC
CB+
CB-
GND
VSEL
EN
10
9
6
7
8
1
2
3
4
5
Top View
Figure 3. Pin Assignments
Pin Definitions
Pin #
Name
Description
1
VSEL
Output Voltage Select Logic Input Pin. The VSEL pin cannot be left floating and must be
connected to either a logic high or logic low level.
FAN5631: If a logic low is applied to the VSEL pin, VOUT is 1.2V; if a logic high is
applied, VOUT is 1.5V.
FAN5632: If a logic low is applied to the VSEL pin, the efficiency optimization mode is enabled
and the output voltage accuracy is relaxed to meet optimum efficiency. If a logic high is
applied, the device operates like a typical charge pump converter.
2
EN
Enable Input Pin. If a logic high is applied to the EN pin, the device is enabled. If a logic low is
applied, the device is disabled and the supply current is reduced to less than 1µA. The EN pin
cannot be left floating and must be connected to a logic high or logic low level.
3
CB+
Bucket Capacitor Positive Pin.
4
GND
Ground Pin. This pin is connected to the internal MOSFET switches. This pin must be
externally connected to GND.
5
CB-
Bucket Capacitor Negative Pin.
6
VOUT
Output Voltage Pin.
7
NC
Not Connected. This pin is not internally connected.
8
NC
Not Connected. This pin is not internally connected.
9
VIN
Supply Voltage Input.
10
NC
Not Connected. This pin is not internally connected.


Podobny numer części - FAN5632

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Fairchild Semiconductor
FAN5632 FAIRCHILD-FAN5632 Datasheet
541Kb / 11P
   Regulated Step-Down Charge Pump DC/DC Converter
FAN5632MPX FAIRCHILD-FAN5632MPX Datasheet
541Kb / 11P
   Regulated Step-Down Charge Pump DC/DC Converter
More results

Podobny opis - FAN5632

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Fairchild Semiconductor
FAN5601 FAIRCHILD-FAN5601 Datasheet
433Kb / 14P
   Regulated Step-Down Charge Pump DC/DC Converter
FAN5631 FAIRCHILD-FAN5631 Datasheet
541Kb / 11P
   Regulated Step-Down Charge Pump DC/DC Converter
FAN5601 FAIRCHILD-FAN5601_05 Datasheet
823Kb / 15P
   Regulated Step-Down Charge Pump DC/DC Converter
FAN5602 FAIRCHILD-FAN5602_07 Datasheet
840Kb / 14P
   Universal (Step-Up/Step-Down) Charge Pump Regulated DC/DC Converter
FAN5602_0705 FAIRCHILD-FAN5602_0705 Datasheet
843Kb / 14P
   Universal (Step-Up/Step-Down) Charge Pump Regulated DC/DC Converter
logo
ON Semiconductor
FAN5602 ONSEMI-FAN5602 Datasheet
203Kb / 12P
   Universal (Step-Up/Step-Down) Charge Pump Regulated DC/DC Converter
July, 2019 ??Rev. 0
logo
Fairchild Semiconductor
FAN5602 FAIRCHILD-FAN5602 Datasheet
616Kb / 16P
   Universal (Step-Up/Step-Down) Charge Pump Regulated DC/DC Converter
FAN5602 FAIRCHILD-FAN5602_09 Datasheet
1Mb / 13P
   Universal (Step-Up/Step-Down) Charge Pump Regulated DC/DC Converter
logo
List of Unclassifed Man...
MAS9251 ETC-MAS9251 Datasheet
331Kb / 11P
   REGULATED CHARGE PUMP DC/DC CONVERTER
logo
Maxim Integrated Produc...
MAX619 MAXIM-MAX619 Datasheet
66Kb / 7P
   Regulated 5V Charge-Pump DC-DC Converter
Rev 2; 5/96
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com