Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

FDS6690AS Arkusz danych(PDF) 6 Page - Fairchild Semiconductor

Numer części FDS6690AS
Szczegółowy opis  30V N-Channel PowerTrench짰 SyncFET?
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  FAIRCHILD [Fairchild Semiconductor]
Strona internetowa  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FDS6690AS Arkusz danych(HTML) 6 Page - Fairchild Semiconductor

  FDS6690AS Datasheet HTML 1Page - Fairchild Semiconductor FDS6690AS Datasheet HTML 2Page - Fairchild Semiconductor FDS6690AS Datasheet HTML 3Page - Fairchild Semiconductor FDS6690AS Datasheet HTML 4Page - Fairchild Semiconductor FDS6690AS Datasheet HTML 5Page - Fairchild Semiconductor FDS6690AS Datasheet HTML 6Page - Fairchild Semiconductor FDS6690AS Datasheet HTML 7Page - Fairchild Semiconductor FDS6690AS Datasheet HTML 8Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
FDS6690AS Rev A2(X)
Typical Characteristics (continued)
SyncFET Schottky Body Diode
Characteristics
Fairchild’s SyncFET process embeds a Schottky
diode in parallel with PowerTrench MOSFET.
This diode exhibits similar characteristics to a
discrete external Schottky diode in parallel with a
MOSFET. Figure 12 shows the reverse recovery
characteristic of the FDS6690AS.
Figure 12. FDS6690AS SyncFET body
diode reverse recovery characteristic.
For comparison purposes, Figure 13 shows the
reverse recovery characteristics of the body diode
of an equivalent size MOSFET produced without
SyncFET (FDS6690A).
Figure 13. Non-SyncFET (FDS6690A)
body diode reverse recovery
characteristic.
Schottky barrier diodes exhibit significant leakage
at high temperature and high reverse voltage.
This will increase the power in the device.
0.000001
0.00001
0.0001
0.001
0.01
0.1
0
5
10
15
20
25
30
VDS, REVERSE VOLTAGE (V)
TA = 125
oC
TA = 25
oC
TA = 100
oC
Figure 14. SyncFET body diode reverse
leakage versus drain-source voltage and
temperature.
10nS/DIV
10nS/DIV
0V


Podobny numer części - FDS6690AS

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Fairchild Semiconductor
FDS6690AS FAIRCHILD-FDS6690AS Datasheet
143Kb / 8P
   30V N-Channel PowerTrench SyncFET
logo
Texas Instruments
FDS6690AS TI-FDS6690AS Datasheet
909Kb / 33P
[Old version datasheet]   Dual-Synchronous, Step-Down Controller with Out-of-Audio??Operation and 100-mA LDOs for Notebook System Power
logo
Fairchild Semiconductor
FDS6690AS_NL FAIRCHILD-FDS6690AS_NL Datasheet
143Kb / 8P
   30V N-Channel PowerTrench SyncFET
More results

Podobny opis - FDS6690AS

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Fairchild Semiconductor
FDS6299S FAIRCHILD-FDS6299S_07 Datasheet
603Kb / 6P
   30V N-Channel PowerTrench짰 SyncFET?
FDS6670AS FAIRCHILD-FDS6670AS_08 Datasheet
748Kb / 7P
   30V N-Channel PowerTrench짰 SyncFET?
FDS6688AS FAIRCHILD-FDS6688AS Datasheet
789Kb / 8P
   30V N-Channel PowerTrench짰 SyncFET?
FDS6676AS FAIRCHILD-FDS6676AS_08 Datasheet
846Kb / 8P
   30V N-Channel PowerTrench짰 SyncFET?
FDP6670AS FAIRCHILD-FDP6670AS_08 Datasheet
789Kb / 7P
   30V N-Channel PowerTrench짰 SyncFET?
FDD6680AS FAIRCHILD-FDD6680AS_08 Datasheet
332Kb / 8P
   30V N-Channel PowerTrench짰 SyncFET?
FDS6676AS_0511 FAIRCHILD-FDS6676AS_0511 Datasheet
1Mb / 8P
   30V N-Channel PowerTrench짰 SyncFET
FDS8672S FAIRCHILD-FDS8672S Datasheet
253Kb / 7P
   N-Channel PowerTrench짰 SyncFET??30V, 18A, 4.8m廓
FDMS8672AS FAIRCHILD-FDMS8672AS Datasheet
243Kb / 8P
   N-Channel PowerTrench짰 SyncFET 30V, 28A, 5.0m廓
FDMS8660AS FAIRCHILD-FDMS8660AS Datasheet
235Kb / 8P
   N-Channel PowerTrench짰 SyncFET 30V, 49A, 2.1m廓
More results


Html Pages

1 2 3 4 5 6 7 8


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com