Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

FSBB20CH60C Arkusz danych(PDF) 11 Page - Fairchild Semiconductor

Numer części FSBB20CH60C
Szczegółowy opis  Smart Power Module
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  FAIRCHILD [Fairchild Semiconductor]
Strona internetowa  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FSBB20CH60C Arkusz danych(HTML) 11 Page - Fairchild Semiconductor

Back Button FSBB20CH60C Datasheet HTML 7Page - Fairchild Semiconductor FSBB20CH60C Datasheet HTML 8Page - Fairchild Semiconductor FSBB20CH60C Datasheet HTML 9Page - Fairchild Semiconductor FSBB20CH60C Datasheet HTML 10Page - Fairchild Semiconductor FSBB20CH60C Datasheet HTML 11Page - Fairchild Semiconductor FSBB20CH60C Datasheet HTML 12Page - Fairchild Semiconductor FSBB20CH60C Datasheet HTML 13Page - Fairchild Semiconductor FSBB20CH60C Datasheet HTML 14Page - Fairchild Semiconductor FSBB20CH60C Datasheet HTML 15Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 17 page
background image
11
www.fairchildsemi.com
FSBB20CH60C Rev. D
(with the external shunt resistance and CR connection)
c1 : Normal operation: IGBT ON and carrying current.
c2 : Short circuit current detection (SC trigger).
c3 : Hard IGBT gate interrupt.
c4 : IGBT turns OFF.
c5 : Fault output timer operation starts: The pulse width of the fault output signal is set by the external capacitor CFO.
c6 : Input “L” : IGBT OFF state.
c7 : Input “H”: IGBT ON state, but during the active period of fault output the IGBT doesn’t turn ON.
c8 : IGBT OFF state
Figure 10. Short-Circuit Current Protection (Low-side Operation only)
Internal IGBT
Gate-Emitter Voltage
Lower arms
control input
Output Current
Sensing Voltage
of the shunt
resistance
Fault Output Signal
SC Reference Voltage
CR circuit time
constant delay
SC
Protection
circuit state
SET
RESET
c6
c7
c3
c2
c1
c8
c4
c5


Podobny numer części - FSBB20CH60C

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Fairchild Semiconductor
FSBB20CH60C FAIRCHILD-FSBB20CH60C Datasheet
698Kb / 17P
   Smart Power Module
logo
ON Semiconductor
FSBB20CH60C ONSEMI-FSBB20CH60C Datasheet
662Kb / 16P
   Motion SPM짰 3 Series
February 2016 Rev. 1.6
logo
Fairchild Semiconductor
FSBB20CH60CL FAIRCHILD-FSBB20CH60CL Datasheet
698Kb / 17P
   Smart Power Module
FSBB20CH60CT FAIRCHILD-FSBB20CH60CT Datasheet
414Kb / 17P
   Smart Power Module
logo
ON Semiconductor
FSBB20CH60CT ONSEMI-FSBB20CH60CT Datasheet
586Kb / 16P
   Motion SPM 3 Series
January 2014 Rev. C3
More results

Podobny opis - FSBB20CH60C

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Fairchild Semiconductor
FSBS10CH60 FAIRCHILD-FSBS10CH60 Datasheet
553Kb / 16P
   Smart Power Module
FSB32560 FAIRCHILD-FSB32560 Datasheet
264Kb / 16P
   Smart Power Module
FSBB20CH60L FAIRCHILD-FSBB20CH60L Datasheet
251Kb / 16P
   Smart Power Module
FSBF10CH60BT FAIRCHILD-FSBF10CH60BT Datasheet
402Kb / 17P
   Smart Power Module
FSBF15CH60BT FAIRCHILD-FSBF15CH60BT Datasheet
429Kb / 17P
   Smart Power Module
FSBF5CH60B FAIRCHILD-FSBF5CH60B Datasheet
404Kb / 17P
   Smart Power Module
FNA40560 FAIRCHILD-FNA40560 Datasheet
920Kb / 15P
   Smart Power Module
FNB41560 FAIRCHILD-FNB41560 Datasheet
910Kb / 15P
   Smart Power Module
logo
ON Semiconductor
FSB50250AB ONSEMI-FSB50250AB Datasheet
1Mb / 12P
   Smart Power Module
January 2012 Rev. A
logo
Fairchild Semiconductor
FNA41060_1010 FAIRCHILD-FNA41060_1010 Datasheet
1Mb / 16P
   Smart Power Module
FNA40860 FAIRCHILD-FNA40860 Datasheet
920Kb / 15P
   Smart Power Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com