Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

FDS6982AS Arkusz danych(PDF) 3 Page - Fairchild Semiconductor

Numer części FDS6982AS
Szczegółowy opis  Dual Notebook Power Supply N-Channel PowerTrench짰 SyncFET?
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  FAIRCHILD [Fairchild Semiconductor]
Strona internetowa  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FDS6982AS Arkusz danych(HTML) 3 Page - Fairchild Semiconductor

  FDS6982AS_08 Datasheet HTML 1Page - Fairchild Semiconductor FDS6982AS_08 Datasheet HTML 2Page - Fairchild Semiconductor FDS6982AS_08 Datasheet HTML 3Page - Fairchild Semiconductor FDS6982AS_08 Datasheet HTML 4Page - Fairchild Semiconductor FDS6982AS_08 Datasheet HTML 5Page - Fairchild Semiconductor FDS6982AS_08 Datasheet HTML 6Page - Fairchild Semiconductor FDS6982AS_08 Datasheet HTML 7Page - Fairchild Semiconductor FDS6982AS_08 Datasheet HTML 8Page - Fairchild Semiconductor FDS6982AS_08 Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
FDS6982AS Rev B1
Electrical Characteristics (continued)
T
A = 25°C unless otherwise noted
Symbol
Parameter
Test Conditions
Type Min
Typ
Max Units
Switching Characteristics (Note 2)
Qg(TOT)
Total Gate Charge at Vgs=10V
Q2
Q1
21
11
30
15
nC
Qg
Total Gate Charge at Vgs=5V
Q2
Q1
12
6
16
9
nC
Qgs
Gate–Source Charge
Q2
Q1
3.1
1.8
nC
Qgd
Gate–Drain Charge
Q2:
VDS = 15 V, ID = 11.5A
Q1:
VDS = 15 V, ID = 6.3A
Q2
Q1
3.6
2.4
nC
Drain–Source Diode Characteristics and Maximum Ratings
IS
Maximum Continuous Drain-Source Diode Forward Current
Q2
Q1
3.0
1.3
A
Trr
Reverse Recovery Time
19
ns
Qrr
Reverse Recovery Charge
IF = 11.5 A,
diF/dt = 300 A/µs
(Note 3)
Q2
12
nC
Trr
Reverse Recovery Time
20
ns
Qrr
Reverse Recovery Charge
IF = 6.3 A,
diF/dt = 100 A/µs
(Note 3)
Q1
9
nC
VSD
Drain-Source Diode Forward
Voltage
VGS = 0 V, IS = 3 A
(Note 2)
VGS = 0 V, IS = 6 A
(Note 2)
VGS = 0 V, IS = 1.3 A
(Note 2)
Q2
Q2
Q1
0.5
0.6
0.8
0.7
1.0
1.2
V
Notes:
1.
R
θ
JA is the sum of the junction-to-case and case-to-ambient thermal resistance where the case thermal reference is defined as the solder mounting surface of
the drain pins. R
θ
JC is guaranteed by design while RθCA is determined by the user's board design.
a)
78°C/W when
mounted on a
0.5in2 pad of 2
oz copper
b)
125°C/W when
mounted on a
0.02 in2 pad of
2 oz copper
c)
135°C/W when
mounted on a
minimum pad.
Scale 1 : 1 on letter size paper
2.
Pulse Test: Pulse Width < 300µs, Duty Cycle < 2.0%
3.
See “SyncFET Schottky body diode characteristics” below.
4
5


Podobny numer części - FDS6982AS_08

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Fairchild Semiconductor
FDS6982AS FAIRCHILD-FDS6982AS_06 Datasheet
1,009Kb / 10P
   Dual Notebook Power Supply N-Channel PowerTrench SyncFET
More results

Podobny opis - FDS6982AS_08

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ON Semiconductor
FDS6982AS ONSEMI-FDS6982AS Datasheet
611Kb / 11P
   Dual Notebook Power Supply N-Channel PowerTrench짰 SyncFET?
October-2017, Rev. 2
logo
Fairchild Semiconductor
FDS6984AS FAIRCHILD-FDS6984AS Datasheet
150Kb / 9P
   Dual Notebook Power Supply N-Channel PowerTrench SyncFET
FDS6994S FAIRCHILD-FDS6994S Datasheet
299Kb / 9P
   Dual Notebook Power Supply N-Channel PowerTrench SyncFET
FDS6986AS FAIRCHILD-FDS6986AS Datasheet
177Kb / 10P
   Dual Notebook Power Supply N-Channel PowerTrench SyncFET
FDS6982S FAIRCHILD-FDS6982S Datasheet
256Kb / 12P
   Dual Notebook Power Supply N-Channel PowerTrench SyncFet?
FDS6982AS FAIRCHILD-FDS6982AS_06 Datasheet
1,009Kb / 10P
   Dual Notebook Power Supply N-Channel PowerTrench SyncFET
FDS6982AS FAIRCHILD-FDS6982AS Datasheet
168Kb / 10P
   Dual Notebook Power Supply N-Channel PowerTrench SyncFET
FDS6984S FAIRCHILD-FDS6984S Datasheet
552Kb / 9P
   Dual Notebook Power Supply N-Channel PowerTrench SyncFET?
FDS6986S FAIRCHILD-FDS6986S Datasheet
200Kb / 9P
   Dual Notebook Power Supply N-Channel PowerTrench SyncFET?
FDS6984AS FAIRCHILD-FDS6984AS_08 Datasheet
443Kb / 9P
   Dual Notebook Power Supply N-Channel PowerTrench SyncFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com