Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

FAN4174IP5X Arkusz danych(PDF) 10 Page - Fairchild Semiconductor

Numer części FAN4174IP5X
Szczegółowy opis  Single and Dual, Ultra-Low Cost, Rail-to-Rail I/O, CMOS Amplifier
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  FAIRCHILD [Fairchild Semiconductor]
Strona internetowa  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FAN4174IP5X Arkusz danych(HTML) 10 Page - Fairchild Semiconductor

Back Button FAN4174IP5X Datasheet HTML 6Page - Fairchild Semiconductor FAN4174IP5X Datasheet HTML 7Page - Fairchild Semiconductor FAN4174IP5X Datasheet HTML 8Page - Fairchild Semiconductor FAN4174IP5X Datasheet HTML 9Page - Fairchild Semiconductor FAN4174IP5X Datasheet HTML 10Page - Fairchild Semiconductor FAN4174IP5X Datasheet HTML 11Page - Fairchild Semiconductor FAN4174IP5X Datasheet HTML 12Page - Fairchild Semiconductor FAN4174IP5X Datasheet HTML 13Page - Fairchild Semiconductor FAN4174IP5X Datasheet HTML 14Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
© 2004 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FAN4174/FAN4274 • Rev. 1.0.4
10
Layout Considerations
General layout and supply bypassing play major roles
in high-frequency performance. Fairchild evaluation
boards help guide high-frequency layout and aid in
device testing and characterization. Follow the steps
below as a basis for high-frequency layout:
1.
Include 6.8μF and 0.01μF ceramic capacitors.
2.
Place the 6.8μF capacitor within 0.75 inches
of the power pin.
3.
Place the 0.01μF capacitor within 0.1 inches
of the power pin.
4.
Remove the ground plane under and around
the part, especially near the input and output
pins, to reduce parasitic capacitance.
Minimize
all
trace
lengths
to
reduce
series
inductances.
Refer to the evaluation board layouts shown in
Figures 28-31 for more information.
When evaluating only one channel, complete the
following on the unused channel:
1.
Ground the non-inverting input.
2.
Short the output to the inverting input.
Evaluation Board Information
The following evaluation boards are available to aid in
the testing and layout of this device:
Evaluation
Board
Description
Products
KEB002
Single Channel,
Dual Supply, 5
and 6-Lead SOT23
FAN4174IS5X
KEB010
Dual Channel,
Dual Supply
8-Lead MSOP
FAN4274IMU8X
KEB011
Single Channel,
Dual Supply, 5
and 6-Lead SC70
FAN4174IP5X
Evaluation board schematics are shown in Figure 26
and Figure 27; layouts are shown in Figures 28-31.
Figure 26. FAN4174 Evaluation Board Schematic
(KEV002/KEB011)
Figure 27. FAN4274 Evaluation Board Schematic
(KEB010)


Podobny numer części - FAN4174IP5X

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Fairchild Semiconductor
FAN4174IP5X_NL FAIRCHILD-FAN4174IP5X_NL Datasheet
511Kb / 14P
   Single, Ultra-Low Cost, Rail-to-Rail I/O, CMOS Amplifier
More results

Podobny opis - FAN4174IP5X

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Fairchild Semiconductor
FAN4274 FAIRCHILD-FAN4274_12 Datasheet
1Mb / 13P
   Single and Dual, Ultra-Low Cost, Rail-to-Rail I/O, CMOS Amplifier
FAN4174 FAIRCHILD-FAN4174 Datasheet
511Kb / 14P
   Single, Ultra-Low Cost, Rail-to-Rail I/O, CMOS Amplifier
GB15RF120K FAIRCHILD-GB15RF120K Datasheet
678Kb / 10P
   Single, Ultra-Low Cost, Rail-to-Rail I/O, CMOS Amplifier
logo
ON Semiconductor
FAN4931 ONSEMI-FAN4931 Datasheet
1Mb / 13P
   Ultra-Low Cost, Rail-to-Rail I/O, CMOS Amplifier
February 2013 Rev. 1.0.2
logo
Fairchild Semiconductor
FAN4931 FAIRCHILD-FAN4931 Datasheet
1Mb / 11P
   Ultra-Low Cost, Rail-to-Rail I/O, CMOS Amplifier
logo
ON Semiconductor
FAN4174 ONSEMI-FAN4174 Datasheet
1Mb / 13P
   Single and Dual,Rail-to-Rail I/O, CMOS Amplifier
December-2107, Rev. 2
logo
Fairchild Semiconductor
KM4270 FAIRCHILD-KM4270 Datasheet
96Kb / 2P
   Dual, Low Cost, 2.7V and 5V, Rail-to-Rail I/O Amplifier
FAN4272 FAIRCHILD-FAN4272 Datasheet
289Kb / 11P
   Dual, Low Cost, 2.7V & 5V, Rail-to-Rail I/O Amplifier
KM7101 FAIRCHILD-KM7101 Datasheet
146Kb / 9P
   Ultra-Low Cost, 139A, 2.7V, 4.9MHz Rail-to-Rail I/O Amplifier
logo
Texas Instruments
OPA705 TI-OPA705_12 Datasheet
614Kb / 15P
[Old version datasheet]   Low-Cost, CMOS, Rail-to-Rail, I/O OPERATIONAL AMPLIFIERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com