Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

FAN5069MTCX Arkusz danych(PDF) 10 Page - Fairchild Semiconductor

Numer części FAN5069MTCX
Szczegółowy opis  PWM and LDO Controller Combo
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  FAIRCHILD [Fairchild Semiconductor]
Strona internetowa  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FAN5069MTCX Arkusz danych(HTML) 10 Page - Fairchild Semiconductor

Back Button FAN5069MTCX Datasheet HTML 6Page - Fairchild Semiconductor FAN5069MTCX Datasheet HTML 7Page - Fairchild Semiconductor FAN5069MTCX Datasheet HTML 8Page - Fairchild Semiconductor FAN5069MTCX Datasheet HTML 9Page - Fairchild Semiconductor FAN5069MTCX Datasheet HTML 10Page - Fairchild Semiconductor FAN5069MTCX Datasheet HTML 11Page - Fairchild Semiconductor FAN5069MTCX Datasheet HTML 12Page - Fairchild Semiconductor FAN5069MTCX Datasheet HTML 13Page - Fairchild Semiconductor FAN5069MTCX Datasheet HTML 14Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 22 page
background image
© 2005 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FAN5069 Rev. 1.1.5
10
Block Diagram
Figure 20. Block Diagram
Detailed Operation Description
FAN5069 combines a high-efficiency, fixed-frequency
PWM controller designed for single-phase synchronous
buck Point-Of-Load converters with an integrated LDO
controller to support GTL-type loads. This controller is
ideally suited to deliver low-voltage, high-current power
supplies needed in desktop computers, notebooks,
workstations, and servers. The controller comes with an
integrated boot diode which helps reduce component
cost and increase space savings. With this controller, the
input to the power supply can be varied from 3V to 24V
and the output voltage can be set to regulate at 0.8V to
15V on the switcher output. The LDO output can be con-
figured to regulate between 0.8V to 3V and the input to
the LDO can be from 1.5V to 5V, respectively. An internal
shunt regulator at the VCC pin facilitates the controller
operation from either a 5V or 12V power source.
VCC Bias Supply
FAN5069 can be configured to operate from 5V or 12V
for VCC. When 5V supply is used for VCC, no resistor is
required to be connected between the supply and the
VCC. When the 12V supply is used, a resistor RVCC is
connected between the 12V supply and the VCC, as
shown in Figure 1. The internal shunt regulator at the
VCC pin is capable of sinking 150mA of current to
ensure that the controller’s internal VCC is maintained at
5.6V maximum.
Choose a resistor such that:
It is rated to handle the power dissipation.
Current sunk within the controller is minimized to
prevent IC temperature rise.
RVCC Selection (IC)
The selection of RVCC is dependent on:
Variation of the 12V supply
Gate charge of the top and bottom FETs (QFET)
Switching frequency (FSW)
Shunt regulator minimum current (1mA)
Quiescent current of the IC (IQ)
Calculate RVCC based on the minimum input voltage for
the VCC:
(EQ. 1)
For a typical example, where: VinMIN = 11.5V, IQ = 3mA,
QFET = 30nC, FSW = 300KHz, RVCC is calculated to be
398.65
Ω.
PWM Section
The FAN5069’s PWM controller combines the conven-
tional voltage mode control and current sensing through
lower MOSFET RDS_ON to generate the PWM signals.
This method of current sensing is loss-less and cost
effective. For more accurate current sense requirements,
an optional external resistor can be connected with the
bottom MOSFET in series.
Current
Sense
Amplifier
FB
COMP
SS
Vref
Vcc
ILIM
R
ILIM
10
μA
10
μA
Current Limit
Comparator
Internal
Boot Diode
Internal Vcc 5.6V Max.
OSC
R
S
Q
PW M
EN
R(RAMP)
Ramp
Generator
Enable
Vcc
C
O
L
O
BOOT
Vout
R
RAMP
Error
Amplifier
PWM
Comparator
C
BOOT
V
IN
V
IN
Shunt Reg
HDRV
SW
LDRV
PGND
Summing
Σ
Amplifier
Adaptive
Gate Drive
Circuit
R
VCC
Vin
MIN
5.6
I
Q
110
3
Q
FET
F
SW
1.2
++
()
------------------------------------------------------------------------------------------
=


Podobny numer części - FAN5069MTCX

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Fairchild Semiconductor
FAN5069MTCX FAIRCHILD-FAN5069MTCX Datasheet
379Kb / 20P
   PWM and LDO Controller Combo
FAN5069MTCX FAIRCHILD-FAN5069MTCX Datasheet
621Kb / 22P
   PWM and LDO Controller Combo
More results

Podobny opis - FAN5069MTCX

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Fairchild Semiconductor
FAN5069 FAIRCHILD-FAN5069 Datasheet
379Kb / 20P
   PWM and LDO Controller Combo
FAN5069 FAIRCHILD-FAN5069_06 Datasheet
621Kb / 22P
   PWM and LDO Controller Combo
logo
International Rectifier
IRU3048 IRF-IRU3048 Datasheet
154Kb / 18P
   DUAL SYNCHRONOUS PWM CONTROLLER CIRCUITRY AND LDO CONTROLLER
logo
Advanced Power Electron...
APU3048 A-POWER-APU3048 Datasheet
189Kb / 15P
   DUAL SYNCHRONOUS PWM CONTROLLER CIRCUITRY AND LDO CONTROLLER
logo
Microsemi Corporation
NX2139A MICROSEMI-NX2139A Datasheet
857Kb / 21P
   SINGLE CHANNEL MOBILE PWM AND LDO CONTROLLER
logo
Fairchild Semiconductor
FAN5099 FAIRCHILD-FAN5099 Datasheet
1,018Kb / 24P
   Wide Frequency Synchronous Buck PWM AND LDO Controller
logo
Micro Linear Corporatio...
ML4819 MICRO-LINEAR-ML4819 Datasheet
290Kb / 15P
   Power Factor and PWM Controller Combo
logo
International Rectifier
IRU3046 IRF-IRU3046 Datasheet
163Kb / 20P
   DUAL SYNCHRONOUS PWM CONTROLLER WITH CURRENT SHARING CIRCUITRY AND LDO CONTROLLER
IRU3047 IRF-IRU3047 Datasheet
141Kb / 19P
   DUAL SYNCHRONOUS PWM CONTROLLER WITH CURRENT SHARING CIRCUITRY AND LDO CONTROLLER
logo
Microsemi Corporation
LX2750 MICROSEMI-LX2750 Datasheet
394Kb / 11P
   SINGLE INPUT SUPPLY PWM CONTROLLER WITH LDO CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com