Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

FAN5078D3MPX Arkusz danych(PDF) 9 Page - Fairchild Semiconductor

Numer części FAN5078D3MPX
Szczegółowy opis  Complete ACPI Compliant Power Solution for DDR3 Memory System
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  FAIRCHILD [Fairchild Semiconductor]
Strona internetowa  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FAN5078D3MPX Arkusz danych(HTML) 9 Page - Fairchild Semiconductor

Back Button FAN5078D3MPX Datasheet HTML 5Page - Fairchild Semiconductor FAN5078D3MPX Datasheet HTML 6Page - Fairchild Semiconductor FAN5078D3MPX Datasheet HTML 7Page - Fairchild Semiconductor FAN5078D3MPX Datasheet HTML 8Page - Fairchild Semiconductor FAN5078D3MPX Datasheet HTML 9Page - Fairchild Semiconductor FAN5078D3MPX Datasheet HTML 10Page - Fairchild Semiconductor FAN5078D3MPX Datasheet HTML 11Page - Fairchild Semiconductor FAN5078D3MPX Datasheet HTML 12Page - Fairchild Semiconductor FAN5078D3MPX Datasheet HTML 13Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 18 page
background image
© 2008 Fairchild Semiconductor Corporation
9
www.fairchildsemi.com
FAN5078D3 • Rev. 1.0.0
Electrical Specifications (Continued)
Parameter
Conditions
Min.
Typ.
Max.
Units
PWM Output Driver
Sourcing
1.8
3.0
HDRV Output Resistance
Sinking
1.8
3.0
Sourcing
1.8
3.0
LDRV Output Resistance
Sinking
1.2
2.0
PGOOD output
Lower Threshold
as % of set point, 2
μs noise filter
86
92
%
Upper Threshold
as % of set point, 2
μs noise filter
108
115
%
PGOOD Output Low
IPGOOD = 1.5 mA
0.5
V
Leakage Current
VPULLUP = 5V
1
µA
3.3V LDO
Regulation
I(3.3) from 0-1.25A, VCC > 4.75V
3.2
3.3
3.4
V
VTT Regulator
VDDQ IN Current
S0 mode, IVTT=0
35
70
mA
IVTT = 0, TA=25°C
-20
20
VREF IN to VTT Differential Output
Voltage
IVTT = ± 1.25A (pulsed)
-40
40
mV
VTT Current Limit
Pulsed (300ms maximum)
(1)
±1.5
±3.0
±4.0
A
VTT Leakage Current
EN = LOW
-20
20
µA
VTT SNS Input Resistance
VTT SNS to GND
110
KΩ
VTT PGOOD Threshold
Measured at VTT SNS
80
110
% VTT
REF
Drop-out Voltage
IVTT = ±1.5A
-0.7
+0.7
V
Control Functions
EN, S4ST# Input Threshold
1.00
1.25
1.55
V
S3#I Input Threshold
1.3
1.5
1.7
V
S3#I, EN, S4ST# Input Current
-1
1
µA
Over-Temperature Shutdown
150
°C
Over-Temperature Hysteresis
25
°C
S3#O Output Low RDS(ON)
170
300
S3#O Output High Leakage
V(S3#O) = 12V
1
5
µA
SBSW Pull-down Resistance
5V MAIN OK
150
200
SBSW Pull-up Resistance
900
1200
SBUSB# Pull-down Resistance
5V MAIN OK
150
200
SBUSB# Pull-up Resistance
550
750
SBSW, SBUSB# Output Current
5V MAIN < UVLO
500
nA
Note:
1.
Guaranteed by design and characterization; not tested in production.


Podobny numer części - FAN5078D3MPX

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Fairchild Semiconductor
FAN5078 FAIRCHILD-FAN5078 Datasheet
338Kb / 16P
   DDR/ACPI Regulator Combo
FAN5078MPX FAIRCHILD-FAN5078MPX Datasheet
338Kb / 16P
   DDR/ACPI Regulator Combo
More results

Podobny opis - FAN5078D3MPX

ProducentNumer częściArkusz danychSzczegółowy opis
logo
uPI Group Inc.
UP1566 UPI-UP1566 Datasheet
208Kb / 14P
   Complete DDR3/ DDR4 Memory Power Solution Controller
UP1740S UPI-UP1740S Datasheet
245Kb / 14P
   Complete DDR3/ DDR4 Memory Power Solution Converter
UP1565 UPI-UP1565 Datasheet
241Kb / 15P
   Complete DDR3/ DDR4 Memory Power Solution Controller
logo
Maxim Integrated Produc...
MAX17000A MAXIM-MAX17000A_13 Datasheet
755Kb / 32P
   Complete DDR2 and DDR3 Memory Power-Management Solution
Rev 3; 4/13
MAX17000 MAXIM-MAX17000_11 Datasheet
757Kb / 32P
   Complete DDR2 and DDR3 Memory Power-Management Solution
Rev 1; 2/11
MAX17000A MAXIM-MAX17000A_10 Datasheet
804Kb / 32P
   Complete DDR2 and DDR3 Memory Power-Management Solution
Rev 2; 11/10
MAX17000A MAXIM-MAX17000A Datasheet
750Kb / 31P
   Complete DDR2 and DDR3 Memory Power-Management Solution
Rev 0; 10/08
MAX17000 MAXIM-MAX17000_13 Datasheet
802Kb / 32P
   Complete DDR2 and DDR3 Memory Power-Management Solution
Rev 2; 4/13
MAX17000A MAXIM-MAX17000A_08 Datasheet
691Kb / 32P
   Complete DDR2 and DDR3 Memory Power-Management Solution
Rev 1; 12/08
logo
Texas Instruments
TPS51916 TI1-TPS51916_12 Datasheet
975Kb / 34P
[Old version datasheet]   Complete DDR2, DDR3 and DDR3L Memory Power Solution Synchronous Buck
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com