Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

1N4742A Arkusz danych(PDF) 2 Page - Fairchild Semiconductor

Numer części 1N4742A
Szczegółowy opis  Zener Diodes
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  FAIRCHILD [Fairchild Semiconductor]
Strona internetowa  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

1N4742A Arkusz danych(HTML) 2 Page - Fairchild Semiconductor

  1N4742A Datasheet HTML 1Page - Fairchild Semiconductor 1N4742A Datasheet HTML 2Page - Fairchild Semiconductor 1N4742A Datasheet HTML 3Page - Fairchild Semiconductor 1N4742A Datasheet HTML 4Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2
www.fairchildsemi.com
1N4728A - 1N4758A Rev. H1
Notes:
1. Zener Voltage (VZ)
The zener voltage is measured with the device junction in the thermal equilibrium at the lead temperature (TL) at 30°C ± 1°C and 3/8” lead length.
Top Mark Information
Device
VZ (V) @ IZ (Note 1)
Test Current
IZ (mA)
Max. Zener Impedance
Leakage Current
Min.
Typ.
Max.
ZZ @ IZ
(
Ω)
ZZK @
IZK (Ω)
IZK
(mA)
IR
(
μA)
VR
(V)
1N4743A
1N4744A
1N4745A
1N4746A
1N4747A
12.35
14.25
15.2
17.1
19
13
15
16
18
20
13.65
15.75
16.8
18.9
21
19
17
15.5
14
12.5
10
14
16
20
22
700
700
700
750
750
0.25
0.25
0.25
0.25
0.25
5
5
5
5
5
9.9
11.4
12.2
13.7
15.2
1N4748A
1N4749A
1N4750A
1N4751A
1N4752A
20.9
22.8
25.65
28.5
31.35
22
24
27
30
33
23.1
25.2
28.35
31.5
34.65
11.5
10.5
9.5
8.5
7.5
23
25
35
40
45
750
750
750
1000
1000
0.25
0.25
0.25
0.25
0.25
5
5
5
5
5
16.7
18.2
20.6
22.8
25.1
1N4753A
1N4754A
1N4755A
1N4756A
1N4757A
34.2
37.05
40.85
44.65
48.45
36
39
43
47
51
37.8
40.95
45.15
49.35
53.55
7
6.5
6
5.5
5
50
60
70
80
95
1000
1000
1500
1500
1500
0.25
0.25
0.25
0.25
0.25
5
5
5
5
5
27.4
29.7
32.7
35.8
38.8
1N4758A
53.2
56
58.8
4.5
110
2000
0.25
5
42.6
Device
Line 1
Line 2
Line 3
Line 4
Line 5
1N4728A
1N4729A
1N4730A
1N4731A
1N4732A
LOGO
LOGO
LOGO
LOGO
LOGO
47
47
47
47
47
28
29
30
31
32
A
A
A
A
A
XY
XY
XY
XY
XY
1N4733A
1N4734A
1N4735A
1N4736A
1N4737A
LOGO
LOGO
LOGO
LOGO
LOGO
47
47
47
47
47
33
34
35
36
37
A
A
A
A
A
XY
XY
XY
XY
XY
1N4738A
1N4739A
1N4740A
1N4741A
1N4742A
LOGO
LOGO
LOGO
LOGO
LOGO
47
47
47
47
47
38
39
40
41
42
A
A
A
A
A
XY
XY
XY
XY
XY
1N4743A
1N4744A
1N4745A
1N4746A
1N4747A
LOGO
LOGO
LOGO
LOGO
LOGO
47
47
47
47
47
43
44
45
46
47
A
A
A
A
A
XY
XY
XY
XY
XY
1N4748A
1N4749A
1N4750A
1N4751A
1N4752A
LOGO
LOGO
LOGO
LOGO
LOGO
47
47
47
47
47
48
49
50
51
52
A
A
A
A
A
XY
XY
XY
XY
XY
1N4753A
1N4754A
1N4755A
1N4756A
1N4757A
LOGO
LOGO
LOGO
LOGO
LOGO
47
47
47
47
47
53
54
55
56
57
A
A
A
A
A
XY
XY
XY
XY
XY
1N4758A
LOGO
47
58
A
XY


Podobny numer części - 1N4742A

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NXP Semiconductors
1N4742A PHILIPS-1N4742A Datasheet
31Kb / 6P
   Voltage regulator diodes
1996 Apr 26
logo
Vishay Siliconix
1N4742A VISHAY-1N4742A Datasheet
81Kb / 4P
   Zener Diodes
Rev. 2.3. 13-Nov-12
1N4742A VISHAY-1N4742A Datasheet
117Kb / 5P
   Zener Diodes
Rev. 1.8, 22-Feb-06
logo
Anova Technologies CO.,...
1N4742A ANOVA-1N4742A Datasheet
240Kb / 3P
   Axial Lead Zener Diodes
logo
List of Unclassifed Man...
1N4742A ETC1-1N4742A Datasheet
56Kb / 2P
   ZENER DIODES
More results

Podobny opis - 1N4742A

ProducentNumer częściArkusz danychSzczegółowy opis
logo
STMicroelectronics
RZ39A STMICROELECTRONICS-RZ39A Datasheet
555Kb / 3P
   ZENER DIODES DIODES ZENER
logo
Sangdest Microelectroni...
1N5225 SMC-1N5225 Datasheet
205Kb / 5P
   ZENER DIODES Diodes
logo
Hi-Sincerity Mocroelect...
HMBZ5221B HSMC-HMBZ5221B Datasheet
86Kb / 12P
   ZENER DIODES
logo
Vishay Siliconix
1N4728 VISHAY-1N4728 Datasheet
46Kb / 3P
   Zener Diodes
18-Apr-02
logo
General Semiconductor
BZX84 GE-BZX84 Datasheet
396Kb / 9P
   Zener Diodes
logo
Motorola, Inc
1N2804 MOTOROLA-1N2804 Datasheet
145Kb / 4P
   ZENER DIODES
logo
General Semiconductor
1N4681 GE-1N4681 Datasheet
40Kb / 2P
   ZENER DIODES
1N746 GE-1N746 Datasheet
36Kb / 2P
   ZENER DIODES
logo
Vishay Siliconix
BZY97-C3V9 VISHAY-BZY97-C3V9 Datasheet
164Kb / 5P
   Zener Diodes
29-Apr-02
logo
Guangdong Kexin Industr...
1SMA4728 KEXIN-1SMA4728 Datasheet
1Mb / 5P
   Zener Diodes
1SMA5914 KEXIN-1SMA5914 Datasheet
1Mb / 4P
   Zener Diodes
More results


Html Pages

1 2 3 4


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com