Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

FDS6679AZ Arkusz danych(PDF) 3 Page - Fairchild Semiconductor

Numer części FDS6679AZ
Szczegółowy opis  P-Channel PowerTrench짰 MOSFET
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  FAIRCHILD [Fairchild Semiconductor]
Strona internetowa  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FDS6679AZ Arkusz danych(HTML) 3 Page - Fairchild Semiconductor

  FDS6679AZ Datasheet HTML 1Page - Fairchild Semiconductor FDS6679AZ Datasheet HTML 2Page - Fairchild Semiconductor FDS6679AZ Datasheet HTML 3Page - Fairchild Semiconductor FDS6679AZ Datasheet HTML 4Page - Fairchild Semiconductor FDS6679AZ Datasheet HTML 5Page - Fairchild Semiconductor FDS6679AZ Datasheet HTML 6Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
FDS6679AZ Rev. B1
www.fairchildsemi.com
3
Typical Characteristics T
J = 25°C unless otherwise noted
Figure 1. On Region Characteristics
01
234
0
10
20
30
40
50
60
70
PULSE DURATION = 80µs
DUTY CYCLE = 0.5%MAX
VGS = -5V
VGS = -4V
VGS = -3V
VGS = -3.5V
VGS = -4.5V
VGS = -10V
-VDS, DRAIN TO SOURCE VOLTAGE (V)
Figure 2. Normalized
0
10
20304050
60
70
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
PULSE DURATION = 80µs
DUTY CYCLE = 0.5%MAX
-ID, DRAIN CURRENT(A)
VGS = -10V
VGS = -5V
VGS = -4.5V
VGS = -4V
VGS = -3.5V
On-Resistance vs Drain
Current and Gate Voltage
Figure 3.
-80
-40
0
40
80
120
160
0.6
0.8
1.0
1.2
1.4
1.6
I
D = -13A
V
GS = -10V
TJ, JUNCTION TEMPERATURE (oC)
Normalized On Resistance vs Junction
Temperature
Figure 4.
3.04.5
6.07.59.0
0
10
20
30
PULSE DURATION = 80µs
DUTY CYCLE = 0.5%MAX
TJ = 150oC
TJ = 25oC
ID = -13A
-VGS, GATE TO SOURCE VOLTAGE (V)
10
On-Resistance vs Gate to Source
Voltage
Figure 5. Transfer Characteristics
2.0
2.5
3.0
3.5
4.0
4.5
0
10
20
30
40
50
60
70
PULSE DURATION = 80µs
DUTY CYCLE = 0.5%MAX
TJ = -55oC
TJ = 25oC
TJ = 150oC
-VGS, GATE TO SOURCE VOLTAGE (V)
Figure 6.
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1E-3
0.01
0.1
1
10
100
TJ = -55oC
TJ = 25oC
TJ = 150oC
VGS = 0V
-VSD, BODY DIODE FORWARD VOLTAGE (V)
Source to Drain Diode Forward
Voltage vs Source Current


Podobny numer części - FDS6679AZ

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Fairchild Semiconductor
FDS6679AZ FAIRCHILD-FDS6679AZ Datasheet
414Kb / 6P
   P-Channel PowerTrench MOSFET -30V, -13A, 9mOhm
logo
TECH PUBLIC Electronics...
FDS6679AZ TECHPUBLIC-FDS6679AZ Datasheet
1Mb / 3P
   P-Channel Enhancement Mode MOSFET
logo
VBsemi Electronics Co.,...
FDS6679AZ-NL VBSEMI-FDS6679AZ-NL Datasheet
995Kb / 9P
   P-Channel 30-V (D-S) MOSFET
More results

Podobny opis - FDS6679AZ

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Fairchild Semiconductor
FDME910PZT FAIRCHILD-FDME910PZT Datasheet
271Kb / 7P
   P-Channel PowerTrench짰 MOSFET
FDS6675BZ FAIRCHILD-FDS6675BZ_08 Datasheet
457Kb / 6P
   P-Channel PowerTrench짰 MOSFET
logo
ON Semiconductor
FDD4685-F085 ONSEMI-FDD4685-F085 Datasheet
740Kb / 7P
   P-Channel PowerTrench짰 MOSFET
September-2017,Rev.2
logo
Fairchild Semiconductor
FDC610PZ FAIRCHILD-FDC610PZ Datasheet
450Kb / 6P
   P-Channel PowerTrench짰 MOSFET
FDMA86265P FAIRCHILD-FDMA86265P Datasheet
204Kb / 7P
   P-Channel PowerTrench짰 MOSFET
logo
ON Semiconductor
FDD6637-F085 ONSEMI-FDD6637-F085 Datasheet
455Kb / 8P
   P-Channel PowerTrench짰 MOSFET
September-2017, Rev. 3
logo
Fairchild Semiconductor
FDMC612PZ FAIRCHILD-FDMC612PZ Datasheet
261Kb / 7P
   P-Channel PowerTrench짰 MOSFET
FDD4141 FAIRCHILD-FDD4141 Datasheet
237Kb / 6P
   P-Channel PowerTrench짰 MOSFET
FDMA910PZ FAIRCHILD-FDMA910PZ Datasheet
236Kb / 7P
   Single P-Channel PowerTrench짰 MOSFET
FDMA1023PZ FAIRCHILD-FDMA1023PZ_08 Datasheet
473Kb / 7P
   Dual P-Channel PowerTrench짰 MOSFET
More results


Html Pages

1 2 3 4 5 6


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com