Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

FDS8880 Arkusz danych(PDF) 1 Page - Fairchild Semiconductor

Numer części FDS8880
Szczegółowy opis  N-Channel PowerTrench짰 MOSFET
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  FAIRCHILD [Fairchild Semiconductor]
Strona internetowa  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FDS8880 Arkusz danych(HTML) 1 Page - Fairchild Semiconductor

  FDS8880 Datasheet HTML 1Page - Fairchild Semiconductor FDS8880 Datasheet HTML 2Page - Fairchild Semiconductor FDS8880 Datasheet HTML 3Page - Fairchild Semiconductor FDS8880 Datasheet HTML 4Page - Fairchild Semiconductor FDS8880 Datasheet HTML 5Page - Fairchild Semiconductor FDS8880 Datasheet HTML 6Page - Fairchild Semiconductor FDS8880 Datasheet HTML 7Page - Fairchild Semiconductor FDS8880 Datasheet HTML 8Page - Fairchild Semiconductor FDS8880 Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
tm
April 2007
©2007 Fairchild Semiconductor Corporation
FDS8880 Rev. B
www.fairchildsemi.com
1
FDS8880
N-Channel PowerTrench® MOSFET
30V, 11.6A, 10m
Features
rDS(on) = 10mΩ, VGS = 10V, ID = 11.6A
rDS(on) = 12mΩ, VGS = 4.5V, ID = 10.7A
High performance trench technology for extremely low
rDS(on)
Low gate charge
High power and current handling capability
RoHS Compliant
General Description
This N-Channel MOSFET has been designed specifically to
improve the overall efficiency of DC/DC converters using
either synchronous or conventional switching PWM
controllers. It has been optimized for low gate charge, low
rDS(on) and fast switching speed.
Applications
DC/DC converters
SO-8
Branding Dash
1
5
2
3
4
4
3
2
1
5
6
7
8


Podobny numer części - FDS8880

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Fairchild Semiconductor
FDS8880 FAIRCHILD-FDS8880 Datasheet
259Kb / 12P
   N-Channel PowerTrench MOSFET
logo
Analog Devices
FDS8880 AD-FDS8880 Datasheet
853Kb / 32P
   Dual 5 A, 20 V Synchronous Step-Down
REV. 0
FDS8880 AD-FDS8880 Datasheet
843Kb / 28P
   20 V, 6 A Synchronous Step-Down
REV. 0
FDS8880 AD-FDS8880 Datasheet
2Mb / 32P
   Dual 3 A, 20 V Synchronous Step-Down Regulator with Integrated High-Side MOSFET
REV. A
More results

Podobny opis - FDS8880

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Fairchild Semiconductor
FDS8978 FAIRCHILD-FDS8978_11 Datasheet
704Kb / 11P
   N-Channel PowerTrench짰 MOSFET
FDMS86350 FAIRCHILD-FDMS86350 Datasheet
253Kb / 7P
   N-Channel PowerTrench짰 MOSFET
FDB8443_F085 FAIRCHILD-FDB8443_F085 Datasheet
621Kb / 7P
   N-Channel PowerTrench짰 MOSFET
FDB8896_F085 FAIRCHILD-FDB8896_F085 Datasheet
216Kb / 11P
   N-Channel PowerTrench짰 MOSFET
FDBL9401_F085 FAIRCHILD-FDBL9401_F085 Datasheet
385Kb / 6P
   N-Channel PowerTrench짰 MOSFET
FDD770N15A FAIRCHILD-FDD770N15A Datasheet
639Kb / 10P
   N-Channel PowerTrench짰 MOSFET
FDMS7698 FAIRCHILD-FDMS7698 Datasheet
256Kb / 7P
   N-Channel PowerTrench짰 MOSFET
FDB075N15A FAIRCHILD-FDB075N15A Datasheet
311Kb / 10P
   N-Channel PowerTrench짰 MOSFET
FDP100N10 FAIRCHILD-FDP100N10 Datasheet
454Kb / 8P
   N-Channel PowerTrench짰 MOSFET
FDD8444L FAIRCHILD-FDD8444L Datasheet
282Kb / 7P
   N-Channel PowerTrench짰 MOSFET
FDS8896 FAIRCHILD-FDS8896_07 Datasheet
622Kb / 12P
   N-Channel PowerTrench짰 MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com