Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

FDS8896 Arkusz danych(PDF) 5 Page - Fairchild Semiconductor

Numer części FDS8896
Szczegółowy opis  N-Channel PowerTrench짰 MOSFET
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  FAIRCHILD [Fairchild Semiconductor]
Strona internetowa  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FDS8896 Arkusz danych(HTML) 5 Page - Fairchild Semiconductor

  FDS8896 Datasheet HTML 1Page - Fairchild Semiconductor FDS8896 Datasheet HTML 2Page - Fairchild Semiconductor FDS8896 Datasheet HTML 3Page - Fairchild Semiconductor FDS8896 Datasheet HTML 4Page - Fairchild Semiconductor FDS8896 Datasheet HTML 5Page - Fairchild Semiconductor FDS8896 Datasheet HTML 6Page - Fairchild Semiconductor FDS8896 Datasheet HTML 7Page - Fairchild Semiconductor FDS8896 Datasheet HTML 8Page - Fairchild Semiconductor FDS8896 Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
©2007 Fairchild Semiconductor Corporation
FDS8896 Rev. B
www.fairchildsemi.com
5
NOTE: Refer to Fairchild Application Notes AN7514 and AN7515
Figure 5.
1
10
100
0.1
1
10
100
tAV, TIME IN AVALANCHE (ms)
STARTING TJ = 25oC
STARTING TJ = 150oC
tAV = (L)(IAS)/(1.3*RATED BVDSS - VDD)
If R = 0
If R
≠ 0
tAV = (L/R)ln[(IAS*R)/(1.3*RATED BVDSS - VDD) +1]
Unclamped Inductive Switching
Capability
Figure 6.
1.5
2.0
2.5
3.0
3.5
0
10
20
30
40
50
VDS = 5V
PULSE DURATION = 80µs
DUTY CYCLE = 0.5%MAX
TJ = -55oC
TJ = 25oC
TJ = 150oC
VGS, GATE TO SOURCE VOLTAGE (V)
Transfer Characteristics
Figure 7. Saturation Characteristics
0
10
20
30
40
50
0
0.1
0.2
0.3
0.4
0.5
VDS, DRAIN TO SOURCE VOLTAGE (V)
PULSE DURATION = 80
µs
DUTY CYCLE = 0.5% MAX
VGS = 3V
VGS = 10V
TA = 25oC
VGS = 5V
VGS = 2.5V
VGS = 4V
Figure 8.
4
6
8
10
12
14
24
68
10
VGS, GATE TO SOURCE VOLTAGE (V)
ID = 15A
PULSE DURATION = 80
µs
DUTY CYCLE = 0.5% MAX
Drain to Source On Resistance vs Gate
Voltage and Drain Current
Figure 9.
0.6
0.8
1.0
1.2
1.4
1.6
TJ, JUNCTION TEMPERATURE (oC)
VGS = 10V, ID = 15A
PULSE DURATION = 80
µs
DUTY CYCLE = 0.5% MAX
-80
-40
0
40
80
120
160
Normalized Drain to Source On
Resistance vs Junction Temperature
Figure 10.
0.6
1.0
1.2
TJ, JUNCTION TEMPERATURE (oC)
VGS = VDS, ID = 250µA
-80
-40
0
40
80
120
160
0.8
Normalized Gate Threshold Voltage vs
Junction Temperature
Typical Characteristics T
J = 25°C unless otherwise noted


Podobny numer części - FDS8896

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Fairchild Semiconductor
FDS8896 FAIRCHILD-FDS8896 Datasheet
260Kb / 12P
   N-Channel PowerTrench MOSFET
FDS8896 FAIRCHILD-FDS8896 Datasheet
644Kb / 12P
   N-Channel PowerTrench MOSFET
More results

Podobny opis - FDS8896

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Fairchild Semiconductor
FDS8978 FAIRCHILD-FDS8978_11 Datasheet
704Kb / 11P
   N-Channel PowerTrench짰 MOSFET
FDMS86350 FAIRCHILD-FDMS86350 Datasheet
253Kb / 7P
   N-Channel PowerTrench짰 MOSFET
FDB8443_F085 FAIRCHILD-FDB8443_F085 Datasheet
621Kb / 7P
   N-Channel PowerTrench짰 MOSFET
FDB8896_F085 FAIRCHILD-FDB8896_F085 Datasheet
216Kb / 11P
   N-Channel PowerTrench짰 MOSFET
FDBL9401_F085 FAIRCHILD-FDBL9401_F085 Datasheet
385Kb / 6P
   N-Channel PowerTrench짰 MOSFET
FDD770N15A FAIRCHILD-FDD770N15A Datasheet
639Kb / 10P
   N-Channel PowerTrench짰 MOSFET
FDMS7698 FAIRCHILD-FDMS7698 Datasheet
256Kb / 7P
   N-Channel PowerTrench짰 MOSFET
FDB075N15A FAIRCHILD-FDB075N15A Datasheet
311Kb / 10P
   N-Channel PowerTrench짰 MOSFET
FDP100N10 FAIRCHILD-FDP100N10 Datasheet
454Kb / 8P
   N-Channel PowerTrench짰 MOSFET
FDD8444L FAIRCHILD-FDD8444L Datasheet
282Kb / 7P
   N-Channel PowerTrench짰 MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com